Part Number Hot Search : 
MC145422 9S08DZ32 SSD1815B 70M10V6 FGA40N60 20ETF08 PHT1N52S WPA50
Product Description
Full Text Search
 

To Download CNX83AG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CNX83AG
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
APPROVALS l UL recognised, File No. E91231
2.54 7.0 6.0 1.2
Dimensions in mm 1 2 3 7.62 4.0 3.0 0.5 0.26 6 5 4
'X' SPECIFICATION APPROVALS l VDE 0884 approval pending
l
EN60950 approval pending
7.62 6.62
DESCRIPTION The CNX83AG optically coupled isolator consists of an infrared light emitting diode and a NPN silicon photo transistor in a standard 6 pin dual in line plastic package.
3.0 0.5 3.35
10.16
FEATURES l High Current Transfer Ratio (40% min) l Low Saturation Voltage suitable for TTL integrated circuits l High BVCEO (50V min) l High Isolation Voltage (5.3kVRMS ,7.5kVPK )
ABSOLUTE MAXIMUM RATINGS (25C unless otherwise specified) Storage Temperature -55C to + 150C Operating Temperature -55C to + 100C Lead Soldering Temperature (1/16 inch (1.6mm) from case for 10 secs) 260C INPUT DIODE
APPLICATIONS l DC motor controllers l Industrial systems controllers l Signal transmission between systems of different potentials and impedances
Forward Current Reverse Voltage Power Dissipation OUTPUT TRANSISTOR Collector-emitter Voltage BVCEO Collector-base Voltage BVCBO Emitter-collector Voltage BVECO Power Dissipation POWER DISSIPATION
60mA 6V 105mW
50V 70V 6V 160mW
Total Power Dissipation 200mW (derate linearly 2.67mW/C above 25C)
ISOCOM COMPONENTS LTD Unit 25B, Park View Road West, Park View Industrial Estate, Brenda Road Hartlepool, Cleveland, TS25 1YD Tel: (01429) 863609 Fax :(01429) 863581
13/12/00
ISOCOM INC 1024 S. Greenville Ave, Suite 240, Allen, TX 75002 USA Tel: (214) 495-0755 Fax: (214) 495-0901 e-mail info@isocom.com http://www.isocom.com
DB92513-AAS/A1
ELECTRICAL CHARACTERISTICS ( TA= 25C Unless otherwise noted ) PARAMETER Input Forward Voltage (VF) Reverse Voltage (VR) Reverse Current (IR) Collector-emitter Breakdown (BVCEO) ( Note 2 ) Collector-base Breakdown (BVCBO) Emitter-collector Breakdown (BVECO) Collector-emitter Dark Current (ICEO) Current Transfer Ratio (IC / IF ) (Note 2) MIN TYP MAX UNITS 1.2 6 10 50 70 6 50 1.5 V V A V V V nA TEST CONDITION IF = 10mA IR = 10A VR = 6V IC = 1mA IC = 100A IE = 100A VCE = 10V 10mA IF , 0.4V VCE 10mA IF , 5V VCE 0.4 5300 7500 5x1010 3 3 12 12 V VRMS VPK
s s s s
Output
Coupled
0.4 1.5
Collector-emitter Saturation VoltageVCE (SAT) Input to Output Isolation Voltage VISO Input-output Isolation Resistance RISO Turn-on Time Turn-off Time Turn-on Time Turn-off Time ton toff ton toff
10mA IF , 4mA IC See note 1 See note 1 VIO = 500V (note 1) VCC = 5V , IC = 2mA , RL = 100 VCC = 5V , IC = 2mA , RL = 1k
Note 1 Note 2
Measured with input leads shorted together and output leads shorted together. Special Selections are available on request. Please consult the factory.
13/12/00
DB92513-AAS/A1
Collector Power Dissipation vs. Ambient Temperature 200 Collector power dissipation P C (mW)
Collector Current vs. Collector-emitter Voltage 50 TA = 25C 50 30 20 15 20 10 0 10 IF = 5mA
150
Collector current I C (mA)
40 30
100
50
0 -30 0 25 50 75 100 125 Ambient temperature TA ( C ) (V) Forward Current vs. Ambient Temperature 80 70 Forward current I F (mA) 60 50 40 30 20 10 0 -30 0 25 50 75 100 125 Ambient temperature TA ( C ) Relative Current Transfer Ratio vs. Ambient Temperature 1.5 Relative current transfer ratio
0
2
4
6
8
10
Collector-emitter voltage VCE ( V ) Collector-emitter Saturation Voltage vs. Ambient Temperature 0.28 0.24 0.20 0.16 0.12 0.08 0.04 0 -30 0 25 50 75 100 Ambient temperature TA ( C ) Relative Current Transfer Ratio vs. Forward Current 2.8 Relative current transfer ratio IF = 10mA IC = 4mA
IF = 10mA VCE = 0.4V
Collector-emitter saturation voltage V
CE(SAT)
2.4 2.0 1.6 1.2 0.8 0.4 0 1 2 VCE = 0.4V TA = 25C 5 10 20 50
1.0
0.5
0 -30 0 25 50 75 Ambient temperature TA ( C ) 100
Forward current IF (mA)
DB92513-AAS/A1
13/12/00


▲Up To Search▲   

 
Price & Availability of CNX83AG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X