|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NO T DU C E NT PRO LACEM TE RE P OL E OB S E N D E D M OM Data Sheet RE C CA741, CA741C, CA1458, CA1558, LM741, LM741C, LM1458 May 2001 File Number 531.5 0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications tle 74 41 45 55 741 741 145 M le l, h Pinouts raal pliCA741, CA741C (CAN) TOP VIEW NC OFFSET NULL INV. INPUT 2 8 1 7 V+ Features * Input Bias Current . . . . . . . . . . . . . . . . . . . . 500nA (Max) * Input Offset Current . . . . . . . . . . . . . . . . . . . .200nA (Max) The CA1458, CA1558 (dual types); CA741C, CA741 (single types); high-gain operational amplifiers for use in military, industrial, and commercial applications. These monolithic silicon integrated circuit devices provide output short circuit protection and latch-free operation. These types also feature wide common mode and differential mode signal ranges and have low offset voltage nulling capability when used with an appropriately valued potentiometer. A 10k potentiometer is used for offset nulling types CA741C, CA741 (see Figure 1). Types CA1458, CA1558 have no specific terminals for offset nulling. Each type consists of a differential input amplifier that effectively drives a gain and level shifting stage having a complementary emitter follower output. The manufacturing process make it possible to produce IC operational amplifiers with low burst "popcorn'' noise characteristics. Technical Data on LM Branded types is identical to the corresponding CA Branded types. Applications * Comparator * Multivibrator * DC Amplifier * Summing Amplifier * Integrator or Differentiator * Narrow Band or Band Pass Filter Part Number Information PART NUMBER CA0741E CA0741CE CA1458E CA1558E CA0741T CA0741CT CA1558T LM741N LM741CN LM1458N TEMP. RANGE (oC) -55 to 125 0 to 70 0 to 70 -55 to 125 -55 to 125 0 to 70 -55 to 125 -55 to 125 0 to 70 0 to 70 PACKAGE 8 Ld PDIP 8 Ld PDIP 8 Ld PDIP 8 Ld PDIP 8 Pin Metal Can 8 Pin Metal Can 8 Pin Metal Can 8 Ld PDIP 8 Ld PDIP 8 Ld PDIP PKG. NO. E8.3 E8.3 E8.3 E8.3 T8.C T8.C T8.C E8.3 E8.3 E8.3 CA1558 (METAL CAN) TOP VIEW V+ 8 OUTPUT (A) INV. INPUT (A) 2 1 A + + B 7 OUTPUT (B) 6 INV. INPUT (B) 5 4 VNON-INV. INPUT (B) + 3 4 V5 s- NON-INV. INPUT OFFSET NULL NON-INV. INPUT (A) 3 li- CA741, CA741C, LM741, LM741C (PDIP) TOP VIEW OFFSET NULL INV. INPUT NON-INV. INPUT V1 2 3 4 8 NC V+ OUTPUT OFFSET NULL CA1458, CA1558, LM1458 (PDIP) TOP VIEW OUTPUT (A) INV. INPUT (A) NON-INV. INPUT (A) V1 A 2 B 3 4 6 INV. INPUT (B) 5 NON-INV. INPUT (B) 8 V+ 7 OUTPUT (B) + 7 6 5 1 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil and Design is a trademark of Intersil Americas Inc. | Copyright (c) Intersil Americas Inc. 2001 - - - - 6 OUT CA741, CA741C, CA1458, CA1558, LM741, LM741C, LM1458 Absolute Maximum Ratings Supply Voltage CA741C, CA1458, LM741C, LM1458 (Note 1) . . . . . . . . . . . 36V CA741, CA1558, LM741 (Note 1) . . . . . . . . . . . . . . . . . . . . . 44V Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY Offset Terminal to V- Terminal Voltage (CA741C, CA741). . . . 0.5V Output Short Circuit Duration. . . . . . . . . . . . . . . . . . . . . . . Indefinite Thermal Information Thermal Resistance (Typical, Note 3) JA (oC/W) JC (oC/W) PDIP Package . . . . . . . . . . . . . . . . . . . 130 N/A Can Package . . . . . . . . . . . . . . . . . . . . 155 67 Maximum Junction Temperature (Can Package). . . . . . . . . . 175oC Maximum Junction Temperature (Plastic Package). . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC Operating Conditions Temperature Range CA741, CA1558, LM741 . . . . . . . . . . . . . . . . . . . -55oC to 125oC CA741C, CA1458, LM741C, LM1458 (Note 2) . . . . 0oC to 70oC CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTES: 1. Values apply for each section of the dual amplifiers. 2. All types in any package style can be operated over the temperature range of -55oC to 125oC, although the published limits for certain electrical specification apply only over the temperature range of 0oC to 70oC. 3. JA is measured with the component mounted on an evaluation PC board in free air. Electrical Specifications PARAMETER Input Capacitance Offset Voltage Adjustment Range Output Resistance Output Short Circuit Current Transient Response Rise Time Overshoot Slew Rate (Closed Loop) Gain Bandwidth Product Typical Values Intended Only for Design Guidance, VSUPPLY = 15V SYMBOL CI TEST CONDITIONS TYPICAL VALUE (ALL TYPES) 1.4 15 RO 75 25 Unity Gain, VI = 20mV, RL = 2k, CL 100pF UNITS pF mV mA s % V/s MHz tr O.S. SR GBWP 0.3 5.0 RL 2k RL = 12k 0.5 0.9 Electrical Specifications For Equipment Design, VSUPPLY = 15V (NOTE 4) CA741, CA1558, LM741 MIN 12 70 0.3 TYP 1 1 13 90 30 2 MAX 5 6 150 (NOTE 4) CA741C, CA1458, LM741C, LM1458 MIN 12 70 0.3 TYP 2 13 90 30 2 MAX 6 7.5 150 UNITS mV mV V V dB dB V/V V/V M PARAMETER Input Offset Voltage TEST CONDITIONS RS 10k TEMP (oC) 25 Full Input Common Mode Voltage Range 25 Full Common Mode Rejection Ratio RS 10k 25 Full Power Supply Rejection Ratio RS 10k 25 Full Input Resistance 25 2 CA741, CA741C, CA1458, CA1558, LM741, LM741C, LM1458 Electrical Specifications For Equipment Design, VSUPPLY = 15V (Continued) (NOTE 4) CA741, CA1558, LM741 MIN 50,000 25,000 12 10 TYP 80 300 30 20 85 7 200,000 14 13 1.7 2 1.5 50 60 45 MAX 500 1500 500 200 500 200 2.8 3.3 2.5 85 100 75 (NOTE 4) CA741C, CA1458, LM741C, LM1458 MIN 20,000 15,000 12 10 10 TYP 80 20 200,000 14 13 13 1.7 50 MAX 500 800 200 300 2.8 85 UNITS nA nA nA nA nA nA nA nA V/V V/V V V V V mA mA mA mW mW mW PARAMETER Input Bias Current TEST CONDITIONS TEMP (oC) 25 Full -55 125 Input Offset Current 25 Full -55 125 Large Signal Voltage Gain RL 2k, VO = 10V 25 Full Output Voltage Swing RL 10k 25 Full RL 2k 25 Full Supply Current 25 -55 125 Device Power Dissipation 25 -55 125 NOTE: 4. Values apply for each section of the dual amplifiers. Test Circuits INVERTING INPUT NON-INVERTING INPUT 2 3 6 + OUTPUT VOUT + CL VIN RL 5 OFFSET 1 10k NULL V- FIGURE 1. OFFSET VOLTAGE NULL CIRCUIT FOR CA741C, CA741, LM741C, AND LM741 FIGURE 2. TRANSIENT RESPONSE TEST CIRCUIT FOR ALL TYPES 3 CA741, CA741C, CA1458, CA1558, LM741, LM741C, LM1458 Schematic Diagram (Notes 5, 6) CA741C, CA741, LM741C, LM741 AND FOR EACH AMPLIFIER OF THE CA1458, CA1558, AND LM1458 * D1 Q5 INVERTING INPUT D2 Q10 V+ * C1 30pF R7 4.5K Q12 Q11 D4 Q3 Q4 R8 7.5K Q13 NON-INVERTING INPUT * Q1 Q2 R5 39K R9 25 OUTPUT * Q8 Q15 Q16 Q14 D3 R10 50 Q6 OFFSET NULL Q7 Q9 * * R1 1K R3 50K R2 1K R4 3K Q17 R12 50K R11 80K * NOTES: 5. See Pinouts for Terminal Numbers of Respective Types. 6. All Resistance Values are in Ohms. V- Typical Performance Curves 40 TA = 25oC COMMON MODE INPUT RANGE (V) 15 OUTPUT SWING (VP-P) 35 30 25 20 15 10 5 0 0 5 10 15 20 DC SUPPLY (V+, V-) 0 0 5 10 15 20 DC SUPPLY (V+, V-) TA = 25oC RL 2k 10 5 FIGURE 3. COMMON MODE INPUT VOLTAGE RANGE vs SUPPLY VOLTAGE FOR ALL TYPES FIGURE 4. OUTPUT VOLTAGE vs SUPPLY VOLTAGE FOR ALL TYPES 4 CA741, CA741C, CA1458, CA1558, LM741, LM741C, LM1458 Typical Performance Curves 30 25 20 90% 15 20 5 10% RISE TIME 0 -0.5 0 -0.5 1.0 1.5 TIME (s) 2.0 2.5 3.0 (Continued) DC SUPPLY VOLTS (V+ = 15, V- = -15) TA = 25oC, C L = 100pF FIGURE 5. TRANSIENT RESPONSE FOR CA741C AND CA741 Metallization Mask Layout CA741CH 0 57 50 40 30 20 10 0 54 - 62 (1.372 - 1.575) 10 20 30 40 50 60 64 OUTPUT (mV) 4 - 10 (0.102 - 0.254) 61 - 69 (1.549 - 1.753) CA1458H 0 55 50 40 30 20 10 0 4 - 10 (0.102 - 0.254) 101 - 109 (2.565 - 2.768) 52 - 60 (1.321 - 1.524) 10 20 30 40 50 60 70 80 90 104 100 NOTE: Dimensions in parentheses are in millimeters and are derived from the basic inch dimensions as indicated. Grid graduations are in mils (103 inch). 5 CA741, CA741C, CA1458, CA1558, LM741, LM741C, LM1458 All Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at website www.intersil.com/design/quality/iso.asp. Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site www.intersil.com Sales Office Headquarters NORTH AMERICA Intersil Corporation 2401 Palm Bay Rd. Palm Bay, FL 32905 TEL: (321) 724-7000 FAX: (321) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil Ltd. 8F-2, 96, Sec. 1, Chien-kuo North, Taipei, Taiwan 104 Republic of China TEL: 886-2-2515-8508 FAX: 886-2-2515-8369 6 |
Price & Availability of CA0741E |