Part Number Hot Search : 
TIP145 HT66F018 PC160 MS68941 C1206 S451A EUP6514 0603C
Product Description
Full Text Search
 

To Download BUZ81 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 81
SIPMOS (R) Power Transistor
* N channel * Enhancement mode * Avalanche-rated
Pin 1 G
Pin 2 D
Pin 3 S
Type BUZ 81
VDS
800 V
ID
4A
RDS(on)
2.5
Package TO-220 AB
Ordering Code C67078-S1345-A2
Maximum Ratings Parameter Continuous drain current Symbol Values 4 Unit A
ID IDpuls
16
TC = 48 C
Pulsed drain current
TC = 25 C
Avalanche current,limited by Tjmax Avalanche energy,periodic limited by Tjmax Avalanche energy, single pulse
IAR EAR EAS
4 13 mJ
ID = 4 A, VDD = 50 V, RGS = 25 L = 48 mH, Tj = 25 C
Gate source voltage Power dissipation 410
VGS Ptot
20 125
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Semiconductor Group
Tj Tstg RthJC RthJA
-55 ... + 150 -55 ... + 150 1 75 E 55 / 150 / 56
C K/W
1
07/96
BUZ 81
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
800 3 0.1 10 10 2 4
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
2.1
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
1 100
A
VDS = 800 V, VGS = 0 V, Tj = 25 C VDS = 800 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
100
nA 2.5
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = 10 V, ID = 2.8 A
Semiconductor Group
2
07/96
BUZ 81
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
1 4 900 95 50 -
S pF 1350 140 75 ns 15 25
VDS 2 * ID * RDS(on)max, ID = 2.8 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 2.1 A RGS = 50
Rise time
tr
65 85
VDD = 30 V, VGS = 10 V, ID = 2.1 A RGS = 50
Turn-off delay time
td(off)
200 270
VDD = 30 V, VGS = 10 V, ID = 2.1 A RGS = 50
Fall time
tf
65 85
VDD = 30 V, VGS = 10 V, ID = 2.1 A RGS = 50
Semiconductor Group
3
07/96
BUZ 81
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TC = 25 C Inverse diode direct current,pulsed A 1 0.3 2.5 4 16 V 1.4 s C Values typ. max. Unit
ISM VSD trr Qrr
TC = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = 8 A
Reverse recovery time
VR = 100 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 100 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/96
BUZ 81
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
4.5 A
130 W 110
Ptot
100 90 80 70 60 50
ID
3.5 3.0 2.5 2.0 1.5
40 30 20 10 0 0 0.0 20 40 60 80 100 120 C 160 0 20 40 60 80 100 120 C 160 1.0 0.5
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 2
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1 K/W
A
10 0
t = 25.0s p
ID
10 1
ZthJC
10 -1
100 s
10 -2
D
1 ms
D = 0.50 0.20 10
-3
DS (on )
10
0
=V
DS
/I
0.10 0.05
10 ms
R
10 -4
single pulse
0.02 0.01
DC 10 -1 0 10 10
1
10
2
V 10
3
10 -5 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 81
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
9 A
VGS [V]
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
8.0
Ptot = 125W
l kj ihg f e
a
b
c
RDS (on)
6.0
ID
7 6 5
c
a b
4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0 10.0 20.0
dc
d e f g h i
5.0
4.0
d
4 3 2 1 0 0
j k
3.0
bl
2.0 1.0 VGS [V] =
e f hg ji k
a
a 4.0 4.5
b 5.0
c 5.5
d 6.0
e f 6.5 7.0
g 7.5
h i j k 8.0 9.0 10.0 20.0
5
10
15
20
25
30
35
40
V
50
0.0 0.0
1.0
2.0
3.0
4.0
5.0
A
7.0
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
5.5 A
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
5.0 S
ID
4.5 4.0 3.5 3.0
gfs
4.0 3.5 3.0 2.5
2.5 2.0 2.0 1.5 1.0 0.5 0.0 0 1 2 3 4 5 6 7 8 V 10 1.5 1.0 0.5 0.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
A
5.0
VGS
ID
Semiconductor Group
6
07/96
BUZ 81
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 2.8 A, VGS = 10 V
12
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V 4.0
10
98%
RDS (on)
VGS(th)
3.6 3.2
9
typ
8 7 6 5 4 3 2 1 0 -60 -20 20 60 100 C 160 2.8 2.4 2.0
2%
98% typ
1.6 1.2 0.8 0.4 0.0 -60 -20 20 60 100 C 160
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 1
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 2
nF C 10 0
A
IF
10 1
Ciss
10 -1
10 0
Coss Crss
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 -2 0
5
10
15
20
25
30
V VDS
40
10 -1 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
07/96
BUZ 81
Avalanche energy EAS = (Tj ) parameter: ID = 4 A, VDD = 50 V RGS = 25 , L = 48 mH
450 mJ
Typ. gate charge VGS = (QGate) parameter: ID puls = 6 A
16
V
EAS
350 300
VGS
12
10 250 8 200 6 150 100 50 0 20 4
0,2 VDS max
0,8 VDS max
2 0 40 60 80 100 120 C 160 0 20 40 60 80 100 120 140 160 nC 200
Tj
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj )
960 V 920 V(BR)DSS 900 880 860 840 820 800 780 760 740 720 -60 -20 20 60 100 C 160
Tj
Semiconductor Group
8
07/96
BUZ 81
Package Outlines TO-220 AB Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of BUZ81

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X