Part Number Hot Search : 
01D05 BCM3418 TD6382P BYT30 LC753 DTA114TK MIC2586 74LS13
Product Description
Full Text Search
 

To Download BUZ80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 80
SIPMOS (R) Power Transistor
* N channel * Enhancement mode * Avalanche-rated
Pin 1 G
Pin 2 D
Pin 3 S
Type BUZ 80
VDS
800 V
ID
3.1 A
RDS(on)
4
Package TO-220 AB
Ordering Code C67078-S1309-A2
Maximum Ratings Parameter Continuous drain current Symbol Values 3.1 Unit A
ID IDpuls
12.5
TC = 28 C
Pulsed drain current
TC = 25 C
Avalanche current,limited by Tjmax Avalanche energy,periodic limited by Tjmax Avalanche energy, single pulse
IAR EAR EAS
3.1 8 mJ
ID = 3.1 A, VDD = 50 V, RGS = 25 L = 62.4 mH, Tj = 25 C
Gate source voltage Power dissipation 320
VGS Ptot
20 100
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 1
Tj Tstg RthJC RthJA
-55 ... + 150 -55 ... + 150 1.25 75 E 55 / 150 / 56
C K/W
Semiconductor Group
09/96
BUZ 80
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
800 3 0.1 10 10 3.5 4
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
2.1
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
1 100
A
VDS = 800 V, VGS = 0 V, Tj = 25 C VDS = 800 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
100
nA 4
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = 10 V, ID = 2 A
Semiconductor Group
2
09/96
BUZ 80
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
1 3.6 900 95 50 -
S pF 1350 140 75 ns 15 25
VDS 2 * ID * RDS(on)max, ID = 2 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Rise time
tr
65 85
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Turn-off delay time
td(off)
200 270
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Fall time
tf
65 85
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Semiconductor Group
3
09/96
BUZ 80
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS A 1 370 2.5 3.1 12.5 V 1.3 ns C Values typ. max. Unit
TC = 25 C
Inverse diode direct current,pulsed
ISM
-
TC = 25 C
Inverse diode forward voltage
VSD trr Qrr
VGS = 0 V, IF = 6.2 A
Reverse recovery time
VR = 100 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 100 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
09/96
BUZ 80
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
3.2
110 W
A
Ptot
90 80 70 60
ID
2.4
2.0
1.6 50 40 30 20 0.4 10 0 0 20 40 60 80 100 120 C 160 0.0 0 20 40 60 80 100 120 C 160 1.2
0.8
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 2
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1 K/W
A
ID
t = 18.0s p
ZthJC
10 1
10 0
10 -1
100 s
D = 0.50
=V
10
0
DS
/I
D
1 ms
10 -2
0.20 0.10 0.05
DS (on )
10 ms
R
10 -3
0.02 single pulse 0.01
10 -1 0 10
10
1
10
2
DC 3 V 10
10 -4 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
09/96
BUZ 80
Typ. output characteristics ID = (VDS) parameter: tp = 80 s , Tj = 25 C
7.0 A 6.0
Typ. drain-source on-resistance RDS (on) = (ID) parameter: tp = 80 s, Tj = 25 C
13
Ptot = 100W
l kj i h g
[V] V f GS a b 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0 10.0 20.0
11
a
b
c
d
e
ID
5.5 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5
b c e
RDS (on)
10 9 8 7 6 5 4 3 2 1 0
VGS [V] =
a 4.0 4.5 b 5.0 c 5.5 d 6.0 e f 6.5 7.0 g 7.5 h i j k 8.0 9.0 10.0 20.0
c d e f g
dh
i j k l
f g h i j k
1.0 0.5 0.0 0 10 20 30 40
a
V
60
0.0
1.0
2.0
3.0
4.0
5.0
A
6.5
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
5.0 A
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
3.0
ID
4.0 3.5
S
gfs
2.0
3.0 2.5 2.0 1.0 1.5 1.0 0.5 0.5 0.0 0 1 2 3 4 5 6 7 8 V 10 0.0 0.0 1.5
0.5
1.0
1.5
2.0
2.5
3.0
VGS
A ID
4.0
Semiconductor Group
6
09/96
BUZ 80
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 2 A, VGS = 10 V
19
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V 4.0
16
98%
RDS (on)
14
VGS(th)
3.6 3.2
typ
12 10 8 6 4 2 0 -60 -20 20 60 100 C 160
2.8 2.4 2.0
2%
98% typ
1.6 1.2 0.8 0.4 0.0 -60 -20 20 60 100 C 160
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 1
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 2
nF C 10 0
A
IF Ciss
10 1
10 -1
10 0
Coss
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 -1 0.0
Crss
10 -2 0
5
10
15
20
25
30
V VDS
40
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
09/96
BUZ 80
Avalanche energy EAS = (Tj ) parameter: ID = 3.1 A, VDD = 50 V RGS = 25 , L = 62.4 mH
340 mJ
Typ. gate charge VGS = (QGate) parameter: ID puls = 5 A
16
V
EAS
280
VGS
12
240 10 200 8 0,2 VDS max 0,8 VDS max
160 120 80
6
4
40 0 20 40 60 80 100 120 C 160
2 0 0 10 20 30 40 50 nC 70
Tj
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj )
960 V 920 V(BR)DSS 900 880 860 840 820 800 780 760 740 720 -60 -20 20 60 100 C 160
Tj
Semiconductor Group
8
09/96
BUZ 80
Package Outlines TO-220 AB Dimension in mm
Semiconductor Group
9
09/96


▲Up To Search▲   

 
Price & Availability of BUZ80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X