Part Number Hot Search : 
SP707EU SMBJ58CA 2SD1565 BCM6020 74AC1 ZMMC12 D5116 10N60E
Product Description
Full Text Search
 

To Download BU426 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BU426, BU426A NPN SILICON POWER TRANSISTORS
Copyright (c) 1997, Power Innovations Limited, UK AUGUST 1978 - REVISED MARCH 1997
q q
Rugged Triple-Diffused Planar Construction 900 Volt Blocking Capability
B
SOT-93 PACKAGE (TOP VIEW) 1
C
2
E
3 Pin 2 is in electrical contact with the mounting base.
MDTRAA
absolute maximum ratings at 25C case temperature (unless otherwise noted)
RATING Collector-base voltage (IE = 0) Collector-emitter voltage (V BE = 0) Collector-emitter voltage (IB = 0) Continuous collector current Peak collector current (see Note 1) Continuous base current Peak base current (see Note 1) Continuous device dissipation at (or below) 50C case temperature Operating junction temperature range Storage temperature range NOTE 1: This value applies for tp 2 ms, duty cycle 2%. BU426 BU426A BU426 BU426A BU426 BU426A SYMBOL VCBO VCES VCEO IC ICM IB IBM Ptot Tj Tstg VALUE 800 900 800 900 375 400 6 10 +2, -0.1 3 70 -65 to +150 -65 to +150 UNIT V V V A A A A W C C
PRODUCT
INFORMATION
Information is current as of publication date. Products conform to specifications in accordance with the terms of Power Innovations standard warranty. Production processing does not necessarily include testing of all parameters.
1
BU426, BU426A NPN SILICON POWER TRANSISTORS
AUGUST 1978 - REVISED MARCH 1997
electrical characteristics at 25C case temperature (unless otherwise noted)
PARAMETER V CEO(sus) Collector-emitter sustaining voltage Collector-emitter cut-off current Emitter cut-off current Forward current transfer ratio Collector-emitter saturation voltage Base-emitter saturation voltage IC = 100 mA VCE = 800 V ICES V CE = 900 V V CE = 800 V V CE = 900 V IEBO hFE VCE(sat) V BE(sat) VEB = VCE = IB = IB = IB = IB = 10 V 5V 0.5 A 1.25 A 0.5 A 1.25 A TEST CONDITIONS L = 25 mH VBE = 0 VBE = 0 VBE = 0 VBE = 0 IC = 0 IC = 0.6 A IC = 2.5 A IC = IC = 4A 4A IC = 2.5 A (see Notes 3 and 4) (see Notes 3 and 4) (see Notes 3 and 4) 30 TC = 125C TC = 125C (see Note 2) BU426 BU426A BU426 BU426A BU426 BU426A MIN 375 400 1 1 2 2 10 60 1.5 3 1.4 1.6 V V mA mA TYP MAX UNIT V
NOTES: 2. Inductive loop switching measurement. 3. These parameters must be measured using pulse techniques, tp = 300 s, duty cycle 2%. 4. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
thermal characteristics
PARAMETER RJC Junction to case thermal resistance MIN TYP MAX 1.1 UNIT C/W
resistive-load-switching characteristics at 25C case temperature (unless otherwise noted)
PARAMETER ton ts tf tf
TEST CONDITIONS IC = 2.5 A V CC = 250 V IC = 2.5 A V CC = 250 V IB(on) = 0.5 A
MIN IB(off) = -1 A
TYP 0.3 2 0.15
MAX 0.6 3.5
UNIT s s s
Turn on time Storage time Fall time Fall time
(see Figures 1 and 2) IB(on) = 0.5 A TC = 95C IB(off) = -1 A
0.2
0.75
s
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
PRODUCT
INFORMATION
2
BU426, BU426A NPN SILICON POWER TRANSISTORS
AUGUST 1978 - REVISED MARCH 1997
PARAMETER MEASUREMENT INFORMATION
+25 V BD135 120 680 F 100
T V1 tp
47
100 F
V cc = 250 V
TUT 15 V1 100 BD136 82 680 F
tp = 20 s Duty cycle = 1% V1 = 15 V, Source Impedance = 50
Figure 1. Resistive-Load Switching Test Circuit
C IC A - B = td B - C = tr E - F = tf D - E = ts A - C = ton D - F = toff B
90%
90%
E
10%
10%
F
0%
90% IB
D
dIB 2 A/s dt
I B(on) A 10% 0% I B(off)
Figure 2. Resistive-Load Switching Waveforms
PRODUCT
INFORMATION
3
BU426, BU426A NPN SILICON POWER TRANSISTORS
AUGUST 1978 - REVISED MARCH 1997
TYPICAL CHARACTERISTICS
TYPICAL DC CURRENT GAIN vs COLLECTOR CURRENT
100
TCP741AF
COLLECTOR-EMITTER SATURATION VOLTAGE vs BASE CURRENT
VCE(sat) - Collector-Emitter Saturation Voltage - V 7
TCP741AG
VCE = 1.5 V VCE = 5 V hFE - Typical DC Current Gain
TC = 25C 6 IC = 4 A IC = 3 A IC = 2 A IC = 1 A
5
4
10
3
2
1
1*0 0*1
0 1*0 IC - Collector Current - A 10 0 0*5 1*0 IB - Base Current - A 1*5 2*0
Figure 3.
Figure 4.
COLLECTOR-EMITTER SATURATION VOLTAGE vs BASE CURRENT
VCE(sat) - Collector-Emitter Saturation Voltage - V 7
TCP741AH
BASE-EMITTER SATURATION VOLTAGE vs BASE CURRENT
1*2 VBE(sat) - Base-Emitter Saturation Voltage - V TC = 25C 1*1
TCP741AI
TC = 100C 6 IC = 4 A IC = 3 A IC = 2 A IC = 1 A
5
1*0
4
0*9
3
0*8 IC = 4 A IC = 3 A IC = 2 A IC = 1 A 0 0*2 0*4 0*6 0*8 1*0 1*2 1*4 1*6
2
1
0*7
0 0 0*5 1*0 IB - Base Current - A 1*5 2*0
0*6 IB - Base Current - A
Figure 5.
Figure 6.
PRODUCT
INFORMATION
4
BU426, BU426A NPN SILICON POWER TRANSISTORS
AUGUST 1978 - REVISED MARCH 1997
MAXIMUM SAFE OPERATING REGIONS
MAXIMUM FORWARD-BIAS SAFE OPERATING AREA
100
SAP741AA
IC - Collector Current - A
10
1*0 tp = tp = 0.1 tp = tp = tp = 0.2 s 0.5 s 1 s 2 s 6 s BU426 BU426A 10 100 1000
tp = 20 s DC Operation 0*01 1*0
VCE - Collector-Emitter Voltage - V
Figure 7.
PRODUCT
INFORMATION
5
BU426, BU426A NPN SILICON POWER TRANSISTORS
AUGUST 1978 - REVISED MARCH 1997
MECHANICAL DATA SOT-93 3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly.
SOT-93 4,90 4,70
o
4,1 4,0
15,2 14,7
3,95 4,15
1,37 1,17
16,2 MAX. 12,2 MAX.
31,0 TYP.
18,0 TYP.
1 1,30 1,10
2
3 0,78 0,50 11,1 10,8 2,50 TYP.
ALL LINEAR DIMENSIONS IN MILLIMETERS NOTE A: The centre pin is in electrical contact with the mounting tab. MDXXAW
PRODUCT
INFORMATION
6
BU426, BU426A NPN SILICON POWER TRANSISTORS
AUGUST 1978 - REVISED MARCH 1997
IMPORTANT NOTICE
Power Innovations Limited (PI) reserves the right to make changes to its products or to discontinue any semiconductor product or service without notice, and advises its customers to verify, before placing orders, that the information being relied on is current. PI warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with PI's standard warranty. Testing and other quality control techniques are utilized to the extent PI deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed, except as mandated by government requirements. PI accepts no liability for applications assistance, customer product design, software performance, or infringement of patents or services described herein. Nor is any license, either express or implied, granted under any patent right, copyright, design right, or other intellectual property right of PI covering or relating to any combination, machine, or process in which such semiconductor products or services might be or are used. PI SEMICONDUCTOR PRODUCTS ARE NOT DESIGNED, INTENDED, AUTHORIZED, OR WARRANTED TO BE SUITABLE FOR USE IN LIFE-SUPPORT APPLICATIONS, DEVICES OR SYSTEMS.
Copyright (c) 1997, Power Innovations Limited
PRODUCT
INFORMATION
7


▲Up To Search▲   

 
Price & Availability of BU426

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X