Part Number Hot Search : 
20211 P60CA B57221 00AT90M 105001 1032E AT5669H 1604U
Product Description
Full Text Search
 

To Download BTC1510FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
NPN Epitaxial Planar Transistor
Spec. No. : C652FP Issued Date : 2005.03.29 Revised Date : Page No. : 1/5
BTC1510FP
Description
The BTC1510FP is a NPN Darlington transistor, designed for general purpose amplifier and low speed switching application.
*High BVCEO *Low VCE(SAT) *High current gain *Monolithic construction with built-in base-emitter shunt resistors *Pb-free package
Features:
Equivalent Circuit
BTC1510FP C B
R18k R2120
Outline
TO-220FP
E BBase CCollector EEmitter
BCE
BTC1510FP
CYStek Product Specification
CYStech Electronics Corp.
Absolute Maximum Ratings (Ta=25C)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Case Junction Temperature Storage Temperature
Note : *1. Single Pulse Pw=100ms
Spec. No. : C652FP Issued Date : 2005.03.29 Revised Date : Page No. : 2/5
Symbol VCBO VCEO VEBO IC(DC) IC(Pulse) Pd(TA=25) Pd(TC=25) RJA RJC Tj Tstg
Limits 150 150 5 10 15 2 60 62.5 2.08 150 -55~+150
Unit V V V *1 A W C/W C/W C C
Characteristics (Ta=25C)
Symbol BVCBO BVCEO ICEO ICBO IEBO *VCE(sat) 1 *VCE(sat) 2 *VCE(sat) 3 *VBE(sat) *VBE(on) 1 *VBE(on) 2 *VFEC *hFE 1 *hFE 2 Min. 150 150 2 100 Typ. Max. 200 200 2 2 3 1.5 2 2.8 4.5 3 20 Unit V V A A mA V V V V V V V K Test Conditions IC=100A, IE=0 IC=1mA, IB=0 VCE=150V, IE=0 VCB=150V, IE=0 VEB=5V, IC=0 IC=5A, IB=10mA IC=10A, IB=100mA IC=5A, IB=2.5mA IC=5A, IB=5mA VCE=3V, IC=5A VCE=3V, IC=10A IC=5A VCE=3V, IC=5A VCE=3V, IC=10A
*Pulse Test : Pulse Width 380s, Duty Cycle2%
BTC1510FP
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Current Gain vs Collector Current
100000 HFE@VCE=3V Current Gain--- HFE 10000 125 1000 75 100 25 10 1 10 100 1000 10000 Collector Current---IC(mA)
Spec. No. : C652FP Issued Date : 2005.03.29 Revised Date : Page No. : 3/5
Saturation Voltage vs Collector Current
10000 Saturation Voltage---(mV) VCE(SAT)@IC=250IB
25 1000
75 100 100 1000
125
10000
Collector Current---IC(mA)
Saturation Voltage vs Collcetor Current
10000 VCE(SAT)@IC=2000IB Saturation Voltage---(mV) 75 25 1000 Saturation Voltage---(mV) 10000
Saturation Voltage vs Colltctor Current
VCE(SAT)@IC=500IB
25 1000
75
125 100 1000 Collector Current---IC(mA)
125 100
10000
100
1000 Collector Current---IC(mA)
10000
Saturation Voltage vs Collcetor Current
10000 VBE(ON)@VCE=3V On Voltage---(mV) 25 75 Power Dissipation---PD(W) 2 1.5 1 0.5 0 100 1000 Collector Current---IC(mA) 10000 0 2.5
Power Derating Curve
1000 125
100
50
100
150
200
Ambient Temperature---TA()
BTC1510FP
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves(Cont.)
Power Derating Curve
70
Power Dissipation---PD(W)
Spec. No. : C652FP Issued Date : 2005.03.29 Revised Date : Page No. : 4/5
60 50 40 30 20 10 0 0 50 100 150 200 Case Temperature---TC()
BTC1510FP
CYStek Product Specification
CYStech Electronics Corp.
TO-220FP Dimension
Marking:
Spec. No. : C652FP Issued Date : 2005.03.29 Revised Date : Page No. : 5/5
C1510
Style: Pin 1.Base 2.Collector 3.Emitter 4.Collector 3-Lead TO-220FP Plastic Package CYStek Package Code: FP
*: Typical
DIM A A1 A2 A3 b b1 b2 c
Inches Min. Max. 0.169 0.185 0.051 REF 0.110 0.126 0.098 0.114 0.020 0.030 0.043 0.053 0.069 0.059 0.020 0.030
Millimeters Min. Max. 4.300 4.700 1.300 REF 2.800 3.200 2.500 2.900 0.500 0.750 1.100 1.350 1.750 1.500 0.500 0.750
DIM D E e F L L1 L2
Inches Min. Max. 0.408 0.392 0.583 0.598 0.100 TYP 0.106 REF 0.138 REF 1.102 1.118 0.067 0.075 0.075 0.083
Millimeters Min. Max. 10.360 9.960 14.800 15.200 2.540 TYP 2.700 REF 3.500 REF 28.000 28.400 1.700 1.900 1.900 2.100
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BTC1510FP
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BTC1510FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X