Part Number Hot Search : 
MT474M2G BAT54S IRFR5505 HWS467 4040D 1N4738A C3216X7R 32AVFB
Product Description
Full Text Search
 

To Download BTC1510F3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
NPN Epitaxial Planar Transistor
Spec. No. : C652F3 Issued Date : 2004.09.07 Revised Date : Page No. : 1/4
BTC1510F3
Description
The BTC1510F3 is a NPN Darlington transistor, designed for general purpose amplifier and low speed switching application.
*High BVCEO *Low VCE(SAT) *High current gain *Monolithic construction with built-in base-emitter shunt resistors
Features:
Equivalent Circuit
BTC1510F3 C B
R1 8k R2 120
Outline
TO-263
BBase CCollector EEmitter
E
BCE
Absolute Maximum Ratings (Ta=25C)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Junction Temperature Storage Temperature
Note : *1. Single Pulse Pw=100ms
Symbol VCBO VCEO VEBO IC(DC) IC(Pulse) Pd(TA=25) Pd(TC=25) Tj Tstg
Limits 150 150 5 10 15 2 60 150 -55~+150
Unit V V V *1 A W C C
BTC1510F3
CYStek Product Specification
CYStech Electronics Corp.
Characteristics (Ta=25C)
Symbol BVCBO BVCEO ICEO ICBO IEBO *VCE(sat) 1 *VCE(sat) 2 *VCE(sat) 3 *VBE(sat) *VBE(on) 1 *VBE(on) 2 *VFEC *hFE 1 *hFE 2 Min. 150 150 2 100 Typ. Max. 200 200 2 2 3 1.5 2 2.8 4.5 3 20 Unit V V A A mA V V V V V V V K -
Spec. No. : C652F3 Issued Date : 2004.09.07 Revised Date : Page No. : 2/4
Test Conditions IC=100A, IE=0 IC=1mA, IB=0 VCE=150V, IE=0 VCB=150V, IE=0 VEB=5V, IC=0 IC=5A, IB=10mA IC=10A, IB=100mA IC=5A, IB=2.5mA IC=5A, IB=5mA VCE=3V, IC=5A VCE=3V, IC=10A IC=5A VCE=3V, IC=5A VCE=3V, IC=10A
*Pulse Test : Pulse Width 380s, Duty Cycle2%
Characteristic Curves
Current Gain vs Collector Current
100000 Saturation Voltage---(mV) HFE@VCE=3V Current Gain--- HFE 10000 125 1000 75 100 25 10 1 10 100 1000 10000 Collector Current---IC(mA) 10000 VCE(SAT)@IC=250IB
Saturation Voltage vs Collector Current
25 1000
75 100 100 1000
125
10000
Collector Current---IC(mA)
BTC1510F3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves(Cont.)
Saturation Voltage vs Collcetor Current
10000 VCE(SAT)@IC=2000IB Saturation Voltage---(mV) 75 25 1000 Saturation Voltage---(mV) 10000 VCE(SAT)@IC=500IB
Spec. No. : C652F3 Issued Date : 2004.09.07 Revised Date : Page No. : 3/4
Saturation Voltage vs Colltctor Current
25 1000
75
125 100 1000 Collector Current---IC(mA)
125 100
10000
100
1000 Collector Current---IC(mA)
10000
Saturation Voltage vs Collcetor Current
10000 VBE(ON)@VCE=3V On Voltage---(mV) 25 75 Power Dissipation---PD(W) 2 1.5 1 0.5 0 100 1000 Collector Current---IC(mA) 10000 0 2.5
Power Derating Curve
1000 125
100
50
100
150
200
Ambient Temperature---TA()
Power Derating Curve
70 Power Dissipation---PD(W) 60 50 40 30 20 10 0 0 50 100 150 200 Case Temperature---Tc()
BTC1510F3
CYStek Product Specification
CYStech Electronics Corp.
TO-263 Dimension
Marking :
A 2 C E
Spec. No. : C652F3 Issued Date : 2004.09.07 Revised Date : Page No. : 4/4
1
F
C1510
B
D 1 2 3
2
Style : Pin 1.Base 2.Collector 3.Emitter G 3-Lead Plastic Surface Mounted Package CYStek Package Code : F3
I J K L
3
H
*:Typical
DIM A B C D E F G H
Inches Min. Max. 0.3800 0.4050 0.3300 0.3700 0.0550 0.5750 0.6250 0.1600 0.1900 0.0450 0.0550 0.0900 0.1100 0.0180 0.0290
Millimeters Min. Max. 9.65 10.29 8.38 9.40 1.40 14.61 15.88 4.06 4.83 1.14 1.40 2.29 2.79 0.46 0.74
DIM I J K L 1 2 3
Inches Min. Max. 0.0500 0.0700 *0.1000 0.0450 0.0550 0.0200 0.0390 -
Millimeters Min. Max. 1.27 1.78 *2.54 1.14 1.40 0.51 0.99 6 8 6 8 0 5
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BTC1510F3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BTC1510F3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X