Part Number Hot Search : 
4957GM LJSA2N2M 60ZFDT AMS41221 167BZI M2N60F FDMS8 PC28F128
Product Description
Full Text Search
 

To Download BF994S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon N Channel MOSFET Tetrode
q
BF 994 S
For VHF applications, especially for input and mixer stages with a wide tuning range, e.g. in CATV tuners
Type BF 994 S
Marking MG
Ordering Code (tape and reel) Q62702-F1020
Pin Configuration 1 2 3 4 S D G2 G1
Package1) SOT-143
Maximum Ratings Parameter Drain-source voltage Drain current Gate 1/gate 2 peak source current Total power dissipation, TS < 76 C Storage temperature range Channel temperature< Thermal Resistance Junction - soldering point Rth Js < 370 K/W Symbol VDS ID
Values 20 30 10 200 150
Unit V mA mW
IG1/2SM
Ptot Tstg Tch
- 55 ... + 150 C
1)
For detailed information see chapter Package Outlines.
BF 994 S
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC Characteristics Drain-source breakdown voltage ID = 10 A, - VG1S = - VG2S = 4 V Gate 1 source breakdown voltage IG1S = 10 mA, VG2S = VDS = 0 Gate 2 source breakdown voltage IG2S = 10 mA, VG1S = VDS = 0 Gate 1 source leakage current VG1S = 5 V, VG2S = VDS = 0 Gate 2 source leakage current VG2S = 5 V, VG1S = VDS = 0 Drain current VDS = 15 V, VG1S = 0, VG2S = 4 V Gate 1 source pinch-off voltage VDS = 15 V, VG2S = 4 V, ID = 20 A Gate 2 source pinch-off voltage VDS = 15 V, VG1S = 0, ID = 20 A V(BR) DS

Values typ. max.
Unit
20 8.5 8.5 - - 2 - -
- - - - - - - -
- 14 14 50 50 20 2.5 2.0
V
V(BR) G1SS V(BR) G2SS IG1SS IG2SS
nA
IDSS - VG1S (p) - VG2S (p)
mA V
BF 994 S
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. AC Characteristics Forward transconductance VDS = 15 V, ID = 10 mA, VG2S = 4 V, f = 1 kHz Gate 1 input capacitance VDS = 15 V, ID = 10 mA, VG2S = 4 V, f = 1 MHz Gate 2 input capacitance VDS = 15 V, ID = 10 mA, VG2S = 4 V, f = 1 MHz Feedback capacitance VDS = 15 V, ID = 10 mA, VG2S = 4 V, f = 1 MHz Output capacitance VDS = 15 V, ID = 10 mA, VG2S = 4 V, f = 1 MHz Power gain VDS = 15 V, ID = 10 mA f = 200 MHz, GG = 2 mS, GL = 0.5 mS (test circuit) Noise figure VDS = 15 V, ID = 10 mA f = 200 MHz, GG = 2 mS, GL = 0.5 mS (test circuit) Gain control range VDS = 15 V, VG2S = 4 ... - 2 V, f = 200 MHz (test circuit) gfs Cg1ss Cg2ss Cdg1 Cdss Gps 15 - - - - - 18 2.5 1.2 25 1 25 - - - - - - fF pF dB mS pF Values typ. max. Unit
F
-
1
-
Gps
50
-
-
BF 994 S
Total power dissipation Ptot = f (TA)
Output characteristics ID = f (VDS) VG2S = 4 V
Gate 1 forward transconductance gfs1 = f (VG1S) VDS = 15 V, IDSS = 10 mA, f = 1 kHz
Gate 1 forward transconductance gfs1 = f (VG2S) VDS = 15 V, IDSS = 10 mA, f = 1 kHz
BF 994 S
Drain current ID = f (VG1S) VDS = 15 V
Gate 1 input capacitance Cg1ss = f (VG1S) VG2S = 4 V, VDS = 15 V IDSS = 10 mA, f = 1 MHz
Gate 2 input capacitance Cg2ss = f (VG2S) VG1S = 0 V, VDS = 15 V IDSS = 10 mA, f = 1 MHz
Output capacitance Cdss = f (VDS) VG1S = 0 V, VG2S = 4 V IDSS = 10 mA, f = 1 MHz
BF 994 S
Gate 1 input admittance y11s VDS = 15 V, VG2S = 4 V (common source)
Gate 1 forward transfer admittance y21s VDS = 15 V, VG2S = 4 V (common source)
Output admittance y22s VDS = 15 V, VG2S = 4 V (common source)
BF 994 S
Power gain Gps = f (VG2S) VDS = 15 V, VG1S = 0 V, IDSS = 10 mA f = 200 MHz (see test circuit)
Noise figure F = f (VG2S) VDS = 15 V, VG1S = 0 V, IDSS = 10 mA f = 200 MHz (see test circuit)
Test circuit for power gain and noise figure f = 200 MHz, GG = 2 mS, GL = 0.5 mS


▲Up To Search▲   

 
Price & Availability of BF994S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X