Part Number Hot Search : 
063CS 72510 B20100 BCW65B 00206 68HC05C4 2SD1277 SA160
Product Description
Full Text Search
 

To Download B5819WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOD-323 Plastic-Encapsulate Diode
B5819WS
FEATURES Power dissipation PD: 200 mW (Tamb=25)
2.70
1.6
SCHOTTKY BARRIER DIODE
SOD-323
+
1.05
Collector current 1 A IF: Collector-base voltage VR: 40 V Operating and storage junction temperature range TJ, Tstg: -55 to +150
0.55
3.70
MARKING: SL
ELECTRICAL CHARACTERISTICS (Tamb=25
unless
otherwise
specified)
Parameter Reverse breakdown voltage Reverse voltage leakage current
Symbol V(BR) IR
Test
conditions IR= 1mA VR=40V VR=4V VR=6V IF=0.1A IF=1A IF=3A
MIN 40
MAX
UNIT V
1 0.05 0.075 0.45 0.6 0.9 120
mA
Forward voltage
VF
V
Diode capacitance
CD
VR=4V, f=1MHz
pF
WS


▲Up To Search▲   

 
Price & Availability of B5819WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X