Part Number Hot Search : 
BD232 2405E 4ACT2 SLB0586A BD2225G SD2337 CTQ08 74ALVC16
Product Description
Full Text Search
 

To Download AP4413M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP4413M
Advanced Power Electronics Corp.
Simple Drive Requirement Low On-resistance Fast Switching Characteristic
D D D D
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON)
G
-20V 30m -7.8A
ID
SO-8
S S
S
Description
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The SO-8 package is universally preferred for all commercial-industrial surface mount applications and suited for low voltage applications such as DC/DC converters.
D
G S
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Current
1 3 3
Rating -20 20 -7.8 -6.2 -30 2.5 0.02 -55 to 150 -55 to 150
Units V V A A A W W/
Continuous Drain Current Total Power Dissipation Linear Derating Factor
Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-a Parameter Thermal Resistance Junction-ambient
3
Value Max. 50
Unit /W
Data and specifications subject to change without notice
200413042
AP4413M
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance2
Test Conditions VGS=0V, ID=-250uA
Min. -20 -0.5 -
Typ. -0.01 16 17 4 7 12 11 40 13 250 210 4.3
Max. Units 30 40 65 -1.5 -1 -25 100 27 V V/ m m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=-1mA
RDS(ON)
VGS=-10V, ID=-7A VGS=-4.5V, ID=-4A VGS=-2.5V, ID=-2A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Rg
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 C)
o o
VDS=VGS, ID=-250uA VDS=-10V, ID=-7A VDS=-20V, VGS=0V VDS=-16V, VGS=0V VGS= 20V ID=-7A VDS=-16V VGS=-4.5V VDS=-10V ID=-2A RG=3.3,VGS=-10V RD=10 VGS=0V VDS=-25V f=1.0MHz f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
2
1140 1820
Source-Drain Diode
Symbol VSD Parameter Forward On Voltage
2 2
Test Conditions IS=-2A, VGS=0V IS=-7A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 28 22
Max. Units -1.2 V ns nC
trr
Qrr
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 125 /W when mounted on Min. copper pad.
AP4413M
120
90
T A = 25 C
100
o
-10V
80
T A = 150 C
o
-10V -7.0V
-ID , Drain Current (A)
-7.0V
-ID , Drain Current (A)
70
80
60
-5.0V
50
60
-5.0V -4.5V
40
-4.5V
40
30
20
V G = - 2.5 V
20
V G = - 2.5 V
10
0 0 1 2 3 4 5 6 7 8
0
0
1
2
3
4
5
6
7
8
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
70
1.6
60
ID=-4A T A =25 Normalized R DS(ON)
1.4
ID=-7A V G =-10V
50
RDS(ON) (m )
1.2
40
1.0
30
0.8
20
10
0.6
1 3 5 7 9 11
-50
0
50
100
150
-V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
3
7
6
5 2
4
3
T j =150 o C
T j =25 o C
-VGS(th) (V)
1 0 1.4 -50
-IS(A)
2
1
0 0 0.2 0.4 0.6 0.8 1 1.2
0
50
100
150
-V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP4413M
f=1.0MHz
12 10000
-VGS , Gate to Source Voltage (V)
10
I D = -7A V DS = -16V
8
6
C (pF)
C iss
1000
4
2
C oss C rss
100 0 10 20 30 40 1 5 9 13 17 21 25 29
0
Q G , Total Gate Charge (nC)
-V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Duty factor=0.5
Normalized Thermal Response (Rthja)
10
0.2
1ms -ID (A)
0.1
0.1
0.05
1
10ms 100ms 1s
0.02 0.01
PDM 0.01
Single Pulse
t T
Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja=125oC/W
0.1
T A =25 o C Single Pulse
DC
0.01
0.1 1 10 100
0.001 0.0001 0.001 0.01 0.1 1 10 100 1000
-V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG -4.5V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform


▲Up To Search▲   

 
Price & Availability of AP4413M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X