Part Number Hot Search : 
R2496 ALFSN 2N5344 MKI010V 2SC367 2SB596O 7C102 MODEL78
Product Description
Full Text Search
 

To Download AP4412M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP4412M
Advanced Power Electronics Corp.
Low Gate Charge Simple Drive Requirement Fast Switching
D D D D
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
G S
25V 33m 7A
SO-8
S S
Description
D
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, ultra low on-resistance and cost-effectiveness.
G S
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1 3 3
Rating 25 20 7 5.8 30 2.5 0.02 -55 to 150 -55 to 150
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-amb Parameter Thermal Resistance Junction-ambient
3
Value Max. 50
Unit /W
Data and specifications subject to change without notice
20020318
AP4412M
Electrical Characteristics@T j=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
2
Test Conditions VGS=0V, ID=250uA
Min. 25 1 -
Typ. 0.03 12 7 1.5 5 7 22 14.5 6 218 155 63
Max. Units 33 60 3 1 25 100 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Static Drain-Source On-Resistance
VGS=10V, ID=7A VGS=4.5V, ID=3.5A VDS=VGS, ID=250uA VDS=10V, ID=7A
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 C)
o o
VDS=25V, VGS=0V VDS=20V ,VGS=0V VGS= 20V ID=7A VDS=16V VGS=5V VDS=16V ID=7A RG=3.3,VGS=10V RD=2.3 VGS=0V VDS=25V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol IS VSD Parameter
Continuous Source Current ( Body Diode )
Test Conditions VD=VG=0V , VS=1.2V Tj=25, IS=2.3A, VGS=0V
Min. -
Typ. -
Max. Units 2.08 1.2 A V
Forward On Voltage
2
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 125/W when mounted on Min. copper pad.
AP4412M
30
25
T C =25 C
25
o
10V 8.0V 6.0V 5.0V ID , Drain Current (A)
T C =150 o C
20
10V 8.0V 6.0V 5.0V
ID , Drain Current (A)
20
15
15
10
10
V GS =4.0V
5
V GS =4.0V
5
0 0 1 2 3 4 5 6
0 0 1 2 3 4 5 6
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
60
1.8
55
I D =7A T C =25
1.6
I D =7A V GS =10V
50
45
Normalized R DS(ON)
3 4 5 6 7 8 9 10 11
1.4
RDS(ON) (m )
40
1.2
35
1
30 0.8 25
20
0.6 -50 0 50 100 150
V GS (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
AP4412M
8
3
7
6
ID , Drain Current (A)
2
5
4
3
1
2
1
0 25 50 75 100 125 150
PD (W)
0 0 50 100 150
T c , Case Temperature ( o C)
T c , Case Temperature ( o C)
Fig 5. Maximum Drain Current v.s.
Fig 6. Typical Power Dissipation
Case Temperature
100
1
Duty Factor = 0.5
Normalized Thermal Response (R thja)
10
0.2
1ms 10ms
0.1
0.1
0.05
ID (A)
1
0.02 0.01
100ms 1s
0.1
PDM
0.01
Single Pulse
t T
10s
T C =25 o C Single Pulse
Duty Factor = t/T Peak Tj = P DM x Rthja + Ta Rthja=125 oC/W
DC
0.001 0.0001 0.001 0.01 0.1 1 10 100 1000
0.01 0.1 1 10 100
V DS (V)
t , Pulse Width (s)
Fig 7. Maximum Safe Operating Area
Fig 8. Effective Transient Thermal Impedance
AP4412M
16
f=1.0MHz
1000
14
I D =7A V DS =16V
VGS , Gate to Source Voltage (V)
12
Ciss
10
Coss
8
C (pF)
100
Crss
6
4
2
0 0 2 4 6 8 10 12 14 16
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
V DS (V)
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
100
3
10
2
Tj=150 o C
Tj=25 o C
VGS(th) (V)
1 0 -50
IS(A)
1 0.1 0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
0
50
100
150
V SD (V)
T j , Junction Temperature ( C )
o
Fig 11. Forward Characteristic of
Reverse Diode
Fig 12. Gate Threshold Voltage v.s. Junction Temperature
AP4412M
VDS
RD
90%
D
VDS
TO THE OSCILLOSCOPE 0.64 x RATED VDS
RG
G
+ 10 v -
S VGS
10% VGS td(on) tr td(off) tf
Fig 13. Switching Time Circuit
Fig 14. Switching Time Waveform
VG
VDS TO THE OSCILLOSCOPE
QG 5V
D
0.64 x RATED VDS G S
+
QGS
QGD
VGS
1~ 3 mA
IG I
D
Charge
Q
Fig 15. Gate Charge Circuit
Fig 16. Gate Charge Waveform


▲Up To Search▲   

 
Price & Availability of AP4412M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X