|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
AO8801 Dual P-Channel Enhancement Mode Field Effect Transistor General Description The AO8801 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 1.8V. This device is suitable for use as a load switch or in PWM applications. It is ESD protected. Standard Product AO8801 is Pbfree (meets ROHS & Sony 259 specifications). AO8801L is a Green Product ordering option. AO8801 and AO8801L are electrically identical. Features VDS (V) = -20V ID = -4.7 A (V GS = -4.5V) RDS(ON) < 42m (VGS = -4.5V) RDS(ON) < 53m (VGS = -2.5V) RDS(ON) < 70m (VGS = -1.8V) ESD Rating: 3000V HBM TSSOP-8 Top View D1 S1 S1 G1 1 2 3 4 8 7 6 5 D2 S2 S2 G2 G1 D D2 G2 S1 S2 Absolute Maximum Ratings TA=25C unless otherwise noted Parameter Symbol VDS Drain-Source Voltage VGS Gate-Source Voltage Continuous Drain Current A Pulsed Drain Current Power Dissipation A B Maximum -20 8 -4.7 -3.7 -30 1.4 0.9 -55 to 150 Units V V A TA=25C TA=70C TA=25C TA=70C ID IDM PD TJ, TSTG W C Junction and Storage Temperature Range Thermal Characteristics Parameter Maximum Junction-to-Ambient A Maximum Junction-to-Ambient A Maximum Junction-to-Lead C Symbol t 10s Steady-State Steady-State RJA RJL Typ 73 96 63 Max 90 125 75 Units C/W C/W C/W Alpha & Omega Semiconductor, Ltd. AO8801 Electrical Characteristics (TJ=25C unless otherwise noted) Parameter Symbol STATIC PARAMETERS BVDSS Drain-Source Breakdown Voltage IDSS IGSS VGS(th) ID(ON) RDS(ON) Zero Gate Voltage Drain Current Gate-Body leakage current Gate Threshold Voltage On state drain current Conditions ID=-250A, VGS=0V VDS=-16V, VGS=0V TJ=55C VDS=0V, VGS=4.5V VDS=0V, VGS=8V VDS=VGS ID=-250A VGS=-4.5V, VDS=-5V VGS=-4.5V, ID=-4.7A Static Drain-Source On-Resistance TJ=125C VGS=-2.5V, ID=-4A 8 -0.3 -25 -0.55 35 47 44 54 16 -0.78 Min -20 -1 -5 1 10 -1 A 42 57 53 70 -1 -2.2 m m m S V A pF pF pF nC nC nC ns ns ns ns ns nC Typ Max Units V A A A gFS VSD IS VGS=-1.8V, ID=-2A Forward Transconductance VDS=-5V, ID=-4.7A Diode Forward Voltage IS=-1A,VGS=0V Maximum Body-Diode Continuous Current DYNAMIC PARAMETERS Ciss Input Capacitance Coss Output Capacitance Crss Reverse Transfer Capacitance Rg Gate resistance SWITCHING PARAMETERS Qg Total Gate Charge Qgs Gate Source Charge Qgd Gate Drain Charge tD(on) tr tD(off) tf trr Qrr Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Body Diode Reverse Recovery Time VGS=0V, VDS=-10V, f=1MHz VGS=0V, VDS=0V, f=1MHz 1450 205 160 6.5 17.2 1.3 4.5 9.5 17 94 35 31 13.8 VGS=-4.5V, VDS=-10V, ID=-4A VGS=-4.5V, VDS=-10V, RL=2.5, RGEN=3 IF=-4A, dI/dt=100A/s Body Diode Reverse Recovery Charge IF=-4A, dI/dt=100A/s A: The value of R JA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air environment with TA =25C. The value in any given application depends on the user's specific board design. The current rating is based on the t 10s thermal resistance rating. B: Repetitive rating, pulse width limited by junction temperature. C. The R JA is the sum of the thermal impedence from junction to lead RJL and lead to ambient. D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80 s pulses, duty cycle 0.5% max. E. These tests are performed with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air environment with TA=25C. The SOA curve provides a single pulse rating. Rev2: August 2005 THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN, FUNCTIONS AND RELIABILITY WITHOUT NOTICE Alpha & Omega Semiconductor, Ltd. AO8801 TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS 25 20 15 10 VGS=-1.5V 5 0 0 1 2 3 4 5 -VDS (Volts) Fig 1: On-Region Characteristics 80 Normalized On-Resistance VGS=-1.8V RDS(ON) (m) 60 VGS=-2.5V 40 VGS=-4.5V 20 0 2 4 6 8 10 -ID (A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage 100 90 80 RDS(ON) (m) 70 60 50 40 30 20 0 2 4 6 8 -VGS (Volts) Figure 5: On-Resistance vs. Gate-Source Voltage 1E-06 0.0 0.2 0.4 0.6 0.8 1.0 1.2 -VSD (Volts) Figure 6: Body-Diode Characteristics 25C 125C ID=-4.7A -IS (A) 1E+01 1E+00 1E-01 1E-02 1E-03 1E-04 1E-05 25C 125C 1.6 ID=-4.7A, VGS=-2.5V 1.4 ID=-2A, VGS=-1.8V 2 0 0 0.5 1 1.5 2 -VGS(Volts) Figure 2: Transfer Characteristics 25C -8V -4.5V -3.0V -2.0V -ID (A) -ID(A) -2.5V 6 4 125C 10 VDS=-5V 8 1.2 ID=-4.7A, VGS=-4.5V 1.0 0.8 0 25 50 75 100 125 150 175 Temperature (C) Figure 4: On-Resistance vs. Junction Temperature Alpha & Omega Semiconductor, Ltd. AO8801 TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS 5 4 -VGS (Volts) 3 2 1 0 0 5 10 15 20 -Qg (nC) Figure 7: Gate-Charge Characteristics VDS=-10V ID=-4.7A Capacitance (pF) 2400 2000 1600 1200 800 Coss 400 Crss 0 0 5 10 15 20 -VDS (Volts) Figure 8: Capacitance Characteristics Ciss 100.0 TJ(Max)=150C TA=25C 40 10s 30 Power (W) 100s 1ms TJ(Max)=150C TA=25C -ID (Amps) RDS(ON) 10.0 limited 20 1.0 1s 10s DC 0.1 0.1 1 -VDS (Volts) 10 10ms 0.1s 10 100 0 0.001 0.01 0.1 1 10 100 1000 Figure 9: Maximum Forward Biased Safe Operating Area (Note E) Pulse Width (s) Figure 10: Single Pulse Power Rating Junction-toAmbient (Note E) 10 ZJA Normalized Transient Thermal Resistance D=Ton/(Ton+T) TJ,PK=TA+PDM.ZJA.RJA RJA=90C/W In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse 1 0.1 Single Pulse 0.01 0.00001 0.0001 0.001 0.01 0.1 1 PD Ton T 10 100 1000 Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance Alpha & Omega Semiconductor, Ltd. |
Price & Availability of AO8801 |