|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
AO7415 P-Channel Enhancement Mode Field Effect Transistor General Description The AO7415 uses advanced trench technology to provide excellent RDS(ON), low gate charge, and operation with gate voltages as low as 2.5V, in the small SOT363 footprint. It can be used for a wide variety of applications, including load switching, low current inverters and low current DC-DC converters. It is ESD protected to 2KV HBM. Standard product AO7415 is Pb-free (meets ROHS & Sony 259 specifications). AO7415L is a Green Product ordering option. AO7415 and AO7415L are electrically identical. Features VDS (V) = -20V ID = -2A (VGS = -10V) RDS(ON) < 100m (VGS = -10V) RDS(ON) < 125m (VGS = -4.5V) RDS(ON) < 170m (VGS = -2.5V) SC-70-6 (SOT-363) Top View D D G D D S G D S Absolute Maximum Ratings TA=25C unless otherwise noted Parameter Symbol VDS Drain-Source Voltage VGS Gate-Source Voltage Continuous Drain A Current Pulsed Drain Current Power Dissipation A B Maximum -20 12 -2 -1.6 -8 0.625 0.4 -55 to 150 Units V V A TA=25C TA=70C TA=25C TA=70C ID IDM PD TJ, TSTG W C Junction and Storage Temperature Range Thermal Characteristics Parameter Maximum Junction-to-Ambient A Maximum Junction-to-Ambient A C Maximum Junction-to-Lead Symbol t 10s Steady-State Steady-State RJA RJL Typ 160 180 130 Max 200 220 160 Units C/W C/W C/W Alpha & Omega Semiconductor, Ltd. AO7415 Electrical Characteristics (TJ=25C unless otherwise noted) Symbol Parameter Conditions ID=-250A, VGS=0V VDS=-16V, VGS=0V TJ=55C VDS=0V, VGS=10V VDS=0V, VGS=12V VDS=VGS ID=-250A VGS=-4.5V, VDS=-5V VGS=-10V, ID=-2A RDS(ON) Static Drain-Source On-Resistance TJ=125C VGS=-4.5V, ID=-1.3A -0.7 -15 -0.9 80 115 98 130 5 -0.84 Min -20 -0.5 -2.5 1 10 -1.4 100 125 170 -0.95 0.6 620 Typ Max Units V A A A V A m m m S V A pF pF pF nC nC nC ns ns ns ns ns nC STATIC PARAMETERS BVDSS Drain-Source Breakdown Voltage IDSS IGSS VGS(th) ID(ON) Zero Gate Voltage Drain Current Gate-Body leakage current Gate Threshold Voltage On state drain current gFS VSD IS VGS=-2.5V, ID=-1.0A Forward Transconductance VDS=-5V, ID=-2A Diode Forward Voltage IS=-1A,VGS=0V Maximum Body-Diode Continuous Current DYNAMIC PARAMETERS Ciss Input Capacitance Coss Output Capacitance Crss Reverse Transfer Capacitance Rg Gate resistance SWITCHING PARAMETERS Qg Total Gate Charge Qgs Gate Source Charge Qgd Gate Drain Charge tD(on) tr tD(off) tf trr Qrr Turn-On DelayTime Turn-On Rise Time Turn-Off DelayTime Turn-Off Fall Time VGS=0V, VDS=-10V, f=1MHz VGS=0V, VDS=0V, f=1MHz 512 77 62 9.2 4.9 3.5 3.7 11 8 34 12 13 4 13 6 VGS=-4.5V, VDS=-10V, ID=-2A VGS=-4.5V, VDS=-10V, RL=5, RGEN=3 IF=-2A, dI/dt=100A/s Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge IF=-2A, dI/dt=100A/s 13 10 41 15 17 6 A: The value of R JA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air environment with TA =25C. The value in any given application depends on the user's specific board design. The current rating is based on the t 10s thermal resistance rating. B: Repetitive rating, pulse width limited by junction temperature. C. The R JA is the sum of the thermal impedence from junction to lead RJL and lead to ambient. D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80 s pulses, duty cycle 0.5% max. E. These tests are performed with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air environment with TA=25C. The SOA curve provides a single pulse rating. Rev2: August 2005 THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN, FUNCTIONS AND RELIABILITY WITHOUT NOTICE. Alpha & Omega Semiconductor, Ltd. AO7415 TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS 25 20 15 10 5 0 0 1 2 3 4 5 -VDS (Volts) Fig 1: On-Region Characteristics 180 Normalized On-Resistance 160 RDS(ON) (m) 140 VGS=-4.5V 120 100 VGS=-10V 80 60 0 1 2 3 4 -ID (A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage 340 300 260 RDS(ON) (m) -IS (A) 220 180 140 25C 100 60 0 2 4 6 8 -VGS (Volts) Figure 5: On-Resistance vs. Gate-Source Voltage 125C ID=-2A 1.0E+01 1.0E+00 1.0E-01 1.0E-02 1.0E-03 1.0E-04 1.0E-05 1.0E-06 0.0 0.4 0.8 1.2 -VSD (Volts) Figure 6: Body-Diode Characteristics 125C 25C VGS=-2.5V 1.6 -9V -8V -7V -6V -10V 10 -5V -4V -3.5V 6 -3V -2.5V -2V VGS=-1.5V 0 0 0.5 1 1.5 2 2.5 3 3.5 -VGS(Volts) Figure 2: Transfer Characteristics -ID(A) 4 125C 2 25C 8 VDS=-5V -ID (A) VGS=-2.5V ID=-1A 1.4 VGS=-4.5V ID=-1.3A 1.2 VGS=-10V ID=-2A 1 0.8 0 25 50 75 100 125 150 175 Temperature (C) Figure 4: On-Resistance vs. Junction Temperature Alpha & Omega Semiconductor, Ltd. AO7415 TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS 5 4 -VGS (Volts) 3 2 1 0 0.0 1.0 2.0 3.0 4.0 5.0 6.0 -Qg (nC) Figure 7: Gate-Charge Characteristics 100.00 VDS=-10V ID=-2A Capacitance (pF) 600 800 Ciss 400 Coss 200 Crss 0 0 5 10 15 20 -VDS (Volts) Figure 8: Capacitance Characteristics TJ(Max)=150C TA=25C RDS(ON) limited 0.1s 10ms 14 12 10s 10 Power (W) 8 6 4 10s DC 2 0 0.001 10.00 -ID (Amps) TJ(Max)=150C TA=25C 1.00 0.10 1s 0.01 0.1 1 -VDS (Volts) Figure 9: Maximum Forward Biased Safe Operating Area (Note E) 10 100 0.01 0.1 1 10 100 1000 Pulse Width (s) Figure 10: Single Pulse Power Rating Junction-toAmbient (Note E) 10 ZJA Normalized Transient Thermal Resistance D=Ton/T TJ,PK=TA+PDM.ZJA.RJA RJA=220C/W In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse 1 0.1 PD Ton Single Pulse T 0.01 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance Alpha & Omega Semiconductor, Ltd. |
Price & Availability of AO7415 |