Part Number Hot Search : 
PE44240 KAS19W EFS1A ISL2402 0908163 NTE712 0BEEG 680M35
Product Description
Full Text Search
 

To Download AO7410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AO7410 N-Channel Enhancement Mode Field Effect Transistor
General Description
The AO7410 uses advanced trench technology to provide excellent RDS(ON), very low gate charge and operation with gate voltages as low as 2.5V. This device is suitable for use as a load switch or in PWM applications. Standard Product AO7410 is Pb-free (meets ROHS & Sony 259 specifications). AO7410L is a Green Product ordering option. AO7410 and AO7410L are electrically identical.
Features
VDS (V) = 30V ID = 1.6 A (V GS = 10V) RDS(ON) < 90m (VGS = 10V) RDS(ON) < 100m (VGS = 4.5V) RDS(ON) < 175m (VGS = 2.5V)
SC-70 (SOT-323) Top View G D S G
D
S
Absolute Maximum Ratings TA=25C unless otherwise noted Parameter Symbol VDS Drain-Source Voltage VGS Gate-Source Voltage Continuous Drain Current A Pulsed Drain Current Power Dissipation A
B
Maximum 30 12 1.6 1.3 10 0.35 0.22 -55 to 150
Units V V A
TA=25C TA=70C TA=25C TA=70C ID IDM PD TJ, TSTG
W C
Junction and Storage Temperature Range Thermal Characteristics Parameter Maximum Junction-to-Ambient A Maximum Junction-to-Ambient A Maximum Junction-to-Lead C
Symbol t 10s Steady-State Steady-State RJA RJL
Typ 300 340 280
Max 360 425 320
Units C/W C/W C/W
Alpha & Omega Semiconductor, Ltd.
AO7410
Electrical Characteristics (TJ=25C unless otherwise noted) Parameter Symbol STATIC PARAMETERS BVDSS Drain-Source Breakdown Voltage IDSS IGSS VGS(th) ID(ON) RDS(ON) Zero Gate Voltage Drain Current Gate-Body leakage current Gate Threshold Voltage On state drain current Conditions ID=250A, VGS=0V VDS=24V, VGS=0V TJ=55C VDS=0V, VGS=12V VDS=VGS ID=250A VGS=4.5V, VDS=5V VGS=10V, ID=1.6A Static Drain-Source On-Resistance TJ=125C VGS=4.5V, ID=1.5A 1 10 75 105 82 120 4.5 0.84 90 130 100 175 1 2.5 226 39 29 1.4 3 0.4 1.2 2.8 2.1 17.4 2.1 9.1 3.4 270 1.4 Min 30 0.001 1 5 100 1.8 Typ Max Units V A nA V A m m m S V A pF pF pF nC nC nC ns ns ns ns ns nC
gFS VSD IS
VGS=2.5V, ID=1A Forward Transconductance VDS=5V, ID=3.8A Diode Forward Voltage IS=1A,VGS=0V Maximum Body-Diode Continuous Current
DYNAMIC PARAMETERS Ciss Input Capacitance Coss Output Capacitance Crss Reverse Transfer Capacitance Rg Gate resistance SWITCHING PARAMETERS Qg Total Gate Charge Qgs Gate Source Charge Qgd Gate Drain Charge tD(on) Turn-On DelayTime tr tD(off) tf trr Qrr Turn-On Rise Time Turn-Off DelayTime Turn-Off Fall Time
VGS=0V, VDS=15V, f=1MHz VGS=0V, VDS=0V, f=1MHz
1.7 3.6
VGS=4.5V, VDS=15V, ID=1.6A
VGS=10V, VDS=15V, RL=9.4, RGEN=6
IF=1.6A, dI/dt=100A/s Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge IF=1.6A, dI/dt=100A/s
4 3 21 3 11 4
A: The value of R JA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air environment with TA =25C. The value in any given application depends on the user's specific board design. The current rating is based on the t 10s thermal resistance rating. B: Repetitive rating, pulse width limited by junction temperature. C. The R JA is the sum of the thermal impedence from junction to lead RJL and lead to ambient. D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80 s pulses, duty cycle 0.5% max. 2 E. These tests are performed with the device mounted on 1 in FR-4 board with 2oz. Copper, in a still air environment with TA=25C. The SOA curve provides a single pulse rating. Rev1: August 2005 THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN, FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Alpha & Omega Semiconductor, Ltd.
AO7410
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
15 10V 12 3.5V 4V 6V 3V 6 ID(A) 10 VDS=5V
8
9 ID (A)
6 VGS=2.5V 3
4 125C 2 25C
0 0 2 3 4 VDS (Volts) Fig 1: On-Region Characteristics 1 5
0 0 0.5 1.5 2 2.5 3 VGS(Volts) Figure 2: Transfer Characteristics 1 3.5
250 Normalized On-Resistance VGS=2.5V 200 RDS(ON) (m)
1.8 1.6 1.4 1.2 1 0.8 10 0 25 50 75 VGS=10V ID=1.6A
270
1.7 3.6
VGS=4.5V ID=1.5A
150 VGS=4.5V
100
50 0 2 4 6
VGS=10V 8
ID (A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage 180 ID=1.6A 160 140 120 100 80 60 0 2 4 6 8 10 VGS (Volts) Figure 5: On-Resistance vs. Gate-Source Voltage IS (A) 125C 1.0E+00 1.0E-01 1.0E-02 1.0E-03 1.0E-04 1.0E-05 0.0 1.0E+01
Temperature (C) Figure 4: On-Resistance vs. Junction Temperature
3 0.4 1.2 VGS2.8 =2.5V 2.1 ID=1A 17.4 2.1 9.1 100 3.4
3 21
125 150
11 4
175
RDS(ON) (m)
125C 25C
25C
0.2
0.4
0.6
0.8
1.0
1.2
VSD (Volts) Figure 6: Body-Diode Characteristics
Alpha & Omega Semiconductor, Ltd.
AO7410
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
5 400 VDS=15V ID=1.6A Capacitance (pF) 350 300 250 200 150 100 50 0 0 0.5 1.5 2 2.5 3 Qg (nC) Figure 7: Gate-Charge Characteristics 1 3.5 0 0 10 VDS (Volts) Figure 8: Capacitance Characteristics 5 15 Coss Crss Ciss
4 VGS (Volts)
3
2
1
100.0
270
TJ(Max)=150C TA=25C 15 TJ(Max)=150C TA=25C
1.7 3.6
10.0 ID (Amps)
1.0 1s 10s 0.1 0.1
0.1s 100s 1ms DC 1 10ms 100
Power (W)
RDS(ON) limited
10s
10
5
10 VDS (Volts) Figure 9: Maximum Forward Biased Safe Operating Area (Note E)
0 0.001
13
0.01
0.1 1 10 100 1000 Pulse Width (s) Figure 10: Single Pulse Power Rating Junction-toAmbient (Note E)
10 ZJA Normalized Transient Thermal Resistance
D=Ton/T TJ,PK=TA+PDM.ZJA.RJA RJA=360C/W
In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
1
0.1
PD Ton Single Pulse
T
0.01 0.00001
0.0001
0.1 1 10 Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance
0.001
0.01
100
1000
Alpha & Omega Semiconductor, Ltd.


▲Up To Search▲   

 
Price & Availability of AO7410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X