Part Number Hot Search : 
BB156 PCA9564D MS256 NJM2366 2SD299 AP3971 120M1T 74100310
Product Description
Full Text Search
 

To Download AMS1004-25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Monolithic Systems
FEATURES
* 20 mV (0.3%) max. initial tolerance (A grade) * Operating Current 20A to 20mA * Low Voltage Reference 2.5V * Max. 0.6 Dynamic Impedance (A grade) * Low Temperature Coefficient * 1.2V Device also available, AMS1004-1.2
AMS1004-2.5
MICROPOWER VOLTAGE REFERENCE
RoHS compliant
APPLICATIONS
* Battery Powered Systems * Instrumentation * A/D, D/A Converters * Temperature measurement * Current sources * Notebook/Personal Computer * Monitors/ VCR/ TV * Pagers
GENERAL DESCRIPTION
The AMS1004-2.5 is a two-terminal micropower band-gap voltage reference diode. It features a very low dynamic impedance and good temperature coefficient, operating over a 20A to 20mA current range. On-chip trimming is used to provide tight voltage tolerance. Since the AMS1004-2.5 is a band-gap reference, uses only transistors and resistors, low noise and good long term stability result. Careful design of the AMS1004-2.5 has made the device exceptionally tolerant of capacitive loading, making it easy to use in almost any reference application. The wide dynamic operating range allows its use with widely varying supplies with excellent regulation. The extremely low power drain of the AMS1004-2.5 makes these reference diodes useful for micropower circuitry. This voltage reference can be used to make portable meters, regulators or general purpose analog circuitry with battery life approaching shelf life. Further more, the wide operating current allows it to replace older references with a tight tolerance part, making it attractive for use in systems where accuracy was previously obtained at the expense of power consumption and trimming. The AMS1004-2.5 is operational over a temperature range of 0C to 70C and is available in TO-92, SO-8 and SOT-89 packages. For extended temperature range contact factory.
ORDERING INFORMATION:
TOL. TO-92 20mV AMS1004-2.5AN 40mV AMS1004-2.5BN PACKAGE TYPE 8 LEAD SOIC AMS1004-2.5AS AMS1004-2.5BS SOT-89 AMS1004-2.5AL AMS1004-2.5BL OPERATING TEMPERATURE RANGE 0 to 70 C 0 to 70 C
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS1004-2.5
ABSOLUTE MAXIMUM RATINGS
Reverse Current Forward Current Operating Temperature Range 30mA 10mA 0C to 70C Storage temperature Soldering information (25 sec.) -55C to +150C 265C
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IR = 100 A, and TA = +25C unless otherwise specified. Parameter
Reverse Breakdown Voltage (Note 4) Reverse Dynamic Impedance (Note 4) Reverse Breakdown Voltage Change with current (Note 4) Min. Operating Current (Note 4) Wide Band Noise (Note 5) Temperature Coeff. (Note 6) Long Term Stability (Note 5) TA=25C.1C T = 1000 Hr 20 20 ppm IR - 100 A, 10Hz f 10kHz
Conditions
IR - 100 A IR - 100 A, f = 20Hz 10A IR 1mA 1mA IR 20mA
AMS1004A-2.5 Min Typ Max
2.480 2.500 0.2 1.0 10 12 10 20 2.520 0.60
Min
2.460
AMS1004B-2.5 Typ Max
2.500 0.2 2.540 0.60 1.0 10 12 10 20
Units
V mV
A A V
120
120
25
50
ppm/C
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Note 2: For elevated temperature operation, Tj max is +100C
Thermal Resistance
JA (junction to ambient)
TO-92
170C/W (0.125" leads)
SO-8
165C/W
SOT-89
160C/W
Note 3: Parameters identified with boldface type apply at temperature extremes. All other numbers apply at TA = TJ = 25C. Note 4: Guaranteed and 100% production tested. Note 5: Guaranteed but not 100% production tested. These limits are not used to calculate average outgoing quality levels. Note 6: The average temperature coefficient is defined as the maximum deviation of reference voltage at all measured temperatures between the operating
TMAX and TMIN, divided by TMAX - TMIN. The measured temperatures are 0C, 25C, 70C.
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS1004-2.5
PIN CONNECTIONS
TO-92 Plastic Package (N) SO-8 SO Package (S)
+ 8 N/C N/C N/C 7 6 5
SOT-89 (L)
3
2
1
3
1 2 3 N/C N/C N/C 4 -
2 +
1 -
N/C
Bottom View
Top View
Top View
TYPICAL APPLICATIONS
Wide Input Range Reference Micropower Reference from 9V Battery
VIN = 3.7V TO 30V
9V
200k
LM334
2.5V
3.3k
AMS1004-2.5
OUT 2.5V AMS1004-2.5
Micropower Thermocouple Cold Junction Compensator
V+
LM334 2k 1%
18k
1M 1% V-
R
Adjustment Procedure
3V + LITHIUM AMS1004-2.5 R2 R1 ZERO ADJ 100k TC ADJ 500
1. Adjust TC ADJ pot until voltage across R1 equals Kelvin temperature multiplied by the thermocouple Seebeck coefficient. 2. Adjust ZERO ADJ pot until voltage across R2 equals the thermocouple Seebeck coefficient multiplied by 273.2. Thermocouple Type Seebeck Coefficient (mV/ C) 52.3 42.8 40.8 6.4 R1 () R2 Voltage Voltage () Across R1 Across R2 @ 25C (mV) (mV) 1.24k 1k 953 150 15.60 12.77 12.17 1.908 14.32 11.78 11.17 1.766
+ THERMOCOUPLE + COLD JUNCTION ISO THERMAL WITH LM334 METER
J T K S
523 432 412 63.4
Typical supply current 50A
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS1004-2.5
TYPICAL APPLICATIONS (Continued)
0C - 100C Thermometer 0C - 100C Thermometer
1k
150
0-100A M IOUT R1 8k R2 1k R AMS1004-2.5 R3 100 R4 220
0-50A IOUT
M R1 4k R2 1k R AMS1004-2.5 R3 50 R4 100
V+ LM334 V-
3V
V+ LM334 V-
3V
Calibration 1. Short AMS1004-2.5, adjust R3 for IOUT = temp at 1A/K 2. Remove short, adjust R2 for correct reading in C
Calibration 1. Short AMS1004-2.5, adjust R3 for IOUT = temp at 1.8A/K 2. Remove short, adjust R2 for correct reading in F
Micropower* 5V Regulator
IQ V+ LM334 VR 47k 2N2905 2.2k 3 + 7 LM4250C 2 4 6 VO = 5V IL 100mA 150pF 100k + 4.7F TANTALUM VIN 5.2V
Micropower* 10V Reference
IQ VIN = 15V 500k 2 + 7 LM4250C 3 8 4 22M 150pF 1.5M 6 10V
8 1N457 1N457
500k AMS1004-2.5
10M AMS1004-2.5
2k
100k
*IQ 20A standby current *IQ 40A
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS1004-2.5
TYPICAL PERFORMANCE CHARACTERISTICS
Reverse Characteristics OUTPUT VOLTAGE CHANGE (mV) 16 12 8 4 0 -4 0.01 0.1 1 10 REVERSE CURRENT (mA) 100
TA =-55 C
Reverse Characteristics 100 REVERSE CURRENT (A) 1.6 FORWARD VOLTAGE (V)
Forward Characteristics
TA =125 C
1.2
TA =-55 C
10
TA =125 C TA =-55 C
TA =25 C
0.8
TA =25 C
1
TA =25 C
0.4
TA =125 C
0.1 0 0.5 1.0 1.5 2.0 2.5 REVERSE VOLTAGE (V) Temperature Drift 2.530 DYNAMIC IMPEDANCE () REFERENCE VOLTAGE (V) 2.520 2.510 2.500 2.490 2.480 2.470 2.460 2.450 -55 -35 -15 5 25 45 65 85 105 125 TEMPERATURE ( C) Noise Voltage 1400
IR= 100A SINGLE POLE LOW PASS IR= 100A IR= 100A
0 3.0 0.01 0.1 1 10 100 FORWARD CURRENT (mA)
Reverse Dynamic Impedance 1000 DYNAMIC IMPEDANCE ()
Reverse Dynamic Impedance 10k 1k 100 10
TA =25 C IR= 100A
100
TA =125 C
10
TA =-55 C
1
TA =25 C
1 0.1
0.1 0.01 0.1 1 10 REVERSE CURRENT (mA) 100
10
100
10k 100k 1k FREQUENCY (Hz)
1M
Filtered Output Noise 120 INTEGRATED NOISE ( V) 100 80 60 40 20 0 100
SHARP CUTOFF FILTER 100A OUTPUT
Response Time 3.0
OUTPUT
1200 NOISE (nV/Hz) 1000 800 600 400 200 0 1k 10k CUTOFF FREQUENCY (Hz) 100k 10 100 1k 10k FREQUENCY (Hz) 100k VOLTAGE SWING (V) 2.0 1.0 0 10 0 0
INPUT 100k OUTPUT
~ ~
INPUT
~ ~
200 400 TIME (s)
600
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS1004-2.5
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted.
3 LEAD TO-92 PLASTIC PACKAGE (N)
0.0600.005 (1.5240.127) DIA
0.1800.005 (4.5720.127) 0.0600.010 (1.5240.254) 0.1400.010 (3.5560.127)
0.1800.005 (4.5720.127)
0.90 (2.286) NOM
5 NOM 0.500 (12.70) MIN
10 NOM
0.050 (1.270) MAX
UNCONTROLLED LEAD DIMENSIONS
0.0500.005 (1.2700.127)
0.0160.003 (0.4060.076)
0.0150.002 (0.3810.051)
N (TO-92 ) AMS DRW# 042391
8 LEAD SOIC PLASTIC PACKAGE (S)
0.189-0.197* (4.801-5.004) 8 7 6 5
0.228-0.244 (5.791-6.197)
0.150-0.157** (3.810-3.988)
1
2
3
4
0.053-0.069 (1.346-1.752) 0.004-0.010 (0.101-0.254) 0.008-0.010 (0.203-0.254)
0.010-0.020 x 45 (0.254-0.508) 0-8 TYP
0.014-0.019 (0.355-0.483)
0.050 (1.270) TYP
0.016-0.050 (0.406-1.270)
S (SO-8 ) AMS DRW# 042293
*DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS1004-2.5
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted (Continued).
SOT-89 PLASTIC PACKAGE (L)
0.173-0.181 (4.40-4.60) 0.064-0.072 (1.62-1.83)
0.055-0.063 (1.40-1.60) 0.014-0.017 (0.35-0.44)
0.155-0.167 (3.94-4.25) 0.090-0.102 (2.29-2.60) 0.084-0.090 (2.13-2.29)
0.035-0.047 (0.89-1.20) 0.059 (1.50) BSC 0.118 (3.00) BSC 0.014-0.019 (0.36-0.48) 0.017-0.022 (0.44-0.56)
L (SOT-89 ) AMS DRW# 042392
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723


▲Up To Search▲   

 
Price & Availability of AMS1004-25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X