Part Number Hot Search : 
MC12060 P75N08 CXP5080 SP6829TR LC503 MH205 200CT T9G01812
Product Description
Full Text Search
 

To Download AMC1112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMC1112
www.addmtek.com DESCRIPTION The AMC1112 of positive fixed regulators is designed to provide 1A for applications requiring high efficiency. All internal circuitry is designed to operated down to 800mV input to output differential and the dropout voltage is fully specified as a function of load current. The AMC1112 offers current limiting and thermal protection. The on chip trimming adjusts the reference voltage accuracy to 1%.
1A LOW DROPOUT POSITIVE REGULATOR
FEATURES Output current of 1A typical Three-terminal fixed 1.2V outputs Low dropout of typical 800mV Thermal protection built in Typical 0.015% line regulation Typical 0.01% load regulation Fast transient response Available in SOT-223 and TO-252 packages Pin assignment identical to earlier FAN1112.
APPLICATIONS 2.85V Model for SCSI-2 Active Termination Battery Charger High Efficiency Linear Regulators Battery Powered Instrumentation Post Regulator for Switching DC/DC Converter
PACKAGE PIN OUT
3. VIN 2. VOUT 1. GND 3-Pin Plastic SOT-223 Surface Mount (Top View)
3. VIN 2. VOUT 1. GND 3-Pin Plastic TO-252 Surface Mount (Top View)
ORDER INFORMATION TA (OC) 0 to 70
Note:
SOT223 3-pin AMC1112SK (SnPb) AMC1112KF (Lead Free)
SK
TO-252 3-pin AMC1112SJ (SnPb) AMC1112SJF (Lead Free)
SJ
1.All surface-mount packages are available in Tape & Reel. 2.The letter "F" is marked for Lead Free process.
Append the letter "T" to part number (i.e. AMC1112SJT).
Copyright (c) 2007 ADDtek Corp
1
DD003_B --
MAY 2007
AMC1112
ABSOLUTE MAXIMUM RATINGS Input Voltage Operating Junction Temperature Range, TJ Storage Temperature Range Lead Temperature (soldiering, 10 seconds)
Note 1: Exceeding these ratings could cause damage to the device. negative out of the specified terminal.
(Note 1) 13V 0 OC to 150 OC -65 OC to 150 OC 260 OC
All voltages are with respect to Ground. Currents are positive into,
POWER DISSIPATION TABLE Package SK SKF SJ SJF JA (OC /W ) 136 136 80 80 Derating factor ( mW/ OC) TA 25 OC 7.35 7.35 12.5 12.5 TA 25 OC Power rating(mW) 919 919 1562 1562 TA=70 OC Power rating(mW) 588 588 1000 1000 TA= 85 OC Power rating (mW) 478 478 812 812
Note : 1. JA: Thermal Resistance-Junction to Ambient, DF : Derating factor, Po: Power consumption. Junction Temperature Calculation: TJ = TA + (PD x JA), Po = DF x (TJ- TA) The JA numbers are guidelines for the thermal performance of the device/PC-board system. All of the above assume no ambient airflow. 2. JT: Thermal Resistance-Junction to Tab, TC: case(Tab) temperature, TJ = TC + (PD x JT) For SK package, JT = 15.0 OC /W. For SJ package, JT = 7.0 OC /W.
BLOCK DIAGRAM
VIN
VOUT
For 1.2V Output
GND Copyright (c) 2007 ADDtek Corp 2 DD003_B -MAY 2007
AMC1112
RECOMMENDED OPERATING CONDITIONS Recommended Operating Conditions Parameter Symbol Min. Typ. Max. Input Voltage VIN 2.4 12 Load Current (with adequate heatsinking) IO 10 Input Capacitor (VIN to GND) 1.0 Output Capacitor with ESR of 10 max., (VOUT to GND) 4.7 Junction temperature TJ ELECTRICAL CHARACTERISTICS Unless otherwise specified, VIN = VOUT +2V, IO =10mA, and TJ = 25 OC. Parameter Output Voltage AMC1112 Symbol Vout VOI Test Conditions IO = 10mA, VIN - VOUT = 2V 10mA IO 1A, VOUT +1.5V VIN 12V IO = 10mA, VOUT +1.5V VIN 12V IO = 10mA, VOUT +1.5V VIN 12V 10mA IO 1A, VIN - VOUT = 3V 10mA IO 1A, VIN = VOUT +1.5V IO = 10mA IO = 500mA IO = 1A 3.0V Vin 12V IQ ICL VIN 12V VIN - VOUT = 3V IO = 10mA, VIN - VOUT = 2V TA = 25 C, 30 ms pulse RR fO = 120HZ, 1V RMS, I O = 400mA, VIN - VOUT = 3V 60
O
Units V mA F F
O
125
C
AMC1112 Line Regulation AMC1112 AMC1112 Load Regulation AMC1112 Dropout Voltage Minimum Load Current (Note 1) Quiescent Current AMC1112
AMC1112 Min Typ 1.18 1.20 1.17 1.20 0.04 1.0 0.10 1.0 0.8 0.8 1.0 10 6 1 1.2 50 0.01 75
Max 1.26 1.27 0.20 6.0 0.40 10.0 1.15 1.20 120
Units V % mV % mV V
VOL
V
mA 10 mA A A %/W dB
Current Limit Adjust Pin Current Thermal Regulation (Note 2) Ripple rejection (Note 2)
Note 1: Note 2:
120 0.1
For the adjustable device, the minimum load current is the minimum current required to maintain regulation. Normally the current in the resistor divider used to set the output voltage is selected to meet the minimum load current requirement. These parameters, although guaranteed, are not tested in production.
Copyright (c) 2007 ADDtek Corp
3
DD003_B --
MAY 2007
AMC1112
CHARACTERIZATION CURVES
Unless otherwise specified, VIN= VOUT+2VCIN=1FCOUT=4.7FTA=25 OC
Load Regulation
102.0%
Output Voltage (%)
101.5% 101.0% 100.5% 100.0% 99.5% 99.0% 98.5% 98.0% 10 200 400 600 800 1000
Current (mA)
Temperature Stability
Output Voltage Change (%)
1.5 1 0.5 0 -0.5 -1 -1.5 -2 -40 -20 0 20 40 60 80 100 120
Quiescent Current vs. Temperature
Quiescent Current (mA)
10 8 6 4 2 0 -40 -20 0 20 40
O
2
60 80 100 120
TA (OC)
TA ( C)
Copyright (c) 2007 ADDtek Corp
4
DD003_B --
MAY 2007
AMC1112
APPLICATION INFORMATION
VIN
AMC1112
VOUT
* 120
C1 10F
R
C2 22F
Note:
1. *120 for warrant work on 10mA. 2. R doesn't need to use if load more than 120.
Fixed Voltage Regulator
Copyright (c) 2007 ADDtek Corp
5
DD003_B --
MAY 2007
AMC1112
Application Note:
Maximum Power Calculation: TJ(MAX) - TA(MAX) JA TJ(OC): Maximum recommended junction temperature TA(OC): Ambient temperature of the application JA(OC/W): Junction-to-junction temperature thermal resistance of the package, and other heat dissipating materials. The maximum power dissipation of a single-output regulator : PD(MAX) = [(VIN(MAX) - VOUT(NOM))] x IOUT(NOM) + VIN(MAX) x IQ PD(MAX)= Where: VOUT(NOM) = the nominal output voltage IOUT(NOM) = the nominal output current, and IQ = the quiescent current the regulator consumes at IOUT(MAX) VIN(MAX) = the maximum input voltage Then JA = (150 OC - TA)/ PD Thermal consideration: When power consumption is over about 404 mW ( for SOT-223 package, 687mW for TO-252 package, at TA=70 OC), additional heat sink is required to control the junction temperature below 125 OC. The junction temperature is: TJ = P D ( JT + CS + SA ) + TA P D :Dissipated power. JT :Thermal resistance from the junction to the mounting tab of the package. CS :Thermal resistance through the interface between the IC and the surface on which it is mounted. (typically, CS < 1.0C/W) SA : Thermal resistance from the mounting surface to ambient (thermal resistance of the heat sink). If PC Board copper is going to be used as a heat sink, below table can be used to determine the appropriate size of copper foil required. For multi-layered PCB, these layers can also be used as a heat sink. They can be connected with several through hole vias. 59 PCB SA (OC /W ) 2 PCB heat sink size (mm ) 500 45 1000 38 1500 33 2000 27 3000 24 4000 21 5000
Recommended figure of PCB area used as a heat sink.
through hole vias
(Top View)
(Bottom View)
Copyright (c) 2007 ADDtek Corp
6
DD003_B --
MAY 2007
AMC1112
PACKAGE
3-Pin Surface Mount SOT-223 ( SK )
D A
c
MILLIMETERS MIN A A1 B 1.50 0.02 0.60 2.90 0.28 6.30 3.30 TYP 1.65 0.05 0.70 0.30 6.50 3.50 2.3 BSC 4.6 BSC 6.70 0.91 1.50 0 7.00 1.00 1.75 5 3 7.30 1.10 2.00 10 MAX 1.80 0.08 0.80 3.15 0.32 6.70 3.70
B1
H
E
B1 c
K L
D E
A1
e e1
e e1 H L K
B

3-Pin Surface Mount TO-252 (SJ)
INCHES MIN
E b2 L2
SEATING PLAN
MILLIMETERS MAX 0.094 0.050 0.215 0.023 0.023 0.220 0.265 MIN 2.18 1.02 5.21 0.46 0.46 5.33 6.35 TYP 0.61 2.29 BSC 4.58 BSC 9.40 0.51 0.64 1.52 10.41 1.02 2.03 MAX 2.39 1.27 5.46 0.58 0.58 5.59 6.73
TYP 0.024 -
A A1 c1
A
0.086
A1 0.040 b -
b2 0.205
D
c
H
0.018
c1 0.018 D 0.210
L1 b e1 L
E e e1
0.250
e
c
0.090 BSC 0.180 BSC 0.410 0.040 0.080
H 0.370 L 0.020
L1 0.025 L2 0.060
Copyright (c) 2007 ADDtek Corp
7
DD003_B --
MAY 2007
AMC1112
IMPORTANT NOTICE
ADDtek reserves the right to make changes to its products or to discontinue any integrated circuit product or service without notice, and advises its customers to obtain the latest version of relevant information to verify, before placing orders, that the information being relied on is current. A few applications using integrated circuit products may involve potential risks of death, personal injury, or severe property or environmental damage. ADDtek integrated circuit products are not designed, intended, authorized, or warranted to be suitable for use in life-support applications, devices or systems or other critical applications. Use of ADDtek products in such applications is understood to be fully at the risk of the customer. In order to minimize risks associated with the customer's applications, the customer should provide adequate design and operating safeguards. ADDtek assumes to no liability to customer product design or application support. ADDtek warrants the performance of its products to the specifications applicable at the time of sale.
ADDtek Corp. 9F, No. 20, Sec. 3, Bade Rd., Taipei, Taiwan, 105 TEL: 2-25700299 FAX: 2-25700196
Copyright (c) 2007 ADDtek Corp 8 DD003_B -MAY 2007


▲Up To Search▲   

 
Price & Availability of AMC1112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X