Part Number Hot Search : 
AT91S SU169 MAX351 M12GZ47 CY7C131 74HC4066 NJU71031 CR100
Product Description
Full Text Search
 

To Download 74LVX16374 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LVX16374
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUTS
s
s s s
s
s
s
s
s
s
s
HIGH SPEED: fMAX = 160 MHz (TYP.) at VCC = 3V 5V TOLERANT INPUTS POWER DOWN PROTECTION ON INPUTS INPUT VOLTAGE LEVEL: VIL = 0.8V, VIH = 2V at VCC =3V LOW POWER DISSIPATION: ICC = 4 A (MAX.) at TA=25C LOW NOISE: VOLP = 0.3V (TYP.) at VCC =3.3V SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 4 mA (MIN) at VCC =3V BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 3.6V (1.2V Data Retention) PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 16373 IMPROVED LATCH-UP IMMUNITY
TSSOP
ORDER CODES
PACKAGE TSSOP TUBE T&R 74LVX16374TTR
PIN CONNECTION
DESCRIPTION The 74LVX16374 is a low voltage CMOS 16 BIT D-TYPE FLIP-FLOP with 3 STATE OUTPUTS NON INVERTING fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power, battery operated and low noise 3.3V applications. These 16 bit D-TYPE flip-flop is controlled by two clock inputs (CK) and two output enable inputs (nOE). The device can be used as two 8-bit flip-flops or one 16-bit flip-flop.On the positive transition of the clock, the Q outputs will be set to the logic state that were setup at the D inputs. While the (OE) input is low, the outputs will be in a normal logic state (high or low logic level); while OE is high, the outputs will be in a high impedance state.The output control does not affect the internal operation of flip-flops; that is, the old data can be retained or the new data can be entered even while the outputs are off.Power down protection is provided on all inputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage.This device can be used to interface 5V to 3V. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
February 2003 1/10
74LVX16374
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
PIN No 1 SYMBOL 1OE NAME AND FUNCTION
IEC LOGIC SYMBOLS
3 State Output Enable Input (Active LOW) 2, 3, 5, 6, 8, 9, 1Q0 to 1Q7 3-State Outputs 11, 12 13, 14, 16, 17, 2Q0 to 2Q7 3-State Outputs 19, 20, 22, 23 3 State Output Enable 24 2OE Input (Active LOW) 25 2CK Clock Input 36, 35, 33, 32, 2D0 to 2D7 Data Inputs 30, 29, 27, 26 47, 46, 44, 43, 1D0 to 1D7 Data Inputs 41, 40, 38, 37 48 1CK Clock Input 4, 10, 15, 21, GND Ground (0V) 28, 34, 39, 45 7, 18, 31, 42 VCC Positive Supply Voltage
TRUTH TABLE
INPUTS OE H L L L
X : Don`t Care Z : High Impedance
OUTPUT D X X L H Q Z NO CHANGE L H
CK X
2/10
74LVX16374
LOGIC DIAGRAM
This logic diagram has not to be used to estimate propagation delays
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 - 20 20 25 50 -65 to +150 300 Unit V V V mA mA mA mA C C
ICC or IGND DC VCC or Ground Current
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top dt/dv Supply Voltage (note 1) Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time (note 2) (VCC = 3V) Parameter Value 2 to 3.6 0 to 5.5 0 to VCC -55 to 125 0 to 100 Unit V V V C ns/V
1) Truth Table guaranteed: 1.2V to 3.6V 2) VIN from 0.8V to 2.0V
3/10
74LVX16374
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 2.0 3.0 3.6 2.0 3.0 3.6 2.0 3.0 3.0 VOL Low Level Output Voltage 2.0 3.0 3.0 IOZ High Impedance Output Leakage Current Input Leakage Current Quiescent Supply Current 3.6 3.6 3.6 IO=-50 A IO=-50 A IO=-4 mA IO=50 A IO=50 A IO=4 mA VI = VIH or VIL VO = VCC or GND VI = 5V or GND VI = VCC or GND TA = 25C Min. 1.5 2.0 2.4 0.5 0.8 0.8 1.9 2.9 2.58 0.0 0.0 0.1 0.1 0.36 0.25 0.1 4 2.0 3.0 1.9 2.9 2.48 0.1 0.1 0.44 2.5 1 40 Typ. Max. Value -40 to 85C Min. 1.5 2.0 2.4 0.5 0.8 0.8 1.9 2.9 2.4 0.1 0.1 0.55 2.5 1 40 A A A V V Max. -55 to 125C Min. 1.5 2.0 2.4 0.5 0.8 0.8 Max. V Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
VIL
V
VOH
II ICC
DYNAMIC SWITCHING CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 3.3 TA = 25C Min. Typ. 0.3 -0.8 CL = 50 pF 2.0 -0.3 V Max. 0.8 Value -40 to 85C Min. Max. -55 to 125C Min. Max. Unit
VOLP VOLV VIHD
VILD
Dynamic Low Voltage Quiet Output (note 1, 2) Dynamic High Voltage Input (note 1, 3) Dynamic Low Voltage Input (note 1, 3)
3.3
3.3
0.8
1) Worst case package. 2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V, (n-1) outputs switching and one output at GND. 3) Max number of data inputs (n) switching. (n-1) switching 0V to 3.3V. Inputs under test switching: 3.3V to threshold (V ILD), 0V to threshold (VIHD), f=1MHz.
4/10
74LVX16374
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3ns)
Test Condition Symbol Parameter VCC (V) 2.7 2.7 3.3 tPZL tPZH Output Enable Time
(*)
Value TA = 25C Min. Typ. 9.5 11.0 9 10.6 8.6 10.1 8 9.6 11.5 9.6 5 5 4.5 3 2 2 60 45 100 80 115 60 160 130 0.5 0.5 1.0 1.0 Max. 16.3 19.8 15 16.2 14.5 18.0 13 14.9 18.5 13.2 -40 to 85C Min. 1.0 1.0 1 1 1.0 1.0 1 1 1.0 1.0 5 5 4 3 2 2 50 40 85 70 1.5 1.5 Max. 19.5 23.0 17 18.5 17.5 21.0 15 16 22.0 15.0 -55 to 125C Min. 1.0 1.0 1 1 1.0 1.0 1 1 1.0 1.0 5 5 4 3 2 2 45 35 75 70 80 1.5 1.5 ns MHz Max. 20.5 24.0 17 18.5 18.5 22.0 15 16 23.0 16.0 5 5 ns ns ns ns ns ns Unit
CL (pF) 15 50 15 50 15 50 15 50 50 50 50 50 50 50 50 50 15 50 15 50 50 50
tPLH tPHL
Propagation Delay Time CK to Q
3.3(*) 2.7 2.7 3.3(*) 3.3(*) 2.7 3.3(*) 2.7 3.3(*) 2.7 3.3(*) 2.7 3.3(*) 2.7 2.7 3.3(*) 3.3(*) 2.7 3.3(*)
tPLZ tPHZ tW tS th fMAX
Output Disable Time CK pulse Width, HIGH Setup Time D to CK HIGH or LOW Hold Time D to CK HIGH or LOW Maximum Clock Frequency
tOSLH tOSHL
Output to Output Skew Time (note 1,2)
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switching in the same direction, either HIGH or LOW 2) Parameter guaranteed by design (*) Voltage range is 3.3V 0.3V
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) TA = 25C Min. Typ. 2.5 4 3.0 fIN = 10MHz 17 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF pF Unit
CIN COUT CPD
Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/16 (per circuit)
5/10
74LVX16374
TEST CIRCUIT
TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ
CL = 15/50 pF or equivalent (includes jig and probe capacitance) RL = R1 = 1K or equivalent RT = ZOUT of pulse generator (typically 50)
SWITCH Open VCC GND
WAVEFORM 1 PROPAGATION DELAYS, SETUP AND HOLD TIMES, MAXIMUM CLOCK FREQUENCY (f=1MHz; 50% duty cycle)
6/10
74LVX16374
WAVEFORM 2: OUTPUT ENABLE AND DISABLE TIME (f=1MHz; 50% duty cycle)
WAVEFORM 3 : CLOCK PULSE WIDTH (f=1MHz; 50% duty cycle)
7/10
74LVX16374
TSSOP48 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.50 6.0 0.5 BSC 8 0.75 0 0.020 0.17 0.09 12.4 8.1 BSC 6.2 0.236 0.0197 BSC 8 0.030 0.05 0.9 0.27 0.20 12.6 0.0067 0.0035 0.488 0.318 BSC 0.244 TYP MAX. 1.2 0.15 0.002 0.035 0.011 0.0079 0.496 MIN. TYP. MAX. 0.047 0.006 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
7065588C
8/10
74LVX16374
Tape & Reel TSSOP48 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 8.7 13.1 1.5 3.9 11.9 12.8 20.2 60 30.4 8.9 13.3 1.7 4.1 12.1 0.343 0.516 0.059 0.153 0.468 TYP MAX. 330 13.2 0.504 0.795 2.362 1.197 0.350 0.524 0.067 0.161 0.476 MIN. TYP. MAX. 12.992 0.519 inch
9/10
74LVX16374
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of 74LVX16374

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X