|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
74LVX16373 LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUTS s s s s s s s s s s s HIGH SPEED : tPD = 5.4 ns (MAX.) at VCC = 3V 5V TOLERANT INPUTS POWER DOWN PROTECTION ON INPUTS INPUT VOLTAGE LEVEL: VIL = 0.8V, VIH = 2V at VCC =3V LOW POWER DISSIPATION: ICC = 4 A (MAX.) at TA=25C LOW NOISE: VOLP = 0.3V (TYP.) at VCC =3.3V SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 4 mA (MIN) at VCC =3V BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 3.6V (1.2V Data Retention) PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 16373 IMPROVED LATCH-UP IMMUNITY TSSOP ORDER CODES PACKAGE TSSOP TUBE T&R 74LVX16373TTR PIN CONNECTION DESCRIPTION The 74LVX16373 is a low voltage CMOS 16 BIT D-TYPE LATCH with 3 STATE OUTPUTS NON INVERTING fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power, battery operated and low noise 3.3V applications. These 16 bit D-TYPE latches are byte controlled by two latch enable inputs (nLE) and two output enable inputs(OE). While the nLE input is held at a high level, the nQ outputs will follow the data input precisely. When the nLE is taken LOW, the nQ outputs will be latched precisely at the logic level of D input data. While the (nOE) input is low, the nQ outputs will be in a normal logic state (high or low logic level) and while high level the outputs will be in a high impedance state. Power down protection is provided on all inputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. This device can be used to interface 5V to 3V. It combines high speed performance with the true CMOS low power consumption. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage. February 2003 1/10 74LVX16373 INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION PIN No 1 SYMBOL 1OE NAME AND FUNCTION IEC LOGIC SYMBOLS 3 State Output Enable Input (Active LOW) 2, 3, 5, 6, 8, 9, 1Q0 to 1Q7 3-State Outputs 11, 12 13, 14, 16, 17, 2Q0 to 2Q7 3-State Outputs 19, 20, 22, 23 24 2OE 3 State Output Enable Input (Active LOW) 25 2LE Latch Enable Input 36, 35, 33, 32, 2D0 to 2D7 Data Inputs 30, 29, 27, 26 47, 46, 44, 43, 1D0 to 1D7 Data Inputs 41, 40, 38, 37 48 1LE Latch Enable Input 4, 10, 15, 21, GND Ground (0V) 28, 34, 39, 45 7, 18, 31, 42 VCC Positive Supply Voltage TRUTH TABLE INPUTS OE H L L L LE X L H H D X X L H OUTPUT Q Z NO CHANGE * L H X : Don`t Care Z : High Impedance * : Q outputs are latched at the time when the LE input is taken low logic level. 2/10 74LVX16373 LOGIC DIAGRAM This logic diagram has not to be used to estimate propagation delays ABSOLUTE MAXIMUM RATINGS Symbol VCC VI VO IIK IOK IO Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 - 20 20 25 50 -65 to +150 300 Unit V V V mA mA mA mA C C ICC or IGND DC VCC or Ground Current Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied RECOMMENDED OPERATING CONDITIONS Symbol VCC VI VO Top dt/dv Supply Voltage (note 1) Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time (note 2) (VCC = 3V) Parameter Value 2 to 3.6 0 to 5.5 0 to VCC -55 to 125 0 to 100 Unit V V V C ns/V 1) Truth Table guaranteed: 1.2V to 3.6V 2) VIN from 0.8V to 2.0V 3/10 74LVX16373 DC SPECIFICATIONS Test Condition Symbol Parameter VCC (V) 2.0 3.0 3.6 2.0 3.0 3.6 2.0 3.0 3.0 VOL Low Level Output Voltage 2.0 3.0 3.0 IOZ High Impedance Output Leakage Current Input Leakage Current Quiescent Supply Current 3.6 3.6 3.6 IO=-50 A IO=-50 A IO=-4 mA IO=50 A IO=50 A IO=4 mA VI = VIH or VIL VO = VCC or GND VI = 5V or GND VI = VCC or GND TA = 25C Min. 1.5 2.0 2.4 0.5 0.8 0.8 1.9 2.9 2.58 0.0 0.0 0.1 0.1 0.36 0.25 0.1 4 2.0 3.0 1.9 2.9 2.48 0.1 0.1 0.44 2.5 1 40 Typ. Max. Value -40 to 85C Min. 1.5 2.0 2.4 0.5 0.8 0.8 1.9 2.9 2.4 0.1 0.1 0.55 2.5 1 40 A A A V V Max. -55 to 125C Min. 1.5 2.0 2.4 0.5 0.8 0.8 Max. V Unit VIH High Level Input Voltage Low Level Input Voltage High Level Output Voltage VIL V VOH II ICC DYNAMIC SWITCHING CHARACTERISTICS Test Condition Symbol Parameter VCC (V) 3.3 TA = 25C Min. Typ. 0.3 -0.8 CL = 50 pF 2.0 -0.3 V Max. 0.8 Value -40 to 85C Min. Max. -55 to 125C Min. Max. Unit VOLP VOLV VIHD VILD Dynamic Low Voltage Quiet Output (note 1, 2) Dynamic High Voltage Input (note 1, 3) Dynamic Low Voltage Input (note 1, 3) 3.3 3.3 0.8 1) Worst case package. 2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V, (n-1) outputs switching and one output at GND. 3) Max number of data inputs (n) switching. (n-1) switching 0V to 3.3V. Inputs under test switching: 3.3V to threshold (V ILD), 0V to threshold (VIHD), f=1MHz. 4/10 74LVX16373 AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3ns) Test Condition Symbol Parameter VCC (V) 2.7 2.7 3.3 tPLH tPHL Propagation Delay Time Dn to Qn (*) Value TA = 25C Min. Typ. 7 9 5.5 7 8 9.5 5.4 7.5 7 9.5 5.2 7.6 9 7.7 6 5 4.5 4 1.5 1 0.5 0.5 1.0 1.0 Max. 14 15.5 13 14.5 14 15 13 14 14.9 16 13 14.9 17 15.5 -40 to 85C Min. 1 1 1 1 1 1 1 1 1 1 1 1 1 1 6 5 4.5 4 1.5 1 1.5 1.5 Max. 16 17 15 16.5 16 17 15 16 16 17 15 16 18 17 -55 to 125C Min. 1 1 1 1 1 1 1 1 1 1 1 1 1 1 6 5 4.5 4 1.5 1 1.5 1.5 ns Max. 16 17 15 16.5 16 17 15 16.5 16 17 15 16 18 17 ns ns ns ns ns ns ns Unit CL (pF) 15 50 15 50 15 50 15 50 15 50 15 50 50 50 50 50 50 50 50 50 50 50 tPLH tPHL Propagation Delay Time LE to Qn 3.3(*) 2.7 2.7 3.3(*) tPZL tPZH Output Enable Time 3.3(*) 2.7 2.7 3.3(*) tPLZ tPHZ tW tS th tOSLH tOSHL 3.3(*) 2.7 3.3 2.7 3.3 2.7 3.3 2.7 (*) Output Disable Time LE pulse Width, HIGH Setup Time Dn to LE HIGH or LOW Hold Time Dn to LE HIGH or LOW Output to Output Skew Time (note 1,2) (*) (*) 3.3(*) 2.7 3.3 (*) 1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switching in the same direction, either HIGH or LOW 2) Parameter guaranteed by design (*) Voltage range is 3.3V 0.3V CAPACITIVE CHARACTERISTICS Test Condition Symbol Parameter VCC (V) TA = 25C Min. Typ. 2.5 4 3.0 fIN = 10MHz 17 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF pF Unit CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1) 1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/n (per circuit) 5/10 74LVX16373 TEST CIRCUIT TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ CL = 15/50 pF or equivalent (includes jig and probe capacitance) RL = R1 = 1K or equivalent RT = ZOUT of pulse generator (typically 50) SWITCH Open VCC GND WAVEFORM 1 : LE TO Qn PROPAGATION DELAYS, LE MINIMUM PULSE WIDTH, Dn TO LE SETUP AND HOLD TIMES (f=1MHz; 50% duty cycle) 6/10 74LVX16373 WAVEFORM 2 : OUTPUT ENABLE AND DISABLE TIME (f=1MHz; 50% duty cycle) WAVEFORM 3 : PROPAGATION DELAY TIME (f=1MHz; 50% duty cycle) 7/10 74LVX16373 TSSOP48 MECHANICAL DATA mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.50 6.0 0.5 BSC 8 0.75 0 0.020 0.17 0.09 12.4 8.1 BSC 6.2 0.236 0.0197 BSC 8 0.030 0.05 0.9 0.27 0.20 12.6 0.0067 0.0035 0.488 0.318 BSC 0.244 TYP MAX. 1.2 0.15 0.002 0.035 0.011 0.0079 0.496 MIN. TYP. MAX. 0.047 0.006 inch A A2 A1 b e K c L E D E1 PIN 1 IDENTIFICATION 1 7065588C 8/10 74LVX16373 Tape & Reel TSSOP48 MECHANICAL DATA mm. DIM. MIN. A C D N T Ao Bo Ko Po P 8.7 13.1 1.5 3.9 11.9 12.8 20.2 60 30.4 8.9 13.3 1.7 4.1 12.1 0.343 0.516 0.059 0.153 0.468 TYP MAX. 330 13.2 0.504 0.795 2.362 1.197 0.350 0.524 0.067 0.161 0.476 MIN. TYP. MAX. 12.992 0.519 inch 9/10 74LVX16373 Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com 10/10 |
Price & Availability of 74LVX16373 |