Part Number Hot Search : 
CD22102E 102M2 C3909 PS1004 TN020 MUR16 R1060 20CTQ
Product Description
Full Text Search
 

To Download 7486 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL 7480 SERIES
7/8" Diameter 5-Turn Wirewound Precision Potentiometer
MODEL STYLES
2
7481 7483 7486 7488 (for heavy side load applications) NEW PRODUCT
ELECTRICAL
1/8" Shaft, 1/4" Bushing 1/8" Shaft, Servo 1/4" Shaft, 3/8" Bushing 1/4" Shaft, 3/8" Bushing
Resistance Range, Ohms Standard Resistance Tolerance Minimum Practical Resistance Tolerance Independent Linearity Minimum Practical Independent Linearity Power Rating, Watts Dielectric Strength Insulation Resistance, Minimum Noise, Maximum Actual Electrical Travel Tap Tolerance End Voltage, Maximum
ENVIRONMENTAL (MIL-R-12934)
100 to 50K 5% 1% 0.25% 0.25%, < 500 Ohms 0.20%, 500 Ohms 1.5 at 70C derating to 0 at 125C 1,000V rms 1,000 Megohms 100 Ohms 1080 + 10 - 0, > 100 Ohms 1080 + 10 - 5, 100 Ohms 3 0.25% of input voltage
Operating Temperature Range Thermal Shock Shock, 6ms Sawtooth Vibration Moisture Resistance High Temperature Exposure Rotational Load Life Rotational Life Model 7488 (1 pound Side Load)
Specifications subject to change without notice.
Static: -55C to +125C Dynamic: -40C to +125C 5 cycles, -55C to +125C (5% R) 100G's (0.1ms discontinuity max.) 15G's, 10 to 2,000 Hz (5% R, 0.1ms discontinuity max.) Five 24 hour cycles (3% R) 1,000 hours at 125C (5% R) 500K shaft rev. + 900 hrs. at rated wattage at 70C (5% R) 500K shaft rev. + 900 hrs. at rated wattage at 70C (5% R)
2-109
Model 7480 Series
MECHANICAL
Total Mechanical Travel Number of Gangs, Maximum Weight, Nominal (single gang) Backlash, Maximum Static Stop Strength Panel Nut Tightening Torque, Maximum Shaft End Play, Maximum Shaft Runout, T.I.R., Maximum Pilot Diameter Runout, T.I.R., Maximum Lateral Runout, T.I.R., Maximum Shaft Radial Play, Maximum Start/Run Torque, Maximum (per gang)
STANDARD RESISTANCE VALUES, OHMS
7481, 7486 60 oz.-in. 25 lb.-in. .010" .003" .004" .005" .003" 1.2 oz.-in.
1800 + 15 - 0 2 0.75 oz. 1 7483 36 oz.-in. N/A .005" .002" .002" .004" .002" 0.9 oz.-in.
Total Resistance 100 200 500 1K 2K 5K 10K 20K
Theoretical Resolution (% Nominal) 0.059 0.037 0.030 0.024 0.020 0.018 0.017 0.016
Tempco of Wire 20 ppm/C 20 ppm/C 20 ppm/C 20 ppm/C 20 ppm/C 20 ppm/C 20 ppm/C 20 ppm/C
2-110
Model 7480 Series
OUTLINE DIMENSIONS (Inch/mm) Dim. A 7481 .688.013 17.4750.787 +.0000 -.0003 Dia. +0.0000 3.1699 -0.0076 .1248 +.000 -.002 Dia. +0.000 7.137 -0.051 .281 1/4-32 UNEF Thread 7486 .812.031 20.6250.787 +.0000 -.0005 Dia. +0.0000 6.3500 -0.0127 .2500 +.000 -.002 Dia. +0.000 10.312 -0.051 .406 3/8-32 UNEF Thread
Models 7481 & 7486 Bushing Mount with Sleeve Bearing
B
2
C Mounting Surface Dim. A .125 Min. 3.18 Dim. B Dim. C D
1.125.031 28.580.79 .750.016 19.10.41 Slider CCW CW
75 Max.
.625 R Max. 15.9
.080.001 Dia. 2.030.03
+.000 -.010 +0.00 1.58 -0.25 .062
Chamfer Dim. D .016/0.41 Max. x 45 .312.016 7.930.41
.875.016 Dia. 22.20.41
Slot: .032.005/0.8130.127 Wide X .032+.010-.000/0.813+0.254-0.000 Deep (Not on Rear Shaft Models)
OPTIONAL TERMINAL CONFIGURATION
40 VIEW B SLIDER .625 R MAX 15.9 R MAX
.110 2.794 .020 Thickness .060 .003 Dia. 1.524 .076 .062 .003 1.524 .076
Use Special Feature Code "FT" to order. Enlarged View B
2-111
Model 7480 Series
OUTLINE DIMENSIONS (Inch/mm)
Model 7483 Servo Mount with Ball Bearing 1.250.031 31.750.79 .875.016 22.20.41 .250 CCW 6.35 CW Min. Mounting Surface .375.031 9.530.79 .781 Dia. Max. 19.8 +.0000 .1248 -.0003 Dia. +0.0000 3.1699 -0.0076 +.000 -.001 +0.000 Dia. 15.875 -0.025 .625 .057 Min. 1.45 .062.005 1.580.13 Chamfer .016/0.406 Max. x 45 .062.005 1.580.13
.625 R. Max. 15.9 105 Max.
Clamp Ears
Slider
.080.001 Dia. 2.030.03 .875.016 22.20.41 Housing Dia.
+.005 .875 -.010 +0.13 Dia. 22.2 -0.25 Clamp .922 Dia. Max. 23.4
OPTIONAL TERMINAL CONFIGURATION
105 MAX 40 VIEW B SLIDER .625 R MAX 15.9 R MAX
.110 2.794 .020 Thickness .060 .003 Dia. 1.524 .076 .062 .003 1.524 .076
Use Special Feature Code "FT" to order.
Enlarged View B
METRIC CONVERSIONS
1 in. 1 oz.
25.4 mm 28.4 gm
1 oz.-in. 1 lb.-in.
0,007 N-m 0,113 N-m
2-112
Model 7480 Series
SPECIAL FEATURES
Center Tap Linearity Tape Rear Shaft Extension Flatted Shaft Slotted Shaft (Standard on single gang 7486 without RS) Shaft Lock (7481, 7486 only) High Torque 2-6 oz.-in. (7486 only) Additional Gangs Gold plated solder lug terminals (See optional terminal configuration)
ORDERING INFORMATION
CT LT RS FS SS SL HT 2G FT
2
7486 R 10K T2 L .30 XX Model Series Resistance Prefix Resistance Value Optional Special Feature Code Linearity Optional Non-Standard Tolerance
MATCHING TURNS COUNTING DIALS
7481: RBJ, 2601, 2641 7486: 2606, 2607, 2626, 2627, 2646, 2647, 2126, 2606S, 2607S, 2646S, 2647S, RB
CIRCUIT DIAGRAM
NOTES
(S) (CCW) (CW)
Metric equivalents, based on 1 inch = 25.4mm are rounded to the same number of significant figures as in the original English units and are provided for general information only. Tolerances unless otherwise specified: Linear = .01 inches (.25mm) Angular = 2 degrees
INCH mm
2-113
Model 7480 Series


▲Up To Search▲   

 
Price & Availability of 7486

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X