Part Number Hot Search : 
2SC3921 N60C3 KE200 0HSTL180 7MCMXXXF 100FC SRB1040 99568
Product Description
Full Text Search
 

To Download 324012P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Lead and Cartridge Fuses
Ceramic Body
RoHS
Pb
3AB Fast-Acting Fuse 314P/324P Series
UL (R)
(R)
(R)
Ceramic body construction permits higher interrupting ratings and voltage ratings. Ideal for applications where high current loads are expected.
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 100% 135% 200% Ampere Rating 1/8-30 1/8-30 1/8-12 15 - 30 Opening Time 4 hours, Minimum 1 hour, Maximum 15 seconds, Maximum 30 seconds, Maximum
AGENCY APPROVALS: Listed by Underwriters Laboratories
and Certified by CSA through 15 amperes at 250 VAC/125 VDC. Recognized under the Components Program of Underwriters Laboratories at 20-30A, certified by CSA at 20A, and approved by METI from 10 through 30 amperes. AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
314 000P Series
6.985 (.275") 6.35 (.25") 31.75 (1.25")
324 000P Series
0.813 (.032") ( 1/ 8 - 15A) 1.016 (.040") (20 - 30A)
INTERRUPTING RATINGS:
0.125 - 20A 25- 30A 0.125 - .75A 1 - 3A 4 - 15A 20A 25-30A 10,000@ 125 VAC 400A @ 125 VAC 35A @ 250 VAC 100A @ 250VAC 750A @ 250VAC 1,000A @ 250VAC 200A @ 300VAC 100A @ 250VAC
38.1 (1.50") TYP. Axial Lead Material: Tin coated copper.
32.385 (1.275")
Average Time Current Curves
ORDERING INFORMATION:
1/8A
Cartridge Catalog Number 314.125P 314.250P 314.375P 314.500P 314.750P 314 001P 314 002P 314 003P 314 004P 314 005P 314 006P 314 007P 314 008P 314 010P 314 012P 314 015P 314 020P 314 025P 314 030P
Axial Lead Catalog Number 324.125P 324.250P 324.375P 324.500P 324.750P 324 001P 324 002P 324 003P 324 004P 324 005P 324 006P 324 007P 324 008P 324 010P 324 012P 324 015P 324 020P 324 025P 324 030P
Ampere Rating 1/8 1/4 3/8 1/2 3/4 1 2 3 4 5 6 7 8 10 12 15 20 25 30
Voltage Rating 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250
Nominal Resistance Cold Ohms 6.20 1.95 0.820 0.500 0.250 0.189 0.0700 0.0432 0.0470 0.0300 0.0240 0.0187 0.0153 0.0105 0.00760 0.00505 0.00355 0.00235 0.00182
Nominal Melting I 2 t A2 Sec. 0.00149 0.0140 0.050 0.115 0.466 0.690 11.0 14.6 10.4 26.0 45.0 71.0 105.0 206.0 570.0 292.0 631.0 1450.0 2490.0
1/4A 3/8A 1/2A 3/4A 1A 1
1000
100
TIME IN SECONDS
10
1
0.1
0.01 0.1 10 100 CURRENT IN AMPERES 1000
406
w w w. l i t t e l f u s e . c o m
2A 3A 4A 5A 6A 7A 8A 10A 12A 15A 20A 25A 30A


▲Up To Search▲   

 
Price & Availability of 324012P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X