Part Number Hot Search : 
0912155X MN6400 MSP34X1G DB25PQR5 HCF4040 955L3 MM1025 R2412D
Product Description
Full Text Search
 

To Download 2SK3101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN7910
2SK3101LS
N-Channel Silicon MOSFET
2SK3101LS
Features
* * * *
General-Purpose Switching Device Applications
Low ON-resistance. Low Qg. Ultrahigh-Speed Switching Applications. Avalanche resistance guarantee.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Avalanche Enargy (Single Pulse) *1 Avalanche Current *2 Symbol VDSS VGSS ID IDP PD Tch Tstg EAS IAV PW10s, duty cycle1% Tc=25C Conditions Ratings 400 30 11 44 2.0 40 150 --55 to +150 69.1 11 Unit V V A A W W C C mJ A
*1 VDD=50V, L=1mH, IAV=11A *2 L1mH, single pulse
Electrical Characteristics at Ta=25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Symbol V(BR)DSS IDSS IGSS VGS(off) yfs RDS(on) Conditions ID=1mA, VGS=0 VDS=320V, VGS=0 VGS= 30V, VDS=0 VDS=10V, ID=1mA VDS=10V, ID=8A ID=8A, VGS=15V Ratings min 400 1.0 100 3.0 4.0 8.0 0.32 0.4 4.0 typ max Unit V
mA nA
V S
Marking : K3101
Continued on next page.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
81004 TS IM TB-00000033 No.7910-1/5
2SK3101LS
Continued from preceding page.
Parameter Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Diode Forward Voltage Symbol Ciss Coss Crss td(on) tr td(off) tf Qg VSD Conditions VDS=20V, f=1MHz VDS=20V, f=1MHz VDS=20V, f=1MHz See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. VDS=200V, VGS=10V, ID=11A IS=11A, VGS=0 Ratings min typ 1850 480 240 19 35 140 41 58 0.9 1.2 max Unit pF pF pF ns ns ns ns nC V
Package Dimensions unit : mm 2078C
10.0 3.2 4.5 2.8
3.5 7.2 16.1 16.0
3.6
0.9
1.2
1.2
0.75 123
14.0
0.7
1 : Gate 2 : Drain 3 : Source SANYO : TO-220FI(LS)
2.55
2.55
Switching Time Test Circuit
VDD=200V
2.4
0.6
Unclamped Inductive Test Circuit
L 50
VGS=15V ID=8A RL=25 VOUT
DUT
D
PW=1s D.C.0.5%
10V 0V
50
VDD
G
P.G
RGS 50
2SK3101LS
S
No.7910-2/5
2SK3101LS
25
ID -- VDS
10V
30
ID -- VGS
VDS=10V
Tc= --25C
20
15V
8V
25
25C
Drain Current, ID -- A
Drain Current, ID -- A
20
15
75C
15
7V
10
10
5
VGS=6V
5
0 0 1 2 3 4 5 6 7 8 9 10
0 0 5 10 15 20 IT06562
Drain-to-Source Voltage, VDS -- V
1.0 0.9 0.8 0.7 0.6 0.5
IT06561 1.2
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
RDS(on) -- Tc
Tc=25C
Static Drain-to-Source On-State Resistance, RDS(on) --
Static Drain-to-Source On-State Resistance, RDS(on) --
1.0
0.8
0.6
8A
0.4 0.3 0.2 4 6 8
0.4
ID=16A
1A
10 12 14 16 18 20
V =10 V GS 8A, 15V I D= S= , VG 8A I D=
0.2
0 --50
--25
0
25
50
75
100
125
150
Gate-to-Source Voltage, VGS -- V
2
yfs -- ID
25C
IT06563 7
Case Temperature, Tc -- C
IT06564
VGS(off) -- Tc
VDS=10V ID=1mA
Forward Transfer Admittance, yfs -- S
VDS=10V
10 7 5 3 2 1.0 7 5 3 2 0.1 0.1 6
Cutoff Voltage, VGS(off) -- V
3 5 7 2 3
C -25 =- C Tc 75
5
4
3
2
1 0 --100
2
3
5
7 1.0
2
10
--50
0
50
100
150
200 IT06566
Drain Current, ID -- A
3 2 10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2
IT06565 1000 7 5
Case Temperature, Tc -- C
IF -- VSD
SW Time -- ID
VDD=200V VGS=15V
td (off)
VGS=0V
Switching Time, SW Time -- ns
Forward Current, IF -- A
3 2 100 7 5 3 2 10 7 5 0.1
tf
5C
td(on)
tr
25C
0.6
0.01 7 5 3 2 0.001 0.2
0.4
Tc= 7
--25C
0.8
1.0
1.2 IT06567
2
3
5
7
1.0
2
3
5
7
10
2
3
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
IT07364
No.7910-3/5
2SK3101LS
10000 7 5 3 2 1000 7 5 3 2 100 7 5 3 2 10 0 5 10 15 20 25 30 IT06568 2.5 0 0 5 10 15 20 25 30 35 40 45 50 55 60 65
Ciss, Coss, Crss -- VDS
f=1MHz
12
VGS -- Qg
VDS=200V ID=11A
Gate-to-Source Voltage, VGS -- V
Ciss
10
Ciss, Coss, Crss -- pF
Coss
8
Crss
6
4
2
Drain-to-Source Voltage, VDS -- V
100 7 5 3 2
Total Gate Charge, Qg -- nC
IT06569
ASO
Allowable Power Dissipation, PD -- W
IDP=44A ID=11A
<1s 10 s 100 s
PD -- Ta
2.0
Drain Current, ID -- A
10 7 5 3 2 1.0 5 3 3 2 0.1 7 5 3 2 0.01
1m s 10m DC 100 s ope ms rat ion Operation in this area is limited by RDS(on).
1.5
1.0
0.5
Tc=25C Single pulse
2 3 5 7 10 2 3 5 7 100 2 3 5
0 0 20 40 60 80 100 120 140 160 IT06570
1.0
Drain-to-Source Voltage, VDS -- V
45
Ambient Temperature, Ta -- C
IT06572
PD -- Tc
Allowable Power Dissipation, PD -- W
40 35 30 25 20 15 10 5 0 0 20 40 60 80 100 120 140 160
Case Temperature, Tc -- C
IT06571
No.7910-4/5
2SK3101LS
Note on usage : Be careful in handling the 2SK3101LS because it has no protection diode between gate and source.
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of August, 2004. Specifications and information herein are subject to change without notice.
PS No.7910-5/5


▲Up To Search▲   

 
Price & Availability of 2SK3101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X