Part Number Hot Search : 
VEC2307 VEC2307 16LT1 HT7750 ISPLSI HCT08 APTGT TLP3203
Product Description
Full Text Search
 

To Download 2SK2211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon MOS FETs (Small Signal)
2SK2211
Silicon N-Channel MOS FET
Unit : mm
For switching
2.60.1
4.50.1 1.60.2
1.50.1
* Low ON-resistance RDS(ON) * High-speed switching * Mini-power type package, allowing downsizing of the sets and automatic insertion through the tape/magazine packing.
45
1.0-0.2
+0.1
0.40.08 0.50.08 1.50.1 3.00.15
4.0+0.25 -0.20
0.40.04
s Absolute Maximum Ratings Ta = 25C
Parameter Drain to Source voltage Gate to Source voltage Drain current Max drain current Allowable power dissipation Channel temperature Storage temperature
*
3
2
1
Symbol VDS VGSO ID IPD PD Pch Tstg
Ratings 30 20 1 2 1 150 -55 to +150
Unit V V A A W C C
marking
1: Gate 2: Drain 3: Source Mini-Power Type Package (3-pin)
Marking Symbol: 2M Internal Connection
D G
Note) * PC board: Copper foil of the drain portion should have a area of 1 cm2 or more and the board thickness should be 1.7 mm.
S
s Electrical Characteristics Ta = 25C
Parameter Drain to Source cut-off current Gate to Source leakage current Drain to Source breakdown voltage Gate to Source voltage Gate threshold voltage Drain to Source ON-resistance * Symbol IDSS IGSS VDSS VGSS Vth RDS(ON)1 RDS(ON)2 Forward transfer admittance Input capacitance (Common Source) Output capacitance (Common Source) Reverse transfer capacitance (Common Source) Turn-on time Fall time Turn-off time (delay time) Note) *: Pulse measurement Yfs Ciss Coss Crss tON tf tOFF VGS = 10 V, ID = 0.5 A, VDD = 10 V RL = 10 Conditions VDS = 25 V, VGS = 0 VGS = 15 V, VDS = 0 ID = 0.1 mA, VGS = 0 IGS = 0.1 mA, VDS = 0 VDS = 5 V, ID = 1 mA VGS = 4 V, ID = 0.5 A VGS = 10 V, ID = 0.5 A VDS = 10 V, ID = 0.5 A VDS = 10 V, VGS = 0, f = 1 MHz 0.5 87 69 23 12 160 60 30 20 0.8 0.48 0.35 2 0.75 0.6 Min Typ Max 10 10 Unit A A V V V S pF pF pF ns ns ns
2.50.1
s Features
0.4 max.
1
2SK2211
ID VDS
3.0 Ta = 25C 2.5 2.5 3.0
Silicon MOS FETs (Small Signal)
ID VDS
1.6
RDS VDS
Drain to source ON-resistance RDS(ON) ()
VDS =10 V Ta = 25C 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 ID = 0.5 A Ta = 25C
Drain current ID (A)
2.0
Drain current ID (A)
VGS = 3.5 V
2.0
1.5 3.0 V 1.0 2.5 V 0.5 2.0 V 0 0 2 4 6 8 10 12
1.5
1.0
0.5
0 0 1 2 3 4 5 6
0
2
4
6
8
10
12
Drain to source voltage VDS (V)
Gate to source voltage VGS (V)
Gate to source voltage VGS (V)
RDS ID
1.4 1.6 Ta = 25C
Yfs ID
Input capacitance (Common source), Output capacitance (Common source), Reverse transfer capacitance (Common source) Ciss,Coss,Crss (pF)
140 120 100 80
Ciss, Coss, Crss VDS
f = 1 MHz Ta = 25C
Drain to source ON-resistance RDS(ON) ()
Forward transfer admittance |Yfs| (S)
1.2 1.0 0.8 0.6 0.4 0.2 0 0 0.5 1.0 1.5 2.0 2.5 VGS = 4 V 10 V
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 0.5 1.0 1.5
VDS = 10 V f = 1 kHz Ta = 25C
Ciss 60 Coss 40 20 Crss 0 0.3 1 3 10 30 100 300
2.0
2.5
Drain current ID (A)
Drain current ID (A)
Drain to source voltage VDS (V)
2


▲Up To Search▲   

 
Price & Availability of 2SK2211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X