|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Power Transistors 2SD1277, 2SD1277A Silicon NPN triple diffusion planar type Darlington 0.70.1 For midium speed power switching Complementary to 2SB951 and 2SB951A Unit: mm 10.00.2 5.50.2 2.70.2 4.20.2 3.10.1 1.40.1 1.30.2 0.5 +0.2 -0.1 0.80.1 2.540.25 5.080.5 1 2 4.20.2 q q 16.70.3 14.00.5 q High foward current transfer ratio hFE High-speed switching Full-pack package which can be installed to the heat sink with one screw s Absolute Maximum Ratings (TC=25C) Parameter Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg Ratings 60 80 60 80 7 12 8 45 2 150 -55 to +150 Unit V 2SD1277 2SD1277A 2SD1277 Collector to base voltage Collector to Solder Dip 4.0 7.50.2 s Features emitter voltage 2SD1277A Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature V V A A W B 1:Base 2:Collector 3:Emitter TO-220 Full Pack Package(a) 3 Internal Connection C C C E s Electrical Characteristics Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage 2SD1277 2SD1277A 2SD1277 2SD1277A (TC=25C) Symbol ICBO IEBO VCEO hFE1* hFE2 VCE(sat) VBE(sat) fT ton tstg tf Conditions VCB = 60V, IE = 0 VCB = 80V, IE = 0 VEB = 7V, IC = 0 IC = 30mA, IB = 0 VCE = 3V, IC = 4A VCE = 3V, IC = 8A IC = 4A, IB = 8mA IC = 4A, IB = 8mA VCE = 10V, IC = 0.5A, f = 1MHz IC = 4A, IB1 = 8mA, IB2 = -8mA, VCC = 50V 20 0.5 4 1 60 80 2000 500 1.5 2 V V MHz s s s 10000 min typ max 100 100 2 Unit A mA V Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time *h FE1 Rank classification Q P 2000 to 5000 4000 to 10000 Rank hFE1 1 Power Transistors PC -- Ta 50 12 (1) 40 (1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) With a 50 x 50 x 2mm Al heat sink (4) Without heat sink (PC=2W) TC=25C 10 2SD1277, 2SD1277A IC -- VCE Collector to emitter saturation voltage VCE(sat) (V) 10 VCE(sat) -- IC (1) IC/IB=250 (2) IC/IB=500 (3) IC/IB=1000 TC=25C (3) (2) (1) Collector power dissipation PC (W) Collector current IC (A) 3 8 IB=4.0mA 3.5mA 3.0mA 2.5mA 2.0mA 1.5mA 1.0mA 0.5mA 2 30 1 6 0.3 20 4 0.1 10 (2) (3) (4) 0.03 0 0 20 40 60 80 100 120 140 160 0 0 1 2 3 4 5 0.01 0.1 0.3 1 3 10 30 Ambient temperature Ta (C) Collector to emitter voltage VCE (V) Collector current IC (A) VCE(sat) -- IC Collector to emitter saturation voltage VCE(sat) (V) 10 IC/IB=500 TC=100C 3 25C -25C VCB(sat) -- IC 100000 hFE -- IC IC/IB=500 VCE=3V Base to emitter saturation voltage VBE(sat) (V) 10 Forward current transfer ratio hFE 30000 TC=100C 25C -25C 3 TC=-25C 1 100C 25C 10000 1 3000 1000 300 100 30 10 0.1 0.3 0.3 0.1 0.1 0.03 0.03 0.01 0.1 0.3 1 3 10 30 0.01 0.1 0.3 1 3 10 30 0.3 1 3 10 30 100 Collector current IC (A) Collector current IC (A) Collector current IC (A) Area of safe operation (ASO) 100 30 103 Non repetitive pulse TC=25C ICP 10 IC 3 1 0.3 0.1 0.03 0.01 1 3 10 30 DC 1ms t=10ms Rth(t) -- t (1) Without heat sink (2) With a 100 x 100 x 2mm Al heat sink Thermal resistance Rth(t) (C/W) Collector current IC (A) 102 (1) 10 (2) 1 2SD1277A 2SD1277 10-1 100 300 1000 10-2 10-4 10-3 10-2 10-1 1 10 102 103 104 Collector to emitter voltage VCE (V) Time t (s) 2 |
Price & Availability of 2SD1277 |