Part Number Hot Search : 
70475 ST25C 76001 DTQS3 01012 89C51 HC405 SWE12900
Product Description
Full Text Search
 

To Download 2SC4876 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Switching Power Transistor
LSV Series
2SC4876
(TP30S4)
30A NPN
OUTLINE DIMENSIONS
Case : ITO-220 Unit : mm
RATINGS
*oeAbsolute Maximum Ratings Item Symbol Conditions Ratings Unit Storage TemperatureTstg -55*150 *Z Junction Temperature Tj 150 *Z Collector to Base Voltage V 60 V CBO Collector to Emitter Voltage V 40 V CEO Emitter to Base Voltage V 7 V EBO Collector Current DCC I 30 A Collector Current Peak I 60 A CP Base Current DC I 4 A B Base Current Peak I 6 A BP Total Transistor Dissipation = 25*Z P 45 W T Tc Dielectric Strength Vdis Terminal to case, AC 12mitute kV Mounting Torque TOR (Recommended torque : 0.3Nm*j 0.5 Nm *oeElectrical Characteristics (Tc=25*Z) Conditions Ratings Item Symbol Unit Collector to EmitterV (sus)I = 0.1A Sustaining Voltage Min 40 V C CEO Collector Cutoff Current At rated Voltage I Max 0.1 mA CBO I Max 0.1 CEO Emitter Cutoff Current At rated Voltage I Max 0.1 mA EBO DC Current Gain h =15A Min 100 FE V = 2V, I CE C Collector to Emitter V (sat) I = 15A Saturation Voltage Max 0.3 V CE C Base to Emitter Saturation B 0.75A V (sat)IVoltage = Max 1.2 V BE Thermal Resistance AEjcJunction to case Max 2.78 *Z/W Transition Frequency fT V = 10V,3A = TYP 50 MHz CE C I Turn on Time ton Max 0.3 I = 15A C Storage Time = ts I = 1.5A,1.5A Max 1.5 Es B1 B2 I R= 2, V = 4V L BB2 Fall Time tf Max 0.5
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
2SC4876
hFE - I C
VCE = 2V pulse width = 300s
1000
Tc = 150C
100C
50C 25C 0C
100 -25C
DC Current Gain hFE
-55C
10 0.01 0.1
1
10
60
Collector Current IC [A]
2SC4876
Saturation Voltage
3 2A 5A 10A 15A 20A 30A 40A 60A Tc = 25C 2.5
3
IC = 1A
2.5
2
2
1.5 40A 10A 15A 20A 30A
60A
1.5
1 5A
1
Collector-Emitter Voltage VCE [V]
0.5
IC = 1A
0.5
0
0 0.1 1 6
0.01
Base Current IB [A]
Base-Emitter Voltage VBE [V]
2A
2SC4876
Switching Time - IC
1 ts
Switching Time tSW [s]
ton
0.1
tf
IB1 = 0.1IC IB2 = 0.1IC VBB2 = 4V VCC = 30V Tc = 25C 0.01 0 5 10 15 20 25 30
Collector Current IC [A]
2SC4876
Switching Time - Tc
1
ts
Switching Time tSW [s]
ton
0.1
tf
IC = 15A IB1 = 1.5A IB2 = 1.5A VBB2 = 4V R L = 2 0 50 100 150
Case Temperature Tc [C]
2SC4876
Transient Thermal Impedance
10
1
0.1
Transient Thermal Impedance jc(t) [C/W]
0.01
0.001 10-5 10-3
10-4
10-2
10-1
100
101
102
Time t [s]
2SC4876
60 10ms
Forward Bias SOA
1ms 100s
DC
10
PT limit
Collector Current IC [A]
IS/B limit 1
Tc = 25C Single Pulse 0.1 1 10 40
Collector-Emitter Voltage VCE [V]
2SC4876
100
Collector Current Derating
Collector Current Derating [%]
80
IS/B limit
60
40
PT limit
20
VCE = fixed 0 0 50 100 150
Case Temperature Tc [C]
2SC4876
70
Reverse Bias SOA
60
50
Collector Current IC [A]
40
30
20
10
IB1 = 0.03IC IB2 = 0.9A VBB2 = 5V Tc < 150C
0
0
10
20
30
40
50
Collector-Emitter Voltage V CE [V]


▲Up To Search▲   

 
Price & Availability of 2SC4876

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X