Part Number Hot Search : 
A1005 5KE10 MBR15 3X06M IW4520BN MC340 B3300 SP13T
Product Description
Full Text Search
 

To Download 2SB1659 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ( 7 0 ) E
Darlington
sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SB1659 -110 -110 -5 -6 -1 50(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
2SB1659
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB Conditions VCB=-110V VEB=-5V IC=-30mA VCE=-4V, IC=-5A IC=-5A, IB=-5mA IC=-5A, IB=-5mA VCE=-12V, IE=0.5A VCB=-10V, f=1MHz 2SB1659 -100max -100max -110min 5000min -2.5max -3.0max 100typ 110typ V V MHz pF
12.0min 4.0max
B
Equivalent circuit
C
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SD2589)
Application : Audio, Series Regulator and General Purpose
(Ta=25C) Unit
External Dimensions MT-25(TO220)
3.00.2 10.20.2 4.80.2 2.00.1
A A
16.00.7
V
8.80.2
a b
o3.750.2
1.35
0.65 +0.2 -0.1 2.5 BCE 2.5 1.4
hFE Rank O(5000 to 12000), P(6500 to 20000), Y(15000 to 30000)
sTypical Switching Characteristics (Common Emitter)
VCC (V) -30 RL () 6 IC (A) -5 VBB1 (V) -10 VBB2 (V) 5 IB1 (mA) -5 IB2 (mA) 5 ton (s) 1.1typ tstg (s) 3.2typ tf (s) 1.1typ
Weight : Approx 2.0g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
A m -1
VCE( sa t ) - I B Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s at)( V) -3
IC - V BE Temperature Characteristics (Typical)
-6 (VCE=-4V)
-6
A -5m
-0
.
5m
A
-0
.4m
A
-0 .3 m A
Collector Current I C (A)
-4
Collector Current I C( A)
-0. 2m A
-2
-5A
-4
Tem
emp
se
(Ca
125
25C
0
0
-2
-4
-6
0 -0.1
-0.5 -1
-5 -10 Base Current I B( mA)
-50 -100
0
0
-1
-30
C (
Cas
C
(Ca
seT
-2
-1
-2
eT e
mp)
IB=- 0.1m A
I C= -3A
p)
)
-2
-3
Collector-Emitter Voltage V C E( V)
Base-Emittor Voltage V B E( V)
hFE - IC Characteristics (Typical)
(V C E= -4V) 40000 D C Cur r ent Gai n h F E
h FE - I C Temperature Characteristics (Typical)
(VCE=-4V) 50000 125C
j-a - t Characteristics
j- a( C/W)
Transient Thermal Resistance 5
DC Cur rent Gain h FE
Typ
10000 5000
25C 10000 5000 -30C
1000 500 200 -0.02
1000 500
1
0.5 0.4 1 10 100 Time t(ms) 1000 2000
-0.05 -0.1
-0.5
-1
-5 -6
100 -0.02
-0.05 -0.1
-0.5
-1
-5 -6
Collector Current I C( A)
Collector Current I C (A)
fT - IE Characteristics (Typical)
(V C E= -12V) 120
Safe Operating Area (Single Pulse)
50
P c - T a Derating
100 Cut-o ff F requ ency f T( M H Z)
Typ
Maxim um Power Dissipation P C( W)
40
W ith
80
In fin
30
ite he
60
at si nk
20
40
20
10 Without Heatsink 0 25 50 75 100 125 150
0 0.02
0.05
0.1
0.5
1
56
2 0
Emitter Current I E( A)
Ambient Temperature Ta(C)
57


▲Up To Search▲   

 
Price & Availability of 2SB1659

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X