|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2SB1424 Epitaxial Planar PNP Transistors P b Lead(Pb)-Free 1 1. BASE 2. COLLECTOR 3. EMITTER SOT-89 2 3 C ABSOLUTE MAXIMUM RATINGS (Ta=25% ) Rating Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Junction Temperature, Storage Temperature * Single pulse Pw = 10ms Symbol Limits -20 -20 -6 -3 -5 0.6 150, -55 to +150 Unit VCBO VCEO VEBO IC I CP PD Tj , Tstg Vdc Vdc Vdc A(DC) A (Pulse)* W % C C ELECTRICAL CHARACTERISTICS (Ta=25% unless otherwise noted ) Min Parameter Symbol Collector-Base Breakdown Voltage( Ic=-50mA ) BV CBO BV CEO BVEBO ICBO IEBO -20 -20 -6 - Typ - Max - Unit V V V mA mA Collector-Emitter Breakdown Voltage( Ic=-1mA ) Emitter-Base Breakdown Voltage ( IE =-50mA ) Collector Cutoff Current( VCB =-20V ) Emitter Cutoff Current( VEB=-5V ) -0.1 -0.1 WEITRON http://www.weitron.com.tw 2SB1424 C ELECTRICAL CHARACTERISTICS (Ta=25% unless otherwise noted ) (Countinued) Min Typ Max Unit Parameter Symbol Conditions DC Current Transfer Ratio Collector-Emitter Saturation Voltage Transition Frequency Output Capacitance CLASSIFICATION OF hFE Marking Rank Range AEQ Q 120-270 VCE(sat) h FE fT Cob 120 - 240 35 -0.5 390 - V - Ic / IB =-2A / -0.1A Vc E =-2V, Ic = -0.1A MHz Vc E =-2V, I E = 0.5A, f=100MHz pF VCB=-10V, I E =0A, f=1MHz AER R 180-390 ELECTRICAL CHARACTERISTIC CURVES WEITRON http://www.weitron.com.tw 2SB1424 ELECTRICAL CHARACTERISTIC CURVES WEITRON http://www.weitron.com.tw 2SB1424 SOT-89 Outline Dimensions unit:mm E G A J C H K L B D Dim A B C D E G H J K L SOT-89 Min Max 1.600 1.400 0.520 0.320 0.560 0.360 0.440 0.350 4.600 4.400 1.800 1.400 2.600 2.300 4.250 3.940 1.500TYP 3.100 2.900 WEITRON http://www.weitron.com.tw |
Price & Availability of 2SB1424 |