Part Number Hot Search : 
GH580 DHD5K RN296 32182 FOD3181 30410 2SJ24 APTM1
Product Description
Full Text Search
 

To Download 2SB1183 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SB1183 / 2SB1239
Transistors
Power transistor (-40V, -2A)
2SB1183 / 2SB1239
!Features 1) Darlington connection for high DC current gain. 2) Built-in 4k resistor between base and emitter. 3) Complements the 2SD1759 / 2SD1861. !External dimensions (Units : mm)
2SB1183
0.75
5.5 1.5
(3) (2) (1)
2.3
0.9
0.9
0.65
2.3
!Equivalent circuit
1.0 0.5
C
0.5 1.0 0.9 14.5 4.4
1.5 2.5 9.5
B RBE 4k
ROHM : CPT3 EIAJ : SC-63
E
(1) Base(Gate) (2) Collector(Drain) (3) Emitter(Source)
C : Collector B : Base E : Emitter
2SB1239
6.8 2.5
!Absolute maximum ratings (Ta=25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature 2SB1183 2SB1239 Tj Tstg Symbol VCBO VCER VEBO IC Limits -40 -40 -5 -2 -3 1 10 1 150 -55~+150 Unit V V V A(DC) A(Pulse) W W(Tc=25C) W C C
0.65Max.
0.5 (1) (2) (3)
1
2.54 2.54
1.05
2.3
0.45
0.8Min.
PC
2
Taping specifications
ROHM : ATV
1 Single pulse Pw=10ms 2 Printed circuit board 1.7 mm thick, collector plating 100mm2 or larger.
(1) Emitter (2) Collector (3) Base
!Packaging specifications and hFE
Type Package hFE Code Basic ordering unit (pieces) 2SB1183 CPT3 1k~200k TL 2500 2SB1239 ATV 1k~ T146 2500
!Electrical characteristics (Ta=25C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage Symbol BVCBO BVCER BVEBO ICBO IEBO VCE(sat) hFE Cob Min. -40 -40 -5 - - - 1000 1000 - Typ. - - - - - - - - 11 Max. - - - -1 -1 -1.5 20000 - - Unit V V V A A V - - pF Conditions IC=-50A IC=-1mA, RBE=10k IE=-50A VCB=-24V VEB=-4V IC/IB=-0.6A/-1.2mA VCE/IC=-2V/-0.5A VCB=-10V, IE=0A, f=1MHz
DC current transfer ratio
Output capacitance
2SB1183 2SB1239
5.1 6.5
C0.5


▲Up To Search▲   

 
Price & Availability of 2SB1183

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X