Part Number Hot Search : 
MIC61150 KBPC101 KN4A4M MMBZ5235 WT5081 DB104G CX209 BD675
Product Description
Full Text Search
 

To Download 2SA1774 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA1774
PNP
1 2 3 3
SC-89 (SOT-523F)
WEITRON
http://www.weitron.com.tw
2SA1774
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
Characteristics Symbol Min Typ Max Unit
ON CHARACTERISTICS
DC Current Gain (IC=-1 mAdc, VCE=-6.0 Vdc) Collector-Emitter Saturation Voltage (IC=-50 mAdc, IB=-5mAdc) Output Capacitance (VCB =-12Vdc, I E =0A, f=1MHZ) Current-Gain-Bandwidth Product (IE=2 mAdc, VCE=-12 Vdc,f=30 MHZ)
hFE VCE(sat)
120 -
-
560 -0.5
Vdc PF
Cob fT
-
4.0 140
5.0 -
MHz
CLASSIFICATION OF hFE Item Range Marking Q 120-270 FQ R 180-390 FR S 270-560 FS
WEITRON
http://www.weitron.com.tw
2SA1774
-50
-20
I C , C OLLE C T OR C UR R E NT (mA)
I C , C OLLE C T OR C UR R E NT (mA)
T A = 100C 25C - 40C
V C E = -10 V
-10
-35.0 T A = 25C -31.5 -28.0 -24.5
-8
-10 -50
-6
-21.0 -17.5
-2 -1
-4
-14.0 -10.5
-0.5
-2
-7.0 -3.5 A
-0.2 -0.1 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 0 0 -0.4 -0.8 -1.2 -1.6
I B =0
-2.0
V B E , B AS E T O E MIT T E R V OLTAG E (V )
V C E , C OLLE C TOR TO E MIT T E R V OLTAG E (V )
FIG.1 Grounded emitter propagation characteristics
FIG.2 Grounded emitter output characteristics( )
-100
T A = 25C 500 450 400 350 300
500
T A = 25C
I C , C OLLE C T OR C UR R E NT (mA)
-80
V C E = -5 V -3V -1V
h F E , DC C UR R E NT G AIN
-5
-60
-250 -200
200
-40
-150 -100
100
-20
-50 A I B =0
0 -1 -2 -3 -4
50
0
-0.2
-0.5
-1
-2
-5
-10
-20
-50
-100
V C E , C OLLE C TOR TO E MIT T E R V OLTAG E (V )
I C , C OLLE C T OR C UR R E NT (mA)
FIG.3 Grounded emitter output characteristics( )
FIG.4 DC current gain vs. collector current ( )
V C E (sat) , C OLLE C TOR S AT UR AT ION V OLTAG E (V )
500
-1
T A = 100C 25C
-0.5
h F E , DC C UR R E NT G AIN
-40C
200
-0.2
100
-0.1
50
-0.05
V C E = - 6V
-0.2 -0.5 -1 -2 -5 -10 -20 -50 -100
-0.2
-0.5
-1
-2
-5
-10
-20
-50
-100
I C , C OLLE C T OR C UR R E NT (mA)
I C , C OLLE C T OR C UR R E NT (mA)
FIG.5 DC current gain vs. collector current ( )
FIG.6 Collector-emitter saturation voltage vs. collector current ( )
WEITRON
http://www.weitron.com.tw
2SA1774
, C OLLE C TOR S AT UR AT ION V OLTAG E (V )
-1
-0.5
f r , T R ANS IT ION F R E QUE NC Y (MHz)
I C / I B =10
1000
T A =25 C VC E =-12V
500
-0.2
200
-0.1
TA =100 C 25 C -40 C
100
-0.05
C E (s at)
50 -0.2 -0.5 -1 -2 -5 -10 -20 -50 -100
V
-0.2
-0.5
-1
-2
-5
-10
-20
-50
-100
I C , C OLLE C T OR C UR R E NT (mA)
I E , E MIT T E R C UR R E NT (mA)
FIG.7 Collector-emitter saturation voltage vs. collector current ( )
FIG.8 Gain bandwidth product vs. emitter current
Iob , C OLLE C T OR OUT P UT C AP AC IT ANC E (pF ) Iib , E MIT T E R INP UT C AP AC IT ANC E (pF )
20
C ib
10
T A =25 C f=1MHz I E =0 A I C=0 A C ob
5
2
-0.5
-1
-2
-5
-10
-20
V C B , C OLLE C T OR T O B AS E V OLT AG E (V ) V E B , E MIT T E R T O B AS E V OLT AG E (V )
FIG.9 Collector output capacitance vs.collector-base voltage Emitter inputcapacitance vs. emitter-base voltage
WEITRON
http://www.weitron.com.tw
2SA1774
SC-89 Outline Demensions Unit:mm
A
SC-89
3 T OP V IE W 2 1 K G D B S
M C J
N
Dim A B C D G J K M N S
Min 1.50 0.75 0.60 0.23 0.10 0.30 ----1.50
Nom 1.60 0.85 0.70 0.28 0.50BSC 0.15 0.40 ----1.60
Max 1.70 0.95 0.80 0.33 0.20 0.50 10 10 1.70
WEITRON
http://www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of 2SA1774

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X