Part Number Hot Search : 
WFF12N60 BC858 TIP150 67600973 1N493 1500A 10400 ATTIN
Product Description
Full Text Search
 

To Download 2SA1295 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAPT
sAbsolute maximum ratings
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SA1295 -230 -230 -5 -17 -5 200(Tc=25C) 150 -55 to +150
2SA1295
Application : Audio and General
(Ta=25C) 2SA1295 -100max -100max -230min 50min -2.0max 35typ 500typ V MHz pF
20.0min 4.0max 2 3 1.05 +0.2 -0.1 5.450.1 B C E 5.450.1 0.65 +0.2 -0.1 3.0 +0.3 -0.1
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SC3264)
(Ta=25C) Unit V V V A A W C C
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) fT COB Conditions VCB=-230V VEB=-5V IC=-25mA VCE=-4V, IC=-5A IC=-5A, IB=-0.5A VCE=-12V, IE=2A VCB=-10V, f=1MHz
External Dimensions MT-200
36.40.3 24.40.2 2-o3.20.1 9 7 21.40.3 2.1 6.00.2
Unit
A A
V
a b
hFE Rank O(50 to 100), Y(70 to 140)
sTypical Switching Characteristics (Common Emitter)
VCC (V) -60 RL () 12 IC (A) -5 VBB1 (V) -10 VBB2 (V) 5 IB1 (mA) -500 IB2 (mA) 500 ton (s) 0.35typ tstg (s) 1.50typ tf (s) 0.30typ
Weight : Approx 18.4g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s a t)( V ) -17
A -3
. -2
V CE ( sat ) - IB Characteristics (Typical)
-3
I C - VBE Temperature Characteristics (Typical)
(V C E= -4V) -17 -15 Collector Current I C( A)
.0
0A
.5 -1
A
-
-15
A 1.0
0 -50 mA
Collector Current I C( A)
-30 -10
0mA
-2
-200
mA
-10
p) eT em
-1 00 mA
-5
-50mA
IB=-20mA
0
-5A 0 0
0
-1
-2
-3
-4
0
-0.5
-1.0
-1.5
-2.0
0
-0.8
-30
C (
Cas
IC=-10A
-5
125 C ( Cas 25C
-1
e Te
mp)
-1.6
-2.4
-3.2
Collector-Emitter Voltage V C E( V)
Base Current I B( A)
Base-Emittor Voltage V B E( V)
(V C E= -4V) 200 DC Cur rent Gain h F E DC Cur rent Gain h FE 200 125C 100
(V C E= -4V)
j- a( C/W)
h FE - IC Characteristics (Typical)
h FE - I C Temperature Characteristics (Typical)
j-a - t Characteristics
2
Typ
100
25C
Transient Thermal Resistance
1
50
50
-30C
0.5
10 -0.02
-0.1
-0.5
-1
-5
-10 -17
10 -0.02
-0.1
-0.5
-1
-5
-10 -17
0.1
1
10
100 Time t(ms)
1000 2000
Collector Current I C( A)
Collector Current I C( A)
f T - IE Characteristics (Typical)
(VCE=-12V) 60 -40
Safe Operating Area (Single Pulse)
200
10 m s
P c - T a Derating
-10 Cu t-of f Fr eque ncy f T( MH Z) Collect or Cur ren t I C( A) -5
D
M aximum Power Dissipa ti on P C( W)
C
160
W ith
40
In
Ty
p
fin
120
ite he at
-1 -0.5 Without Heatsink Natural Cooling -0.1
si nk
80
20
40 Without Heatsink 0 25 50 75 100 125 150
0 0.02
0.1
1
10
-0.05 -3
-10
-100
-300
5 0
Emitter Current I E( A)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
16


▲Up To Search▲   

 
Price & Availability of 2SA1295

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X