Part Number Hot Search : 
40270 67BGC 2405E 2SC34 C1210 60UFD 1933R C1210
Product Description
Full Text Search
 

To Download 2SA1075 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon PNP Power Transistors
2SA1075 2SA1076
DESCRIPTION With MT-200 package Complement to type 2SC2525,2SC2526 Fast switching speed Excellent safe operating area APPLICATIONS High frequency power amplifiers Audio power amplifiers Switching regulators DC-DC converters
PINNING(see Fig.2) PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (MT-200) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL PARAMETER 2SA1075 VCBO Collector-base voltage 2SA1076 2SA1075 VCEO Collector-emitter voltage 2SA1076 VEBO IC PC Tj Tstg Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25ae Open collector Open base -160 -7 -12 120 150 -65~150 ae ae V V A W Open emitter -160 -120 V V CONDITIONS VALUE -120 UNIT V
JMnic
Product Specification
www.jmnic.com
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage 2SA1075 IC=-1mA ;RBE= 2SA1076 2SA1075 IC=-50|I 2SA1076 IE=-50|I A; IC=0 A; IE=0 CONDITIONS SYMBOL
2SA1075 2SA1076
MIN -120
TYP.
MAX
UNIT
V(BR)CEO
V -160 -120 V -160 -7 -1.8 -1.7 V V V
V(BR)CBO
Collector-base breakdown voltage
V(BR)EBO VCEsat VBE
Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter voltage 2SA1075
IC=-5A;IB=-0.5A IC=-5A;VCE=-5V VCB=-120V; IE=0
ICBO
Collector cut-off current 2SA1076 2SA1075 VCB=-160V; IE=0 VCE=-120V; IB=0
-50
|I
A
ICEO
Collector cut-off current 2SA1076 VCE=-160V; IB=0 VEB=-7V; IC=0 IC=-1A ; VCE=-5V IC=-7A ; VCE=-5V IE=0 ; VCB=-10V IC=-1A ; VCE=-10V 45 60 40 300
-1
mA
IEBO hFE-1 hFE-2 Cob fT
Emitter cut-off current DC current gain DC current gain Output capacitance Transition frequency
-50 200
|I
A
pF MHz
Switching times tr ts tf Rise time Storage time Fall time IC=- 7.5A;RL=4| IB1=- IB2=-0.75A -0.15 -0.50 -0.11 |I |I |I s s s
JMnic
Product Specification
www.jmnic.com
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1075 2SA1076
Fig.2 outline dimensions
JMnic


▲Up To Search▲   

 
Price & Availability of 2SA1075

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X