Part Number Hot Search : 
CRK32 BDX64A IRGP450 BDY90A CAB0101 MDDCD10S 74HCT20 ADP1271
Product Description
Full Text Search
 

To Download 2N7002E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N7002E
N-channel TrenchMOSTM FET
Rev. 02 -- 26 April 2005 Product data sheet
1. Product profile
1.1 General description
N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using TrenchMOSTM technology.
1.2 Features
s Logic level threshold compatible s Surface-mounted package s Very fast switching s TrenchMOSTM technology
1.3 Applications
s Logic level translator s High speed line driver
1.4 Quick reference data
s VDS 60 V s RDSon 3 s ID 385 mA s Ptot = 0.83 W
2. Pinning information
Table 1: Pin 1 2 3 Pinning Description gate (G) source (S) drain (D)
1 2 3
D
Simplified outline
Symbol
G
SOT23
mbb076
S
Philips Semiconductors
2N7002E
N-channel TrenchMOSTM FET
3. Ordering information
Table 2: Ordering information Package Name 2N7002E TO-236AB Description plastic surface mounted package; 3 leads Version SOT23 Type number
4. Limiting values
Table 3: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter VDS VDGR VGS VGSM ID IDM Ptot Tstg Tj IS ISM drain-source voltage (DC) drain-gate voltage (DC) gate-source voltage (DC) peak gate-source voltage drain current (DC) peak drain current total power dissipation storage temperature junction temperature source (diode forward) current (DC) Tsp = 25 C peak source (diode forward) current Tsp = 25 C; pulsed; tp 10 s tp 50 s; pulsed; duty cycle = 25 % Tsp = 25 C; VGS = 10 V; Figure 2 and 3 Tsp = 100 C; VGS = 10 V; Figure 2 Tsp = 25 C; pulsed; tp 10 s; Figure 3 Tsp = 25 C; Figure 1 Conditions 25 C Tj 150 C 25 C Tj 150 C; RGS = 20 k Min -65 -65 Max 60 60 30 40 385 245 1.5 0.83 +150 +150 385 1.5 Unit V V V V mA mA A W C C mA A
Source-drain diode
9397 750 14944
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 -- 26 April 2005
2 of 11
Philips Semiconductors
2N7002E
N-channel TrenchMOSTM FET
120 Pder (%) 80
03aa17
120 Ider (%) 80
03aa25
40
40
0 0 50 100 150 Tsp (C) 200
0 0 50 100 150 Tsp (C) 200
P tot P der = ------------------------ x 100 % P
tot ( 25 C )
ID I der = -------------------- x 100 % I
D ( 25 C )
Fig 1. Normalized total power dissipation as a function of solder point temperature
Fig 2. Normalized continuous drain current as a function of solder point temperature
03ai10
10 ID (A) Limit RDSon = VDS / ID 1
tp = 10 s
100 s 1 ms 10-1 DC 10 ms 100 ms 10-2 1 10 VDS (V)
102
Tsp = 25 C; IDM is single pulse
Fig 3. Safe operating area; continuous and peak drain currents as a function of drain-source voltage
9397 750 14944
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 -- 26 April 2005
3 of 11
Philips Semiconductors
2N7002E
N-channel TrenchMOSTM FET
5. Thermal characteristics
Table 4: Rth(j-sp) Rth(j-a) Thermal characteristics Conditions Figure 4 mounted on a printed-circuit board; minimum footprint; vertical in still air Min Typ Max 150 350 Unit K/W K/W thermal resistance from junction to solder point thermal resistance from junction to ambient Symbol Parameter
103 Zth(j-sp) K/W 102 = 0.5 0.2 0.1 10 0.05 0.02
P
03ai09
=
tp T
1
single pulse
tp t T
10-1 10-5
10-4
10-3
10-2
10-1
1
tp (s)
10
Fig 4. Transient thermal impedance from junction to solder point as a function of pulse duration
9397 750 14944
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 -- 26 April 2005
4 of 11
Philips Semiconductors
2N7002E
N-channel TrenchMOSTM FET
6. Characteristics
Table 5: Characteristics Tj = 25 C unless otherwise specified. Symbol Parameter Static characteristics V(BR)DSS drain-source breakdown voltage ID = 10 A; VGS = 0 V Tj = 25 C Tj = -55 C VGS(th) gate-source threshold voltage ID = 1 mA; VDS = VGS; Figure 9 and 10 Tj = 25 C Tj = 150 C Tj = -55 C IDSS drain-source leakage current VDS = 48 V; VGS = 0 V Tj = 25 C Tj = 150 C IGSS RDSon gate-source leakage current drain-source on-state resistance VGS = 15 V; VDS = 0 V VGS = 10 V; ID = 500 mA; Figure 6 and 8 Tj = 25 C Tj = 150 C VGS = 4.5 V; ID = 75 mA; Figure 6 and 8 Dynamic characteristics gfs Ciss Coss Crss ton toff VSD trr Qr forward transconductance input capacitance output capacitance reverse transfer capacitance turn-on delay time turn-off delay time source-drain (diode forward) voltage reverse recovery time recovered charge VDD = 50 V; RL = 250 ; VGS = 10 V; RG = 50 ; RGS = 50 VDS = 10 V; ID = 200 mA VGS = 0 V; VDS = 10 V; f = 1 MHz; Figure 11 100 300 25 18 7.5 3 12 0.85 30 30 40 30 10 10 15 1.5 mS pF pF pF ns ns V ns nC 2.3 4.2 3.1 3 5.55 4 0.01 10 1 10 100 A A nA 1 0.6 2 3 3.5 V V V 60 55 V V Conditions Min Typ Max Unit
Source-drain diode IS = 300 mA; VGS = 0 V; Figure 12 IS = 300 mA; dIS/dt = -100 A/s; VGS = 0 V
9397 750 14944
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 -- 26 April 2005
5 of 11
Philips Semiconductors
2N7002E
N-channel TrenchMOSTM FET
1 ID (A) 0.8
03ai12
Tj = 25 C
VGS (V) =
10
7
6 5 4.5
6 VGS (V) = RDSon () 4
03ai14
3.5
4
Tj = 25 C 4.5 5 6 7 10
0.6 4 0.4 3.5 2
0.2
3 2.5
0 0 0.8 1.6 2.4 VDS (V) 3.2
0 0 0.2 0.4 0.6 0.8 ID (A) 1
Tj = 25 C
Tj = 25 C
Fig 5. Output characteristics: drain current as a function of drain-source voltage; typical values
03ai16
Fig 6. Drain-source on-state resistance as a function of drain current; typical values
2.4 a 1.8
03aa28
0.8 ID (A) 0.6 150 C
Tj = 25 C 0.4
1.2
0.2
0.6
0 0 2 4 VGS (V) 6
0 -60
0
60
120
Tj (C)
180
Tj = 25 C and 150 C; VDS > ID x RDSon
R DSon a = ----------------------------R DSon ( 25 C ) Fig 8. Normalized drain-source on-state resistance factor as a function of junction temperature
Fig 7. Transfer characteristics: drain current as a function of gate-source voltage; typical values
9397 750 14944
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 -- 26 April 2005
6 of 11
Philips Semiconductors
2N7002E
N-channel TrenchMOSTM FET
2.4 VGS(th) (V) typ 1.8
03aa34
10-1 ID (A) 10-2
03aa37
10-3 1.2 min 10-4 min typ
0.6 10-5
0 -60
10-6 0 60 120 Tj (C) 180 0 0.6 1.2 1.8 VGS (V) 2.4
ID = 1 mA; VDS = VGS
Tj = 25 C; VDS = 5 V
Fig 9. Gate-source threshold voltage as a function of junction temperature
102
03ai18
Fig 10. Sub-threshold drain current as a function of gate-source voltage
03ai17
0.8 IS (A)
C (pF)
0.6 Ciss
10
Coss
0.4
Crss
0.2 150 C Tj = 25 C
1 10-1
1
10
VDS (V)
102
0 0 0.4 0.8 VSD (V) 1.2
VGS = 0 V; f = 1 MHz
Tj = 25 C and 150 C; VGS = 0 V
Fig 11. Input, output and reverse transfer capacitances as a function of drain-source voltage; typical values
Fig 12. Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values
9397 750 14944
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 -- 26 April 2005
7 of 11
Philips Semiconductors
2N7002E
N-channel TrenchMOSTM FET
7. Package outline
Plastic surface mounted package; 3 leads SOT23
D
B
E
A
X
HE
vMA
3
Q A A1
1
e1 e bp
2
wMB detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 max. 0.1 bp 0.48 0.38 c 0.15 0.09 D 3.0 2.8 E 1.4 1.2 e 1.9 e1 0.95 HE 2.5 2.1 Lp 0.45 0.15 Q 0.55 0.45 v 0.2 w 0.1
OUTLINE VERSION SOT23
REFERENCES IEC JEDEC TO-236AB JEITA
EUROPEAN PROJECTION
ISSUE DATE 99-09-13 04-11-04
Fig 13. Package outline SOT23
9397 750 14944 (c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 -- 26 April 2005
8 of 11
Philips Semiconductors
2N7002E
N-channel TrenchMOSTM FET
8. Revision history
Table 6: Revision history Release date 20050426 Data sheet status Product data sheet Change notice Doc. number 9397 750 14944 Supersedes 2N7002E-01 Document ID 2N7002E_2 Modifications:
* *
The format of this data sheet has been redesigned to comply with the new presentation and information standard of Philips Semiconductors. Table 5 "Characteristics" Addition of upper limit for VGS(th). Product data 9397 750 09095 -
2N7002E-01
20020211
9397 750 14944
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 -- 26 April 2005
9 of 11
Philips Semiconductors
2N7002E
N-channel TrenchMOSTM FET
9. Data sheet status
Level I II Data sheet status [1] Objective data Preliminary data Product status [2] [3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
10. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
12. Trademarks
TrenchMOS -- is a trademark of Koninklijke Philips Electronics N.V.
11. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors
13. Contact information
For additional information, please visit: http://www.semiconductors.philips.com For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
9397 750 14944
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 -- 26 April 2005
10 of 11
Philips Semiconductors
2N7002E
N-channel TrenchMOSTM FET
14. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 10 11 12 13 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description. . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data. . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 Thermal characteristics. . . . . . . . . . . . . . . . . . . 4 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 8 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 9 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 10 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Contact information . . . . . . . . . . . . . . . . . . . . 10
(c) Koninklijke Philips Electronics N.V. 2005
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 26 April 2005 Document number: 9397 750 14944
Published in The Netherlands


▲Up To Search▲   

 
Price & Availability of 2N7002E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X