Part Number Hot Search : 
32403 P6KE91C CTN393 C221M P4SMA91A 32F10 MP7683 CAT93C5
Product Description
Full Text Search
 

To Download 2N7002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N-CHANNEL TRANSISTOR
COMCHIP
www.comchiptech.com
2N7002
Description
The MTN7002N2 is a N-channel enhancement-mode MOS transistor.
.119 (3.0) .110 (2.8)
SOT-23
.020 (0.5)
Equivalent Circuit
Top View
.056 (1.40) .047 (1.20)
3
1
2
.006 (0.15)max.
.006 (0.15) .002 (0.05)
.037(0.95) .037(0.95)
G Gate S Sourse D Drain
.020 (0.5)
.020 (0.5)
.103 (2.6) .086 (2.2)
Dimensions in inches (millimeters)
Absolute Maximum Ratings
Parameter
(Ta=25 C)
Symbol Limits Unit
Drain-Sourse Voltage Drain-Gate Voltage (RGS=1M ) Gate-Source Voltage Continuous Drain Current (Ta=25 C) Continuous Drain Current (Ta=100 C) Pulsed Drain Current (Ta=25 C) Total Power Dissipation (Ta=25 C) DERATE Above 25 C Operating Junction Temperature Storage Temperature Thermal Resistance, Junction-to-Ambient Lead Temperature, for 10 second Soldering
BVDSS BVDSS VGS ID ID ID Pd Tj Tstg
60 60 +/-40 200 115 800 200 0.16 -55~+150 -55~+150 625 260
*1 *1 *2
V V V mA mA mA mW mW/ C C C C/W C
MDS0303007A
Page 1
.044 (1.10) .035 (0.90)
N-CHANNEL TRANSISTOR
Characteristics (Ta=25 C)
Symbol BVDSS VGS(th) IGSS/F IGSS/R IDSS ID(ON) VDS(ON) RDS(ON) GFS Ciss Coss Crss Min. 60 1 500 80 Typ. Max. 2.5 100 100 1 0.375 3.75 7.5 7.5 50 25 5 Unit V V nA nA uA mA V V
COMCHIP
www.comchiptech.com
mS pF
Test Conditions VGS=0, ID=10uA VDS=2.5V, ID=0.25mA VGS=+20V, VDS=0 VGS=-20V, VDS=0 VDS=60V, VGS=0 VDS>2VDS(ON), VGS=10V ID=50mA, VGS=5V ID=500mA, VGS=10V ID=50mA, VGS=5V ID=500mA, VGS=10V VDS>2VDS(ON), ID=200mA VDS=25V, VGS=0, f=1MHz
*Pulse Test : Pulse Width 380us, Duty Cycle 2%
Characteristic Curves
TYPICAL OUTPUT CHARACTERISICS
1.4 VGS=8V 1.2 VGS=5V 1.2 1.4
TYTICAL TRANSFER CHARACTERISTIC
DRAIN CURRENT---ID(A)
1.0 DRAIN CURRENT---ID(A)
1.0
0.8 VGS=4V 0.6
0.8
0.6
0.4
0.4
0.2
0.2
0.0 0 1 2 3 4 5 6 7 8 9 10 DRAIN-SOURCE ---VDS(V)
0.0 0 1 2 3 4 5 6 7 8 9 10
GATE-SOURCE VOLTAGE---VGS(V)
MDS0303007A
Page 2
N-CHANNEL TRANSISTOR
STATIC DRAIN-SOURCE ON-STATE RESISTANCE vs DRAIN CURRENT
COMCHIP
STATIC DRAIN-SOURCE ON-STATE RESISTANCE VS GATE-SOURCE VOLTSAGE
www.comchiptech.com
STATIC DRAIN-SOURCE ON-STATE RESISTANCE--RDS(on)(ohm)
STATIC DRAIN-SOURCE ON-STATE RESISTANCE--RDS(on)(ohm)
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0.0 0.2 0.4 0.6 0.8 DRAIN CURRENT---ID(A) 1.0 1.2
10 9 8 7 6 5 4 3 2 1 0 0 2 4 6 8 10 12 14 16 18 20 GATE-SOURCE VOLTAGE---VGS(V)
VGS=5 V
VGS=10
FORWARD TRANSFER ADM ITTANCE vs DRAIN CURRENT
1000
REVERSE DRAIN CURRENT vs SOURCE-DRAIN VOLTAGE
1.00
REVERSE DRAIN CURRENT---IDR(A)
FORWARD TRANSFER ADMITTANCE---GFS(ms)
VGS=10V 100
Pulsed
0.10
10
VGS=10V
VGS=0 V
1 0.001 0.01 0.1 1
0.01 0.00 0.50 1.00 1.50 SOURCE-DRAIN VOLTAGE---VSD(V)
DRAIN CURRENT---ID(A)
SWITCHING
CHARACTERISTICS
1000
Tf
SWITCHING TIMES---(ns)
100
Td(off)
Td(on)
10
Tr
1 0.001
0.01 DRAIN CURRENT---ID(A)
0.1
1
MDS0303007A
Page 3


▲Up To Search▲   

 
Price & Availability of 2N7002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X