Part Number Hot Search : 
CMC293 20150 LA9251 UTG0128S A2206B AP02N60P TEYT5500 GS9074A
Product Description
Full Text Search
 

To Download 2N4416 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N4416/2N4416A/SST4416
Vishay Siliconix
N-Channel JFETs
PRODUCT SUMMARY
Part Number
2N4416 2N4416A SST4416
VGS(off) (V)
-v6 -2.5 to -6 -v6
V(BR)GSS Min (V)
-30 -35 -30
gfs Min (mS)
4.5 4.5 4.5
IDSS Min (mA)
5 5 5
FEATURES
D Excellent High-Frequency Gain: 2N4416/A, Gps 13 dB (typ) @ 400 MHz D Very Low Noise: 3 dB (typ) @ 400 MHz D Very Low Distortion D High AC/DC Switch Off-Isolation
BENEFITS
D D D D D Wideband High Gain Very High System Sensitivity High Quality of Amplification High-Speed Switching Capability High Low-Level Signal Amplification
APPLICATIONS
D D D D High-Frequency Amplifier/Mixer Oscillator Sample-and-Hold Very Low Capacitance Switches
DESCRIPTION
The 2N4416/2N4416A/SST4416 n-channel JFETs are designed to provide high-performance amplification at high frequencies. The TO-206AF (TO-72) hermetically-sealed package is available with full military processing (see Military Information.) The TO-236 (SOT-23) package provides a low-cost option and is available with tape-and-reel options (see Packaging Information). For similar products in the TO-226AA (TO-92) package, see the J304/305 data sheet.
TO-206AF (TO-72) TO-236 (SOT-23)
S 1 4 C D 1 3 S 2 D Top View 2N4416 2N4416A 3 G 2 G
Top View SST4416 (H1)* *Marking Code for TO-236
For applications information see AN104. Document Number: 70242 S-50147--Rev. H, 24-Jan-05 www.vishay.com
1
2N4416/2N4416A/SST4416
Vishay Siliconix
ABSOLUTE MAXIMUM RATINGS
Gate-Drain, Gate-Source Voltage : (2N/SST4416) . . . . . . . . . . . . . . . . . . . . . -30 V (2N4416A) . . . . . . . . . . . . . . . . . . . . . . . . . -35 V Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 mA Lead Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300 _C Storage Temperature : (2N Prefix) . . . . . . . . . . . . . . . . . . -65 to 200 _C (SST Prefix) . . . . . . . . . . . . . . . . . -65 to 150_C Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 150 _C Power Dissipation : (2N Prefix)a . . . . . . . . . . . . . . . . . . . . . . 300 mW (SST Prefix)b . . . . . . . . . . . . . . . . . . . . 350 mW
Notes a. Derate 2.4 mW/_C above 25_C b. Derate 2.8 mW/_C above 25_C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TA = 25_C UNLESS NOTED)
Limits
2N4416 2N4416A SST4416
Parameter Static
Gate-Source Breakdown Voltage Gate-Source Cutoff Voltage Saturation Drain Currentb
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Min
Max
Unit
V(BR)GSS VGS(off) IDSS
IG = -1 mA , VDS = 0 V VDS = 15 V, ID = 1 nA VDS = 15 V, VGS = 0 V VGS = -20 V, VDS = 0 V (2N) TA = 150_C VGS = -15 V, VDS = 0 V (SST) TA = 125_C VDG = 10 V, ID = 1 mA VDS = 10 V, VGS = -6 V VGS = 0 V, ID = 300 mA IG = 1 mA , VDS = 0 V
-36 -3 10 -2 -4 -0.002 -0.6 -20 2 150 0.7
-30 -6 5 15 -100 -100
-35 -2.5 5 -6 15 -100 -100
-30 -6 5 15
V mA pA -1 nA
Gate Reverse Current
IGSS
Gate Operating Current Drain Cutoff Currentc Drain-Source On-Resistancec Gate-Source Forward Voltagec
IG ID(off) rDS(on) VGS(F)
pA W V
Dynamic
Common-Source Forward Transconductanceb Common-Source Output Conductanceb Common-Source Input Capacitance Common-Source Reverse Transfer Capacitance Common-Source Output Capacitance Equivalent Input Noise Voltagec gfs gos Ciss Crss Coss en VDS = 10 V, VGS = 0 V f = 1 kHz VDS = 15 V, VGS = 0 V f = 1 MHz VDS = 15 V, VGS = 0 V f = 1 kHz 6 15 2.2 0.7 1 6 4.5 7.5 50 4 0.8 2 4.5 7.5 50 4 0.8 2 nV Hz pF 4.5 7.5 50 mS mS
www.vishay.com
2
Document Number: 70242 S-50147--Rev. H, 24-Jan-05
2N4416/2N4416A/SST4416
Vishay Siliconix
HIGH-FREQUENCY SPECIFICATIONS FOR 2N4416/2N4416A (TA = 25_C UNLESS NOTED)
Limits
100 MHz 400 MHz
Parameter
Common Source Input Conductanced Common Source Input Susceptanced Common Source Output Conductanced Common Source Output Susceptanced Common Source Forward Transconductanced Common-Source Power Gaind Noise Figured
Symbol
giss biss goss boss gfs Gps NF
Test Conditions
Min
Max
100 2,500
Min
Max
1,000 10,000 100 4,000
Unit
VDS = 15 V, VGS = 0 V
75 1,000 4,000
m mS
VDS = 15 V, ID = 5 mA RG = 1 kW
18 2
10 4
dB NH
Notes a. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. b. Pulse test: PW v300 ms duty cycle v3%. c. This parameter not registered with JEDEC. d. Not a production test.
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Drain Current and Transconductance vs. Gate-Source Cutoff Voltage
20 IDSS - Saturation Drain Current (mA)
10 rDS(on) - Drain-Source On-Resistance ( ) gfs - Forward Transconductance (mS)
On-Resistance and Output Conductance vs. Gate-Source Cutoff Voltage
500 gos @ VDS = 10 V, VGS = 0 V f = 1 kHz
100
rDS @ ID = 300 mA, VGS = 0 V
80 gos - Output conductance (S)
16
IDSS
8
400
12
gfs
6
300
rDS gos
60
8
4
200
40
4
IDSS @ VDS = 10 V, VGS = 0 V gfs @ VDS = 10 V, VGS = 0 V f = 1 kHz 0 -2 -4 -6 -8 VGS(off) - Gate-Source Cutoff Voltage (V) -10
2
100
20
0
0
0
0 0 -4 -6 -8 VGS(off) - Gate-Source Cutoff Voltage (V) -2 -10
Output Characteristics
10 VGS(off) = -2 V 8 ID - Drain Current (mA) ID - Drain Current (mA) VGS = 0 V 6 -0.2 V -0.4 V 4 -0.6 V -0.8 V 2 -1.0 V -1.2 V -1.4 V 2 4 6 8 VDS - Drain-Source Voltage (V) 12 15
Output Characteristics
VGS(off) = -3 V
VGS = 0 V 9 -0.3 V -0.6 V 6 -0.9 V -1.2 V 3 -1.5 V -1.8 V
0
0
10
0
0
2
4 6 8 VDS - Drain-Source Voltage (V)
10
Document Number: 70242 S-50147--Rev. H, 24-Jan-05
www.vishay.com
3
2N4416/2N4416A/SST4416
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
5
Output Characteristics
VGS(off) = -2 V
5
Output Characteristics
VGS(off) = -3 V VGS = 0 V
4 ID - Drain Current (mA)
VGS = 0 V -0.2 V ID - Drain Current (mA) -0.4 V -0.6 V
4
-0.3 V -0.6 V -0.9 V -1.2 V -1.5 V
3
3
2
-0.8 V -1.0 V
2 -1.8 V 1 -2.1 V
1
-1.2 V -1.4 V
0 0 0.2 0.4 0.6 0.8 1.0 VDS - Drain-Source Voltage (V)
0 0 0.2 0.4 0.6 0.8 1.0 VDS - Drain-Source Voltage (V)
Transfer Characteristics
10 VGS(off) = -2 V 8 ID - Drain Current (mA) ID - Drain Current (mA) TA = -55_C 6 25_C VDS = 10 V 8 10
Transfer Characteristics
VGS(off) = -3 V VDS = 10 V
TA = -55_C 6 25_C
4
125_C
4
125_C
2
2
0 0 -0.4 -0.8 -1.2 -1.6 -2 VGS - Gate-Source Voltage (V)
0 0 -0.6 -1.2 -1.8 -2.4 -3 VGS - Gate-Source Voltage (V)
Transconductance vs. Gate-Source Voltage
10 VGS(off) = -2 V gfs - Forward Transconductance (mS) 8 TA = -55_C 6 25_C VDS = 10 V f = 1 kHz gfs - Forward Transconductance (mS) 8 10
Transconductance vs. Gate-Source Voltgage
VGS(off) = -3 V VDS = 10 V f = 1 kHz
TA = -55_C 6 25_C
4
125_C
4
125_C
2
2
0 0 -0.4 -0.8 -1.2 -1.6 -2 VGS - Gate-Source Voltage (V)
0 0 -0.6 -1.2 -1.8 -2.4 -3 VGS - Gate-Source Voltage (V)
www.vishay.com
4
Document Number: 70242 S-50147--Rev. H, 24-Jan-05
2N4416/2N4416A/SST4416
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
On-Resistance vs. Drain Current
300 rDS(on) - Drain-Source On-Resistance ( ) TA = 25_C 240 AV - Voltage Gain VGS(off) = -2 V 180 -3 V 120 80 100
Circuit Voltage Gain vs. Drain Current
g fs R L AV + 1 ) R g L os Assume VDD = 15 V, VDS = 5 V RL + 10 V ID
60
40
VGS(off) = -2 V
60
20 -3 V
0 0.1
ID - Drain Current (mA) 1
10
0
0.1
ID - Drain Current (mA) 1
10
Common-Source Input Capacitance vs. Gate-Source Voltage
5 Crss - Reverse Feedback Capacitance (pF) f = 1 MHz 4 Ciss - Input Capacitance (pF) 3
Common-Source Reverse Feedback Capacitance vs. Gate-Source Voltage
f = 1 MHz 2.4
3 VDS = 0 V 2 10 V
1.8 VDS = 0 V
1.2
1
0.6
10 V
0 0 -4 -8 -12 -16 VGS - Gate-Source Voltage (V) -20
0 0 -4 -8 -12 -16 VGS - Gate-Source Voltage (V) -20
100
Input Admittance
TA = 25_C VDS = 15 V VGS = 0 V Common Source bis
100
Forward Admittance
TA = 25_C VDS = 15 V VGS = 0 V Common Source
10 (mS)
gis (mS)
10
gfs -bfs
1
1
0.1 100
200
500
1000
0.1 100
200
500
1000
f - Frequency (MHz)
f - Frequency (MHz)
Document Number: 70242 S-50147--Rev. H, 24-Jan-05
www.vishay.com
5
2N4416/2N4416A/SST4416
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Reverse Admittance
10 TA = 25_C VDS = 15 V VGS = 0 V Common Source 1 (mS) (mS) -brs 10
Output Admittance
bos
1 gos
-grs 0.1 0.1 TA = 25_C VDS = 15 V VGS = 0 V Common Source 0.01 100 0.01 200 500 f - Frequency (MHz) 1000 100 200 500 f - Frequency (MHz) 1000
100 nA 10 nA 1 nA 100 pA
Gate Leakage Current
IG @ ID = 5 mA 1 mA 0.1 mA gfs - Forward Transconductance (mS)
10
Common-Source Forward Transconductance vs. Drain Current
VGS(off) = -3 V VDS = 10 V f = 1 kHz
8 TA = -55_C
IG - Gate Leakage
TA = 125_C IGSS @ 125_C 1 mA TA = 25_C 0.1 mA IGSS @ 25_C
6 25_C 4
5 mA 10 pA 1 pA 0.1 pA 0 4
125_C 2
0 8 12 16 VDG - Drain-Gate Voltage (V) 20 0.1 1 ID - Drain Current (mA) 10
20
Equivalent Input Noise Voltage vs. Frequency
VDS = 10 V
20
Output Conductance vs. Drain Current
VGS(off) = -3 V VDS = 10 V f = 1 kHz
16 Hz
gos - Output Conductance (S)
16 TA = -55_C 12 25_C 125_C 4
en - Noise Voltage nV /
12
8 ID = 5 mA VGS = 0 V 0 10 100 1k f - Frequency (Hz) 10 k 100 k
8
4
0 0.1 1 ID - Drain Current (mA) 10
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?70242. www.vishay.com Document Number: 70242 S-50147--Rev. H, 24-Jan-05
6
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 2N4416

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X