Part Number Hot Search : 
TLP261J 2SA1600 200BZXC 58010 SF1200B 030D06E2 DS1220Y 124ML
Product Description
Full Text Search
 

To Download WED2ZL64512S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 White Electronic Designs
512K x 64 Synchronous Pipeline NBL SRAM
FEATURES
Fast clock speed: 166, 150, 133, and 100MHz Fast access times: 3.5ns, 3.8ns, 4.2ns, and 5.0ns Fast OE# access times: 3.5ns, 3.8ns, 4.2ns, and 5.0ns Seperate +2.5V 5% power supplys for core I/O (VCC + VCCQ) Double Word Write Control Clock-controlled and registered addresses, data I/Os and control signals Packaging: * 119 bump BGA package Low capacitive bus loading
WED2ZL64512S
DESCRIPTION
The WEDC SyncBurst - SRAM family employs highspeed, low-power CMOS designs that are fabricated using an advanced CMOS process. WEDC's 32Mb Sync SRAM integrate two 512K x 32 SRAMs into a single BGA package to provide 512K x 64 configuration. All synchronous inputs pass through registers controlled by a positive-edge-triggered single-clock input (CK). The NBL or No Bus Latency Memory utilizes all the bandwidth in any combination of operating cycles. Address, data inputs, and all control signals except output enable are synchronized to input clock. Output Enable controls the outputs at any given time and to Asynchronous Input. Write cycles are internally self-timed and initiated by the rising edge of the clock input. This feature eliminates complex off-chip write pulse generation and provides increased timing flexibility for incoming signals.
NOTE: NBL = No Bus Latency is equivalent to the industry ZBTTM devices.
FIG. 1 PIN CONFIGURATION
(TOP VIEW)
A B C D E F G H J K L M N P R T U 1 DQF DQF DQE DQE NC SA SA SA SA18 SA SA SA NC DQD DQD DQC DQC 2 3 4 5 DQF DQF DQF NC DQF DQF DQF NC DQE DQE DQE NC DQE DQE DQE NC NC NC VCCQ VCCQ VCCQ VCC VCC VCC CE# VSS VSS VSS NC VSS WE1# VSS CE2# SSCK OE# NC CE2 VSS WE0# VSS NC VSS VSS VSS VCCQ VCC VCC VCC NC NC VCCQ VCCQ DQD DQD DQD NC DQD DQD DQD NC DQC DQC DQC NC DQC DQC DQC NC 6 DQG DQG DQH DQH VCCQ VCC VSS VSS NC VSS VSS VCC VCCQ DQA DQA DQB DQB 7 DQG DQG DQH DQH NC VCC VSS VSS NC VSS VSS VCC NC DQA DQA DQB DQB 8 DQG DQG DQH DQH NC VCCQ SA SA SA1 SA SA VCCQ NC DQA DQA DQB DQB 9 DQG DQG DQH DQH NC SA SA SA SA0 SA SA SA NC DQA DQA DQB DQB
BLOCK DIAGRAM
SA 0 - 18 DQ 0 - 31 DQ 32 - 63
A0 - A18 OE# WE# CK CS2# CS2 CS1#
OEB WEB_LW CK CS2B CS2 CS1B
U1
DQ 0 - 31
512K x 36
A0 - A18 WEB_HW OE# WE# CK CS2# CS2 CS1#
U2
DQ 0 - 31
512K x 36
White Electronic Designs Corp. reserves the right to change products or specifications without notice. October 2001 Rev. 0 1 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
FUNCTION DESCRIPTION
The WED2ZL64512S is an NBL SSRAM designed to sustain 100% bus bandwidth by eliminating turnaround cycle when there is transition from Read to Write, or vice versa. All inputs (with the exception of OE#) are synchronized to rising clock edges. Output Enable (OE#) can be used to disable the output at any given time. Read operation is initiated when at the rising edge of the clock, the address presented to the address inputs are latched in the address register, CKE# is driven low, the write enable input signals WE# are driven high. The internal array is read between the first
WED2ZL64512S
rising edge and the second rising edge of the clock and the data is latched in the output register. At the second clock edge the data is driven out of the SRAM. During read operation OE# must be driven low for the device to drive out the requested data. Write operation occurs when WE# is driven low at the rising edge of the clock. The pipe-lined NBL SSRAM uses a late-late write cycle to utilize 100% of the bandwidth. At the first rising edge of the clock, WE# and address are registered, and the data associated with that address is required two cycle later.
TRUTH TABLES
SYNCHRONOUS TRUTH TABLE
CEx# H L L X L L
NOTES:
WE# X H H X L L
OE# X L H H X X
CK
Address Accessed N/A Current Address N/A N/A Current Address N/A
Operation Deselect Read Cycle NOP/Dummy Read Dummy Read Write Cycle NOP/Write Abort
1. X means "Don't Care." 2. The rising edge of clock is symbolized by ( ) 3. A continue deselect cycle can only be entered if a deselect cycle is executed first. 4. WRITE# = L means Write operation in WRITE TRUTH TABLE. WRITE# = H means Read operation in WRITE TRUTH TABLE.
White Electronic Designs Corp. reserves the right to change products or specifications without notice. October 2001 Rev. 0 2 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
Voltage on VCC Supply Relative to Vss VIN (DQx) VIN (Inputs) Storage Temperature (BGA)
Short Circuit Output Current
WED2ZL64512S
ABSOLUTE MAXIMUM RATINGS*
-0.3V TA +3.6V -0.3V TA +3.6V -0.3V TA +3.6V -55C TA +125C
100mA
*Stress greater than those listed under "Absolute Maximum Ratings: may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions greater than those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating condtions for extended periods may affect reliability.
ELECTRICAL CHARACTERISTICS (0C TA 70C)
Description Input High (Logic 1) Voltage Input Low (Logic 0) Voltage Input Leakage Current Output Leakage Current Output High Voltage Output Low Voltage Supply Voltage
NOTES: 1. All voltages referenced to VSS (GND)
Symbol VIH VIL ILI ILO VOH VOL VCC
Conditions
Min 1.7 -0.3
Max VCC +0.3 0.7 5 5 --0.4 2.625
Units V V mA mA V V V
Notes 1 1
0V VIN VCC Output(s) Disabled, 0V VIN VCC IOH = -1.0mA IOL = 1.0mA
-5 -5 2.0 --2.375
1 1 1
DC CHARACTERISTICS
Description Power Supply Current: Operating Power Supply Current: Standby Clock Running Standby Current
NOTES:
Symbol ICC ISB2 ISB4
Conditions Device Selected; All Inputs VIL or VIH; Cycle Time = TCYC MIN; VCC = MAX; Output Open Device Deselected; VCC = MAX; All Inputs VSS + 0.2 or VCC - 0.2; All Inputs Static; CK Frequency = 0 Device Deselected; VCC = MAX; All Inputs VSS + 0.2 or VCC - 0.2; Cycle Time = TCYC MIN
Typ
166 MHZ 650
150 MHZ 600 60 120
133 MHZ 560 60 100
100 MHZ 500 60 80
Units mA mA mA
Notes 1, 2 2 2
30
60 140
1. ICC is specified with no output current and increases with faster cycle times. ICC increases with faster cycle times and greater output loading. 2. Typical values are measured at 2.5V, 25C, and 10ns cycle time.
BGA CAPACITANCE
Description Control Input Capacitance Input/Output Capacitance (DQ) Address Capacitance Clock Capacitance
NOTES: 1. This parameter is sampled.
Symbol CL CO CA CCK
Conditions TA = 25C; f = 1MHz TA = 25C; f = 1MHz TA = 25C; f = 1MHz TA = 25C; f = 1MHz
Typ 5 6 5 3
Max 7 8 7 5
Units pF pF pF pF
Notes 1 1 1 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice. October 2001 Rev. 0 3 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
AC CHARACTERISTICS
166MHz 150MHz Parameter Clock Time Clock Access Time Output enable to Data Valid Clock High to Output Low-Z Output Hold from Clock High Output Enable Low to output Low-Z Output Enable High to Output High-Z Clock High to Output High-Z Clock High Pulse Width Clock Low Pulse Width Address Setup to Clock High CKE Setup to Clock High Data Setup to Clock High Write Setup to Clock High Chip Select Setup to Clock High Address Hold to Clock high CKE Hold to Clock High Data Hold to Clock High Write Hold to Clock High Chip Select Hold to Clock High Symbol tCYC tCD tOE tLZC tOH tLZOE tHZOE tHZC tCH tCL tAS tCES tDS tWS tCSS tAH tCEH tDH tWH tCSH Min 6.0 --1.5 1.5 0.0 --2.2 2.2 1.5 1.5 1.5 1.5 1.5 0.5 0.5 0.5 0.5 0.5 Max 3.5 3.5 ---3.0 3.0 -----------Min 6.7 --1.5 1.5 0.0 --2.5 2.5 1.5 1.5 1.5 1.5 1.5 0.5 0.5 0.5 0.5 0.5 Max 3.8 3.8 ---3.0 3.0 -----------133MHz Min 7.5 --1.5 1.5 0.0 --3.0 3.0 1.5 1.5 1.5 1.5 1.5 0.5 0.5 0.5 0.5 0.5 Max 4.2 4.2 ---3.5 3.5 ------------
WED2ZL64512S
100MHz Min 10.0 --1.5 1.5 0.0 --3.0 3.0 1.5 1.5 1.5 1.5 1.5 0.5 0.5 0.5 0.5 0.5 Max 5.0 5.0 ---3.5 3.5 -----------Units ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
NOTES: 1. All Address inputs must meet the specified setup and hold times for all rising clock (CK) edges when ADV is sampled low and CEX# is sampled valid. All other synchronous inputs must meet the specified setup and hold times whenever this device is chip selected. 2. Chip enable must be valid at each rising edge of CK (when ADV is Low) to remain enabled. 3. A write cycle is defined by WE# low having been registered into the device. A Read cycle is defined by WE# High. Both cases must meet setup and hold times.
(0C TA 70C, VCC = 2.5V 5%, Unless Otherwise Specified) Parameter Input Pulse Level Input Rise and Fall Time (Measured at 20% to 80%) Input and Output Timing Reference Levels Output Load Value 0 to 2.5V 1.0V/ns 1.25V See Output Load (A)
AC TEST CONDITIONS
OUTPUT LOAD (A)
DOUT Zo=50 RL=50 30pF* VL=1.25V
(FOR tLZC, tLZOE, tHZOE, and tHZC)
+2.5V DOUT 1538 1667 5pF*
OUTPUT LOAD (B)
*Including Scope and Jig Capacitance
White Electronic Designs Corp. reserves the right to change products or specifications without notice. October 2001 Rev. 0 4 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
FIG. 3 TIMING WAVEFORM OF READ CYCLE
tCH tCL
WED2ZL64512S
Clock
tAS tAH A1 A2
Address
tWS
tWH
WE0B WE1B
tCSS tCSH
CEx#
OEB#
tOE tLZOE tHZOE Q1-1 tCD tOH Q2-1
Data Out
NOTES: WRITE# = L means WE# = L, and BWx# = L CEx# refers to the combination of CE1#, CE2, CE2#.
Don't Care Undefined
White Electronic Designs Corp. reserves the right to change products or specifications without notice. October 2001 Rev. 0 5 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
FIG. 4 TIMING WAVEFORM OF WRITE CYCLE
tCH tCL
WED2ZL64512S
Clock
Address
A1
A2
WE0B# WE1B
CEx#
OEB#
Data In
tHZOE
D1-1
D2-1
Data Out
Q0-3
Q0-4
NOTES:
WRITE# = L means WE# = L, and BWx# = L CEx# refers to the combination of CE1#, CE2 and CE2#.
Don't Care Undefined
White Electronic Designs Corp. reserves the right to change products or specifications without notice. October 2001 Rev. 0 6 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
FIG. 5 TIMING WAVEFORM OF SINGLE READ/WRITE
tCH
WED2ZL64512S
tCL
Clock
Address
A1
A2
A3
A4
A5
A6
A7
A8
A9
WE0B WE1B
CEx#
OEB#
tOE tLZOE
Data Out
Q1
tDS tDH
Q3
Q4
Q6
Q7
Data In
D2
D5
NOTES:
WRITE# = L means WE# = L, and BWx# = L CEx# refers to the combination of CE1#, CE2 and CE2#.
Don't Care Undefined
White Electronic Designs Corp. reserves the right to change products or specifications without notice. October 2001 Rev. 0 7 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
FIG. 7 TIMING WAVEFORM OF CE# OPERATION
tCH
WED2ZL64512S
tCL
Clock
tCYC
Address
A1
A2
A3
A4
A5
WE0B WE1B
CEx#
OEB#
tOE tLZOE
tHZC
Q1
tCD tLZC
Q4
Data Out
Q2
tDS tDH
Data In
D3
D5
NOTES:
WRITE# = L means WE# = L, and BWx# = L CEx# refers to the combination of CE1#, CE2 and CE2#.
Don't Care Undefined
White Electronic Designs Corp. reserves the right to change products or specifications without notice. October 2001 Rev. 0 8 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
PACKAGE DIMENSION: 119 BUMP PBGA
7.62 (0.300) TYP
A B C D E F G H J K L M N P R T U
WED2ZL64512S
1.90 (0.075) MAX
17.00 (0.669) TYP
A1 CORNER
1.27 (0.050) TYP
23.00 (0.905) TYP
20.32 (0.800) TYP
1.27 (0.050) TYP
0.711 (0.028) MAX
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES NOTE: Ball attach pad for above BGA package is 620 microns in diameter. Pad is solder mask defined.
ORDERING INFORMATION
COMMERCIAL TEMP RANGE (0C TA 70C)
Part Number WED2ZL64512S35BC WED2ZL64512S38BC WED2ZL64512S42BC WED2ZL64512S50BC Configuration 512K x 64 512K x 64 512K x 64 512K x 64 tCD (ns) 3.5 3.8 4.2 5.0 Clock (MHz) 166 150 133 100
White Electronic Designs Corp. reserves the right to change products or specifications without notice. October 2001 Rev. 0 9 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com


▲Up To Search▲   

 
Price & Availability of WED2ZL64512S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X