Part Number Hot Search : 
IC18F S2CCMK RF310 PF5102 1001A MAX267 OPB609GU LA1654FN
Product Description
Full Text Search
 

To Download TR600-150-RB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tyco / Electronics
Raychem Circuit Protection 308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 Fax: 800-227-4866
PolySwitch(R) PTC Devices
Overcurrent Protection Device
PRODUCT: TR600-150-RB
DOCUMENT: SCD 24064 PCN: 688511 REV LETTER: D REV DATE: OCTOBER 23, 2002 PAGE NO.: 1 OF 1
Specification Status: Released
Max Electrical Rating at 20C
Operating Voltage: 60VDC Fault Voltage: 600VRMS Interrupt Current: 3ARMS Lead Material : 22 AWG Sn/Pb plated copper Marking:
Raychem Logo and Voltage Part Identification Lot Identification
600 150
TABLE I. DIMENSIONS:
A mm: in: MIN --MAX 13.5 (0.531) MIN --B MAX 12.6 (0.496) MIN --C MAX MIN 6.0 4.7 (0.236) (0.185) D MAX --E NOM 5.0 (0.197) F MIN --MAX 10.0 (0.394)
TABLE II. PERFORMANCE RATINGS @ 20 C (unless otherwise noted):
IHOLD (A) 20 C 0.150 60 C 0.090 TIME TO TRIP (S) OPERATING @ 1A TEMPERATURE (C) R MIN R MAX R1 MAX* TYP MIN MAX 9.0 12.0 22.0 4.5 -40 85 * Maximum device resistance at 20C measured 1 hour post-trip. -40 to 85C UL, CSA PS300 This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame. RESISTANCE ()
Storage Temperature: Agency Recognition: Reference Documents: Precedence: Effectivity: CAUTION:


▲Up To Search▲   

 
Price & Availability of TR600-150-RB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X