Part Number Hot Search : 
NJM79L24 D74HC 102ME APL5102 P2504BD AOB436L P7N50 2SC3426
Product Description
Full Text Search
 

To Download TL432CZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Voltage(1.24V) Adjustable Precision Shunt Regulator
PROGRAMMABLE PRECISION REFERENCES
TL432Z/AZ/CZ
FEATURES
Low Voltage Operation : 1.24 V Programmable Out Voltage to 16V Sink Current Capability of 1 mA to 100 mA Equivalent Full-Range Temperature Coefficient of 50 ppm/ Temperature Compensated for Operation over Full Rated
TO-92 PKG
3.Cathode 2.Anode 1.Reference
Operating Temperature Range
Trimmed Bandgap to 5%
SOT-23 PKG
2.Anode
1.Reference
3.Cathode
APPLICATION
Shunt Regulator Voltage Monitoring Current Source and Sink Circuits ORDERING INFORMATION Device Marking Anolog and Digital Circuits Requiring Precision References TL432-AZ TL432-AZ Low Out Voltage (3.0V to 3.3V) Switching Power Supply TL432-CZ TL432-CZ Error Amplifier
TL432-AZSF TL432-CZSF 432
Package TO-92 SOT-23
DESCRIPTION
The TL432Z/AZ/CZ is a three-terminal Shunt Voltage Reference providing a highly accuracy 1.24 V, 1.25V bandgap reference with 1.0 % tolerance. The TL432Z/AZ/CZ thermal stability and wide operating current (100mA), makes is suitable for all variety of applications that are looking for a low cost solution with high performance. The TL432Z/AZ/CZ is an ideal voltage reference in an isolated feed circuit for 3.0V to 3.3V switching mode power supplies.
Jan. 2007 - Rev 1.0
HTC
1
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
FUNCTION BLOCK DIAGRAM
TL432Z/AZ/CZ
CATHODE REFERENCE + REFERENCE(R) 1.24VREF
CATHODE(K)
ANODE(A)
ANODE
EQUIVALENT SCHEMATIC
All component values are nominal
Jan. 2007 - Rev 1.0
HTC
2
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
RECOMMENDED OPERATING CONDITIONS
CHARACTERISTIC Cathode Voltage Cathode Current SYMBOL VKA IK MIN. VREF 8
TL432Z/AZ/CZ
MAX. 16 100
UNIT V
DISSIPATION RATING TABLE1-FREE-AIR TEMPERATURE
TA=25 Power Rating 770 230 Derating Factor Above TA=25 6.2/ 1.8/ TA=70 TA=85 TA=125
Package TO-92 SOT-23
Power Rating Power Rating Power Rating 491 149 398 122 -
ABSOLUTE MAXIMUM RATINGS
(Full Operating Ambient Temperature Range Applies Unless Otherwise Noted)
CHARACTERISTIC Cathode Voltage Continuous Cathode Current Range Reference Input Current Range Junction Temperature Operating Temperature Storage Temperature Total Power Dissipation
SYMBOL VKA IKA IREF TJ TOPR TSTG PD
RATING 20 100 3 -40 ~ 150 0 ~ 70 -65~+150 770
UNIT V
Jan. 2007 - Rev 1.0
HTC
3
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432Z/AZ/CZ
TL432AZ/CZ ELECTRICAL CHARACTERISTICS
CHARACTERISTIC SYMBOL
(TA=25, unless otherwise specified)
TEST CONDITION TL432AZ MIN. 1.228 1.24 TL432CZ 1.233 1.247 TYP. MAX. 1.252 V UNIT
Reference Input Voltage
VREF
VKA=VREF, IK=10
Deviation of Reference Input Voltage Over Full Temperature Range Ratio of Change in Reference Input Voltage
VREF/VKA
VKA=VREF, IK=10 VREF/T TA=Full Range 1 25
VKA=1.25V to 14.5V
1.0
2.7
/V
to the Change in Cathod Voltage Reference Input Current Deviation of Reference Input Current Over Full Temperature Range Minimum Cathode IKAMIN Current for Regulation Off-State Cathode IKAOFF Current Dynamic Impedance ZKA VKA=VREF, IK=0.1~100, f1.0 0.05 0.15 VKA=16V, V REF=0 0.135 0.15 Vka=Vref 20 80 IREF/T R1=10, R2=, Ta = Full Range 0.10 0.4 IREF R1=10, R2= 0.15 0.5
Jan. 2007 - Rev 1.0
HTC
4
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
Parameter Measurement Information
Fig. 1 Test Circuit for V
INPUT
KA =V REF
TL432Z/AZ/CZ
Fig. 2 Test Circuit for V
INPUT
KA V REF
IKA
VKA
IKA
VKA
DUT
R1
REF
DUT
VREF
R2
VREF VKA=VREF(1+R1/R2)+IREF R1
Fig. Test Circuit for IKA off)
INPUT IKA(OFF) VKA
DUT
Typical Characteristics
Jan. 2007 - Rev 1.0
HTC
5
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432Z/AZ/CZ
The deviation parameters V REF(DEV) and IREF(DEF) are defined as the differences between the maximum and minimum values obtained over the recommended temperature range. The average full-range temperature coefficient of the reference voltage, V REF, is defined as : Maximum V REF V I(dev) 6 x10 ppm VREF at 25 VREF = TA VI(dev) Minimum V REF TA
Where : TA is the recommended operating free-air temperature range of the device.
VREF can be positive or negative, depending on whether minimum V REF or maximum V REF, respectively, occurs at the lower temperature.
Example : Maximum V REF=1190 at 30, maximum VREF=1262 at 0, VREF=1241 at 25, TA=125 for TL432CZ 7.2 x106 ~ 46PPM/ 1241 ~ 125
VREF=
Because minimum V REF occurs at the lower temperature, the coefficient is positive.
Calculating Dynamic Impedance The dynamic impedance is defined as :
ZKA=
VKA IKA
When the device is operating with two external resistors (see Figure 3), the total dynamic impedance of the circuit is given by : V I ~ZKA 1+ R1 ~ R2
Z'=
Jan. 2007 - Rev 1.0
HTC
6


▲Up To Search▲   

 
Price & Availability of TL432CZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X