Part Number Hot Search : 
0A120 CAT25C09 2N6073B LC78602 PD70F T2512 8051AH MLL3828
Product Description
Full Text Search
 

To Download STA3350F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
STA3350F
PNP Silicon Transistor
Applications
* Power amplifier application * High current switching application
Features
* * * * Low saturation voltage: VCE(sat)=-0.15V Typ. @ IC=-1A, IB=-50mA Large collector current capacity: IC=-3A Small and compact SMD type package Complementary pair with STC4350F
Ordering Information
Type NO. STA3350F Marking HW7 Package Code SOT-89
Outline Dimensions
3.70~4.30 1.15 Typ. 2.40~2.70 1.20 Max.
unit : mm
3
4.40~4.70 1.87 Max.
4
2
0.58 Max.
1
0.48 Max.
1.40~1.70
1.15 Typ.
PIN Connections 1. Base 2,4. Collector 3. Emitter
0.10 Max.
KSD-T5B006-000
0.46 Max.
1
STA3350F
Absolute Maximum Ratings
Characteristic
Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector Power dissipation Junction temperature Storage temperature range
Symbol
VCBO VCEO VEBO IC PC PC TJ Tstg
2
Rating
-50 -50 -6 -3 0.5 1 150 -55~150
[Ta=25] Unit
V V V A W W C C
Device mounted on ceramic substrate (250mm 0.8t)
Electrical Characteristics
Characteristic
Collector-emitter breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Turn-on Time Switching Time Storage Time Fall Time
Symbol
BVCEO ICBO IEBO hFE hFE VCE(sat) VBE(sat) fT Cob ton tstg tf
Test Condition
IC=-1mA, IB=0 VCB=-50V, IE=0 VEB=-6V, IC=0 VCE=-2V, IC=-0.5A* VCE=-2V, IC=-2A* IC=-1A, IB=-0.05A* IC=-2A, IB=-0.1A* VCE=-10V, IC=-0.05A VCB=-10V, IE=0, f=1MHz
[Ta=25] Min. Typ. Max. Unit
-50 120 40 -0.97 250 28 100 300 50 -1 -1 240 -0.35 -1.2 ns V V MHz pF V A A
<
-
*: Pulse test : tP300s, Duty cycle2% Recommend PCB solder land [Unit: mm]
KSD-T5B006-000
2
STA3350F
Electrical Characteristic Curves
Fig. 1 PC - Ta
Fig. 2 IC - VBE
Fig. 3 IC - VCE
Fig. 4 hFE - IC
Fig. 5 VCE(sat) - IC
Fig. 6 VBE(sat) - IC
KSD-T5B006-000
3
STA3350F
Electrical Characteristic Curves
Fig. 7 COb - VCB Fig. 8 Safe Operating Area
The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice.
KSD-T5B006-000
4


▲Up To Search▲   

 
Price & Availability of STA3350F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X