Part Number Hot Search : 
MC7818 SB103 PXF4225E 2N336 UPD70 BZT03C68 PCA9655E B45196
Product Description
Full Text Search
 

To Download SSR4010CTNA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SSR4010CTNA SSR4010CTPA
40 AMP, 100 VOLTS SCHOTTKY RECTIFIER
Designer's Data Sheet
Part Number/Ordering Information 1/
SSR4010 __ __ __ __
Screening 2/ __ = Not Screened TX = TX Level TXV = TXV S = S Level Lead Options __ = Straight Leads, D = Bent Down, U = Bent Up Package NA = TO-258 w/ .040" Dia. Legs PA = TO-259 w/ .040" Dia. Legs N = TO-258 w/ .060" Dia. Legs P = TO-259 w/ .060" Dia. Legs Configuration CT = Common Cathode, CA = Common Anode, D = Doubler, DR = Reverse Doubler
FEATURES: * * * * * * * * * * PIV 100 Volts Low Forward Voltage Drop Low Reverse Leakage Current Isolated Hermetically Sealed Power Package Ceramic Seal Package Available Custom Lead Forming Available Guard Ring for Overvoltage Protection Gold Eutectic Die Attach 175C Operating Junction Temperature TX, TXV, or Space Level Screening Available
MAXIMUM RATINGS
RATING
Peak Repetitive Reverse Voltage and DC Blocking Voltage SSR4010CTNA, SSR4010CTPA Average Rectified Output Current (Resistive Load, 60Hz, Sine Wave, TA=25C) Peak Surge Current 3/ 4/ (8.3 ms Pulse, Half Sine Wave, superimposed on IO, allow junction to reach equilibrium between pulses, TA=25C) Operating and Storage Temperature Maximum Thermal Resistance Junction to Case 3/ Junction to Case (Per Leg)
NOTES: 1/ 2/ 3/ . 4/
3/ 4/
SYMBOL
VRRM VRWM VR IO IFSM
VALUE
100
UNIT
Volts 40 400 Amps Amps
TOP & TSTG RJC
-65 to +175 0.6 1.2 TO-258 TO-259
C
C/W
For ordering information, price, and availability- Contact Factory Screened to MIL-PRF-19500. Both Legs Tied Together. Doubler: IO = 20A, IFSM = 200A.
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0099F
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SSR4010CTNA SSR4010CTPA
ELECTRICAL CHARACTERISTICS (Per Leg) CHARACTERISTICS Instantaneous Forward Voltage Drop (IF = 10 A, TA = 25C, Pulse) (IF = 15 A, TA = 25C, Pulse) (IF = 20 A, TA = 25C, Pulse) Instantaneous Forward Voltage Drop (IF = 10 A, TA = -55C, Pulse) Reverse Leakage Current (Rated VR, TA = 25C, Pulse) Reverse Leakage Current (Rated VR, TA = 100C, Pulse) Junction Capacitance (VR = 10 V, TA = 25C, f = 1 MHz) SYMBOL VF1 VF2 VF3 VF4 IR1 IR2 CJ MAXIMUM 0.75 0.82 0.85 0.84 200 10 800 UNIT Vdc
Vdc A mA pF
TO-258 (N Suffix)
TO-259 (P Suffix)
Optional Bent Down Leads (D Suffix)
Optional with Bent Up Leads (U Suffix)
Pin Assignment
For information on curves, contact the Factory Representative for Engineering Assistance.
Code
CT CA D DR
Function
Common Cathode Common Anode Doubler Reverse Doubler
Pin 1
Anode Cathode Cathode Anode
Pin 2
Cathode Anode Common Common
Pin 3
Anode Cathode Anode Cathode


▲Up To Search▲   

 
Price & Availability of SSR4010CTNA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X