|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Ge-Avalanche Photodiode in TO Package with Integrated Optics SRD 00512Z * Designed for application in fiber-optic communication * Sensitive receiver for the 2nd optical window (1300 nm) * High gain-bandwidth product * Suitable for bit rates up to 1.2 Gbit/s and long-haul * * * * * transmission Planar structure Small radiant sensitive area Low multiplied dark current High spectral sensitivity by built-in optics Hermetically sealed 3-pin metal case Ordering Code Q62702-P3042 Connector/Flange TO, with optics systems Type SRD 00512Z Maximum Ratings Parameter Forward current Reverse voltage Operating and storage temperature Max. radiant power into the opt. port (VR = 5 V) Soldering time (wave / dip soldering), distance between solder point and base plate ( 2 mm, 260 C) * Individual value of VBR is delivered with each component. Symbol Values 50 * - 40 ... + 85 1 10 Unit mA V C mW s IF VR TA Tstg port ts Semiconductor Group 1 02.95 SRD 00512Z Characteristics All optical data refer to an optimally coupled 10/125 m SM fiber at ambient temperature of 25 C, unless otherwise defined. Parameter Spectral sensitivity = 1310 nm, M = 1 Rise and fall time (10 % - 90 %) RL = 50 , M = 1, = 1310 nm, port = 100 W Multiplication factor at VR = 0.9 VBR Breakdown voltage IR = 100 A Total capacitance VR = 0.9 VBR, port = 0, f = 1 MHz Dark current VR = 10 V VR = 0.9 VBR Multiplied dark current (M = 10) Symbol Values 0.8 ( 0.7) 0.3 ( 0.5) Unit A/W ns S tr; tf M VBR C ID IDM 4 ( 3) 28 ... 40 2 < 200 < 300 20 V pF nA nA nA Semiconductor Group 2 SRD 00512Z Rel. Spectral Sensitivity M = 1 (VR = 10 V) Dark Current ID = ID(VR / VBR) Multiplication Factor M = M(VR / VBR) 1 100 0.8 10 Rel. Sensitivity 0.6 ID in uA / M M ID 0.4 1 0.2 0 800 0.1 1000 1200 1400 1600 0 0.2 0.4 0.6 0.8 1 Wavelength in nm VR/VBR Frequency Response of Sensitivity S = S(f), = 1300 nm 0 -1 -2 -3 Sensitivity in dB -4 -5 -6 -7 -8 -9 -10 100 Frequency in MHz M=32 M=2 M=8 Temperatur Behaviour of Breakdown Voltage VBR / VBR(25 C)(TA) 1.1 1.05 VBR/VBR(25) M=16 1 0.95 0.9 10000 -50 -25 0 25 50 75 100 Ambient Temperature in C Semiconductor Group 3 SRD 00512Z Temperature Behaviour of Dark Current ID / ID(25 C)(TA) Sensitivity at different input Powers VBR / VBR(25 C)(TA) 200 180 160 Sensitivity in A/W 1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 140 ID/ID(25) 120 100 80 60 40 0.1 20 0 -50 -25 0 25 50 75 100 Popt in W Ambient Temperature in C 0 1.00E-07 1.00E-05 1.00E-03 Package Outlines (Dimensions in mm) SRD 00512Z Semiconductor Group 4 |
Price & Availability of SRD00512Z |