Part Number Hot Search : 
W921C841 01901 S9684 D211ERU ZSP400 MKW2543 TK73229 P34BF
Product Description
Full Text Search
 

To Download SRC1202K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SRC1202K
NPN Silicon Transistor
Descriptions
* Switching application * Interface circuit and driver circuit application
Features
* * * * With built-in bias resistors Simplify circuit design Reduce a quantity of parts and manufacturing process High packing density
Ordering Information
Type NO. SRC1202K Marking R2 Package Code SOT-623F
Outline Dimensions
1.10~1.30 0.70~0.90
unit :
* Equivalent Circuit
OUT
mm
1
1.30~1.50 0.90 Typ.
3 2
0.25 Max.
IN
R1
R2
COMMON 0.55~0.65
R1 10K 0.10 Max. 0.16 Max.
R2 10K
PIN Connections 1. IN 2. COMMON 3. OUT
KSR-4064-001
1
SRC1202K
Absolute Maximum Ratings
Characteristic
Output voltage Input voltage Output current Power dissipation Junction temperature Storage temperature range
(Ta=25C)
Symbol
VO VI IO PD TJ Tstg
Rating
50 30,-10 100 100 150 -55 ~ 150
Unit
V V mA mW C C
Electrical Characteristics
Characteristic
Output cut-off current DC current gain Output voltage Input voltage (ON) Input voltage (OFF) Transition frequency Input current Input resistor (Input to base) Input resistor (Base to common)
(Ta=25C)
Symbol
IO(OFF) GI VO(ON) VI(ON) VI(OFF) fT
*
Test Condition
VO=50V, VI=0 VO=5V, IO=10mA IO=10mA, II=0.5mA VO=0.2V, IO=5mA VO=5V, IO=0.1mA VO=10V, IO=5mA, f=1MHz VI=5V, IO=0 -
Min. Typ. Max.
50 1.0 7 7 80 0.1 1.8 1.2 200 10 10 500 0.3 2.4 0.88 13 13
Unit
nA V V V MHz mA K K
II R1 R2
* : Characteristic of transistor only
KSR-4064-001
2
SRC1202K
Electrical Characteristic Curves
Fig. 1 IO - VI(ON) Fig. 2 IO - VI(OFF)
Fig. 3 GI - IO
The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice. KSR-4064-001 3


▲Up To Search▲   

 
Price & Availability of SRC1202K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X