Part Number Hot Search : 
MJE13001 HDM16216 M339DG LS240D8R LS240D8R 242005B SA8027 REF03GSZ
Product Description
Full Text Search
 

To Download SMCJ50CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMCJ5.0(C)A - SMCJ170(C)A
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR Features
* * * * * * *
1500W Peak Pulse Power Dissipation 5.0V - 170V Standoff Voltages Glass Passivated Die Construction Uni- and Bi-Directional Versions Available Excellent Clamping Capability Fast Response Time Lead Free Finish/RoHS Compliant (Note 4)
B
SMC Dim A B C D E G H J Min 5.59 6.60 2.75 0.15 7.75 0.10 0.76 2.00 Max 6.22 7.11 3.18 0.31 8.13 0.20 1.52 2.62
A
C
Mechanical Data
* * * * * * *
Case: SMC Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Terminals: Lead Free Plating (Matte Tin Finish). Solderable per MIL-STD-202, Method 208 Polarity Indicator: Cathode Band (Note: Bi-directional devices have no polarity indicator.) Marking: Date Code and Marking Code See Page 3 Ordering Info: See Page 3 Weight: 0.21 grams (approximate)
D
J
H
G E
All Dimensions in mm
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Peak Pulse Power Dissipation (Non repetitive current pulse derated above TA = 25C) (Note 1) Peak Forward Surge Current, 8.3ms Single Half Sine Wave Superimposed on Rated Load (JEDEC Method) (Notes 1, 2, & 3) Steady State Power Dissipation @ TL = 75C Instantaneous Forward Voltage @ IPP = 100A (Notes 1 & 3) Operating Temperature Range Storage Temperature Range
Notes: 1. 2. 3. 4. 5.
Symbol PPK IFSM PM(AV) VF Tj TSTG
Value 1500 200 5.0 See Note 5 -55 to +150 -55 to +175
Unit W A W V C C
Valid provided that terminals are kept at ambient temperature. Measured with 8.3ms single half sine-wave. Duty cycle = 4 pulses per minute maximum. Unidirectional units only. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7. VF = 3.5V for SMCJ5.0A through SMCJ90A, and VF = 5.0V for SMCJ100A through SMCJ170A.
DS19003 Rev. 15 - 2
1 of 4 www.diodes.com
SMCJ5.0(C)A - SMCJ170(C)A
a Diodes Incorporated
Part Number Add C For Bi-Directional (Note 6) SMCJ5.0(C)A SMCJ6.0(C)A SMCJ6.5(C)A SMCJ7.0(C)A SMCJ7.5(C)A SMCJ8.0(C)A SMCJ8.5(C)A SMCJ9.0(C)A SMCJ10(C)A SMCJ11(C)A SMCJ12(C)A SMCJ13(C)A SMCJ14(C)A SMCJ15(C)A SMCJ16(C)A SMCJ17(C)A SMCJ18(C)A SMCJ20(C)A SMCJ22(C)A SMCJ24(C)A SMCJ26(C)A SMCJ28(C)A SMCJ30(C)A SMCJ33(C)A SMCJ36(C)A SMCJ40(C)A SMCJ43(C)A SMCJ45(C)A SMCJ48(C)A SMCJ51(C)A SMCJ54(C)A SMCJ58(C)A SMCJ60(C)A SMCJ64(C)A SMCJ70(C)A SMCJ75(C)A SMCJ78(C)A SMCJ85(C)A SMCJ90(C)A SMCJ100(C)A SMCJ110(C)A SMCJ120(C)A SMCJ130(C)A SMCJ150(C)A SMCJ160(C)A SMCJ170(C)A
Notes:
Reverse Standoff Voltage VRWM (V) 5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 33.0 36.0 40.0 43.0 45.0 48.0 51.0 54.0 58.0 60.0 64.0 70.0 75.0 78.0 85.0 90.0 100.0 110.0 120.0 130.0 150.0 160.0 170.0
Breakdown Voltage VBR @ IT (Note 7) Min (V) 6.40 6.67 7.22 7.78 8.33 8.89 9.44 10.00 11.10 12.20 13.30 14.40 15.60 16.70 17.80 18.90 20.00 22.20 24.40 26.70 28.90 31.10 33.30 36.70 40.00 44.40 47.80 50.00 53.30 56.70 60.00 64.40 66.70 71.10 77.80 83.30 86.70 94.40 100.00 111.00 122.00 133.00 144.00 167.00 178.00 189.00 Max (V) 7.07 7.37 7.98 8.60 9.21 9.83 10.4 11.1 12.3 13.5 14.7 15.9 17.2 18.5 19.7 20.9 22.1 24.5 27.0 29.5 31.9 34.4 36.8 40.6 44.2 49.1 52.8 55.3 58.9 62.7 66.3 71.2 73.7 78.6 86.0 92.1 95.8 104 111 123 135 147 159 185 197 209
Test Current IT(mA) 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Max. Reverse Leakage @ VRWM (Note 8) IR (mA) 1000 1000 500 200 100 50 20 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Max. Clamping Voltage @ Ipp VC (V) 9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103.0 113.0 121.0 126.0 137.0 146.0 162.0 177.0 193.0 209.0 243. 0 259. 0 275.0
Max. Peak Pulse Current Ipp (A) 163.0 145.6 133.9 125.0 116.3 110.3 104.2 97.4 88.2 82.4 75.3 69.7 64.7 61.5 57.7 53.3 51.4 46.3 42.2 38.6 35.6 33.0 31.0 28.1 25.8 23.2 21.6 20.6 19.4 18.2 17.2 16.0 15.5 14.6 13.3 12.4 11.4 10.4 10.3 9.3 8.4 7.9 7.2 6.2 5.8 5.5
Marking Code BIBDE BDG BDK BDM BDP BDR BDT BDV BDX BDZ BEE BEG BEK BEM BEP BER BET BEV BEX BEZ BFE BFG BFK BFM BFP BFR BFT BFV BFX BFZ BGE BGG BGK BGM BGP BGR BGT BGV BGX BGZ BHE BHG BHK BHM BHP BHR UNIGDE GDG GDK GDM GDP GDR GDT GDV GDX GDZ GEE GEG GEK GEM GEP GER GET GEV GEX GEZ GFE GFG GFK GFM GFP GFR GFT GFV GFX GFZ GGE GGG GGK GGM GGP GGR GGT GGV GGX GGZ GHE GHG GHK GHM GHP GHR
6. Suffix C denotes Bi-directional device. 7. VBR measured with IT current pulse = 300ms. 8. For Bi-Directional devices having VRWM of 10V and under, the I R is doubled.
DS19003 Rev. 15 - 2
2 of 4 www.diodes.com
SMCJ5.0(C)A - SMCJ170(C)A
100
10,000
Measured at zero bias
PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT
CT, CAPACITANCE (pF)
75
Uni-directional
1000
50
Bi-directional
100
25
10 X 1000 Waveform as defined by REA
Tj = 25 C f = 1.0 MHz Vsig = 50 mV p-p
0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE ( C) Fig. 1 Pulse Derating Curve
100
10 1 10 100 1000 VRWM, REVERSE STANDOFF VOLTAGE (V) Fig. 2 Typical Total Capacitance
Pd, PEAK PULSE POWER (kW)
IP, PEAK PULSE CURRENT (%Ipp)
Tj = 25 C
Non Repetitive Pulse Waveform Shown in Fig. 4
100
Peak Value Ipp
10
Half Value Ipp/2
50
1.0
tp
0.1 0.1 1.0 10 100 1000 10000
0
10 X 1000 Waveform as defined by R.E.A.
0
1
2
3
t, TIME (ms) Fig. 4 Pulse Waveform
PM(AV), STEADY STATE POWER DISSIPATION (W)
5.0
PEAK FORWARD SURGE CURRENT, (A)
200
Pulse Width 8.3ms Single Half-Sine-Wave (JEDEC METHOD)
4.0
100
3.0
2.0
1.0
60Hz Resistive or Inductive Load
10 1 2 5 10 20 50 100
0.0 0 25 50 75 100 125 150 175 200 TL, LEAD TEMPERATURE ( C) Fig. 6 Steady State Power Derating Curve
NUMBER OF CYCLES AT 60Hz Fig. 5, Maximum Non-Repetitive Surge Current
DS19003 Rev. 15 - 2
3 of 4 www.diodes.com
SMCJ5.0(C)A - SMCJ170(C)A
Ordering Information
Device
(Note 9) Packaging SMC Shipping 5000/Tape & Reel
SMCJXXX(C)A-13-F
Notes:
9. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
*x = Device Voltage, e.g., SMCJ170A-13-F.
Marking Information
YWW XXX
XXX = Product type marking code (See Page 2) = Manufacturers' code marking YWW = Date code marking Y = Last digit of year ex: 2 for 2002 WW = Week code 01 to 52
IMPORTANT NOTICE Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhancements, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT The products located on our website at www.diodes.com are not recommended for use in life support systems where a failure or malfunction of the component may directly threaten life or cause injury without the express written approval of Diodes Incorporated.
DS19003 Rev. 15 - 2
4 of 4 www.diodes.com
SMCJ5.0(C)A - SMCJ170(C)A


▲Up To Search▲   

 
Price & Availability of SMCJ50CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X