Part Number Hot Search : 
TB100 74HC4538 332M0 PIC16 MD2218AF C1094 P89021 CF200
Product Description
Full Text Search
 

To Download SDU40N03L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S DU/D40N03L
S amHop Microelectronics C orp. May,2004 ver1.1
N-C hannel Logic Level E nhancement Mode Field E ffect Transistor
P R ODUC T S UMMAR Y
V DS S
30V
F E AT UR E S
Max
ID
42A
R DS (ON) ( m W )
S uper high dense cell design for low R DS (ON).
10 @ V G S = 10V 16 @ V G S = 4.5V
R ugged and reliable. TO-252 and TO-251 P ackage.
D
D G S
G D
S
G
S DU S E R IE S TO-252AA(D-P AK)
S DD S E R IE S TO-251(l-P AK)
S
ABS OLUTE MAXIMUM R ATINGS (TC=25 C unless otherwise noted)
P arameter Drain-S ource Voltage Gate-S ource Voltage Drain C urrent-C ontinuous -P ulsed
a
S ymbol VDS VGS @ TJ=125 C ID IDM IS PD TJ, TS TG
Limit 30 20 42 105 40 50 -55 to 175
Unit V V A A A W C
Drain-S ource Diode Forward C urrent Maximum P ower Dissipation @ Tc=25 C Operating and S torage Temperature R ange
THE R MAL C HAR AC TE R IS TIC S
Thermal R esistance, Junction-to-C ase Thermal R esistance, Junction-to-Ambient
1
R JC R JA
3 50
C /W C /W
S DU/D40N03L
E LE CTR ICAL CHAR ACTE R IS TICS (TC=25 C unless otherwise noted)
Parameter OFF CHAR ACTE R IS TICS
Drain-S ource Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage BVDSS IDSS IGSS VGS(th) R DS (ON) ID(ON) gFS CISS COSS CRSS
b
S ymbol
Condition
VGS = 0V, ID = 250uA VDS = 24V, VGS = 0V VGS = 20V, VDS = 0V VDS = VGS, ID = 250uA VGS = 10V, ID =20A VGS = 4.5V, ID = 10A VDS = 10V, VGS = 10V VDS = 10V, ID = 20A
Min Typ Max Unit
30 10 V uA 100 nA 1 1.5 9 13 40 30 1375 670 200 3 10 16 V
m ohm m ohm
ON CHAR ACTE R IS TICS a
Gate Threshold Voltage Drain-S ource On-S tate R esistance On-S tate Drain Current Forward Transconductance
A S
PF PF PF
DYNAMIC CHAR ACTE R IS TICS b
Input Capacitance Output Capacitance R everse Transfer Capacitance VDD =15V, VGS = 0V f = 1.0MHZ
S WITCHING CHAR ACTE R IS TICS
Turn-On Delay Time R ise Time Turn-Off Delay Time Fall time Total Gate Charge Gate-S ource Charge Gate-Drain Charge
tD(ON) tr tD(OFF) tf Qg Qgs Qgd
2
VDD = 15V ID =1A VGS = 10V R GE N = 6 ohm VDS = 10V,ID = 40A,VGS =10V VDS = 10V,ID = 40A,VGS =4.5V VDS = 10V, ID = 40A VGS =10V
30 32 132 30 40 19.5 8.2 5.3
ns ns ns ns nC nC nC nC
S DU/D40N03L
E LE CTR ICAL CHAR ACTE R IS TICS (TC=25 C unless otherwise noted)
Parameter
Diode Forward Voltage
S ymbol
VSD
Condition
VGS = 0V, Is = 25A
Min Typ Max Unit
1.3 V
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS a
Notes a.Pulse Test:Pulse Width 300us, Duty Cycle 2%. b.Guaranteed by design, not subject to production testing.
40 35 V G S =10,9,8,7,6,5V 30 40 25 C
6
ID, Drain C urrent (A)
25 20 15 10 5 0 0 0.5 1 1.5 2
V G S =4V
ID, Drain C urrent (A)
30
T j=125 C
20
10 -55 C 0 0 1 2 3 4 5 6
2.5
3
V DS , Drain-to-S ource Voltage (V )
V G S , G ate-to-S ource Voltage (V )
F igure 1. Output C haracteris tics
3600 1.3
F igure 2. Trans fer C haracteris tics
R DS (ON), Normalized Drain-S ource, On-R es is tance
V G S =10V 1.2 1.1 1.0 0.9 0.8 0.7 T j=125 C 25 C -55 C
3000
C , C apacitance (pF )
2400 1800 C is s 1200 600 0 0 5 10 15 20 25 30 C os s C rs s
0
10
20
30
40
V DS , Drain-to S ource Voltage (V )
ID, Drain C urrent(A)
F igure 3. C apacitance
F igure 4. On-R es is tance Variation with Drain C urrent and Temperature
3
S DU/D40N03L
B V DS S , Normalized Drain-S ource B reakdown V oltage V th, Normalized G ate-S ource T hres hold V oltage
1.15 1.10 1.05 1.00 0.95 0.90 0.85 0.80 -50 -25 0 25 50 75 100 125 150 V DS =V G S ID=250uA 1.15 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125 150 ID=250uA
6
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
F igure 5. G ate T hres hold V ariation with T emperature
60 V DS =10V
F igure 6. B reakdown V oltage V ariation with T emperature
40
gFS , T rans conductance (S )
Is , S ource-drain current (A)
50 40 30 20 10 0 0 5 10 15 20
10
1.0
0.1 0.4 0.6 0.8 1.0 1.2 1.4
IDS , Drain-S ource C urrent (A)
V S D, B ody Diode F orward V oltage (V )
F igure 7. T rans conductance V ariation with Drain C urrent
10
ID, Drain C urrent (A)
F igure 8. B ody Diode F orward V oltage V ariation with S ource C urrent
150 100 10
R
D
V G S , G ate to S ource V oltage (V )
8 6 4 2 0 0
VDS =10V ID=40A
ON S(
)L
im
it
10 10 ms
1m
s
1
1s
DC
0m
s
5
10
15
20
25
30
35
40
0.1 0.1
V G S =10V S ingle P ulse T c=25 C
1
10
30
60
Qg, T otal G ate C harge (nC )
V DS , Drain-S ource V oltage (V )
F igure 9. G ate C harge 4
F igure 10. Maximum S afe O perating Area
S DU/D40N03L
V DD ton V IN D VG S R GE N G
90%
toff tr
90%
RL V OUT
td(on) V OUT
td(off)
90% 10%
tf
10%
INVE R TE D
6
S
V IN
50% 10%
50%
P ULS E WIDTH
F igure 11. S witching T es t C ircuit
F igure 12. S witching Waveforms
2
r(t),Normalized E ffective T ransient T hermal Impedance
1 D=0.5
0.2 0.1 0.1 0.05 0.02 0.01 S ING LE P ULS E 0.01 10
-5 -4 -3 -2 -1
P DM t1 1. 2. 3. 4. 10 10 10 t2
R cJ A (t)=r (t) * R cJ A R cJ A=S ee Datas heet T J M-T A = P DM* R cJ A (t) Duty C ycle, D=t1/t2 1 10
10
S quare Wave P uls e Duration (s ec)
F igure 13. Normalized T hermal T rans ient Impedance C urve
5
S DU/D40N03L
6
S DU/D40N03L
5 95 7 84 9 6.00
35 05 85 0.94 4 3 0
9 7 30 3 9 36
3 41 3 3 5 1
4
L2
2.29 9.70 1.425 0.650 0.600
BSC 1 1.625 0.850 REF.
0.090 82 56 6 0.024
BSC 398 0.064 33 REF.
7
S DU/D40N03L
TO-251 Tube
TO251 Tube/TO-252 Tape and Reel Data
" A"
TO-252 Carrier Tape
UNIT:P PACKAGE TO-252 (16 P) A0 6.80 O0.1 B0 10.3 O0.1 K0 2.50 O0.1 D0 r2 D1
r1.5 + 0.1 -0
E 16.0 0.3O
E1 1.75 0.1O
E2 7.5 O0.15
P0 8.0 O0.1
P1 4.0 O0.1
P2 2.0 O0.15
T 0.3 O0.05
TO-252 Reel
S
UNIT:P TAPE SIZE 16 P REEL SIZE r 330 M r330 O 0.5 N r97 O 1.0 W
17.0 + 1.5 -0
T 2.2
H
r13.0 + 0.5 - 0.2
K 10.6
S 2.0 O0.5
G
R
V
8


▲Up To Search▲   

 
Price & Availability of SDU40N03L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X