Part Number Hot Search : 
ZPY18 SKIIP3 GDZ30 2SK1726 MCF52259 GRM21BC 20206 HMC33306
Product Description
Full Text Search
 

To Download SDB55N03L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S DP /B 55N03L
S amHop Microelectronics C orp. S eptember , 2002
N-Channel Logic Level E nhancement Mode Field E ffect Transistor
4
P R ODUC T S UMMAR Y
V DS S
30V
F E AT UR E S
( m W ) TYP
ID
55A
R DS (on)
S uper high dense cell design for extremely low R DS (ON). High power and current handling capability. TO-220 & TO-263 package.
12.5 @ V G S = 10V 20 @ V G S = 4.5V
D
D
G D S
G
S
G
S DP S E R IE S TO-220
S DB S E R IE S TO-263(DD-P AK)
S
ABS OLUTE MAXIMUM R ATINGS (TC =25 C unless otherwise noted)
P arameter Drain-S ource Voltage Gate-S ource Voltage Drain C urrent-C ontinuous -P ulsed
a
S ymbol VDS VGS @ TJ=125 C ID IDM IS PD TJ, TS TG
Limit 30 20 55 140 55 75 0.5 -65 to 175
Unit V V A A A W W/ C C
Drain-S ource Diode Forward C urrent Maximum P ower Dissipation @ Tc=25 C Derate above 25 C Operating and S torage Temperature R ange
THE R MAL C HAR AC TE R IS TIC S
Thermal R esistance, Junction-to-C ase Thermal R esistance, Junction-to-Ambient R JC R JA
1
2.5 62.5
C /W C /W
S DP /B 55N03L
E LE CTR ICAL CHAR ACTE R IS TICS (TC =25 C unless otherwise noted)
4
Parameter OFF CHAR ACTE R IS TICS
Drain-S ource Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage
S ymbol
BVDSS IDSS IGSS VGS(th) R DS (ON) ID(ON) gFS CISS COSS CRSS
b
Condition
VGS = 0V, ID = 250uA VDS = 24V, VGS =0V VGS = 16V, VDS = 0V VDS = VGS, ID = 250uA VGS = 10V, ID = 27A VGS = 4.5V, ID = 22A VGS = 10V, VDS = 10V VDS = 10V, ID = 27A
Min Typ Max Unit
30 10
100
V uA nA V
m ohm m ohm
ON CHAR ACTE R IS TICS a
Gate Threshold Voltage Drain-S ource On-S tate R esistance On-S tate Drain Current Forward Transconductance 1 1.5 12.5 20 60 32 930 340 120 VDD = 15V, ID = 1A, VGS = 10V, R GE N =60 ohm VDS=15V, ID=27.5A,VGS=10V VDS=15V, ID=27.5A,VGS=4.5V VDS =15V, ID = 27.5A, VGS =10V
2
3 14 23
A S
PF PF PF
DYNAMIC CHAR ACTE R IS TICS b
Input Capacitance Output Capacitance R everse Transfer Capacitance VDS =15V, VGS = 0V f =1.0MHZ
S WITCHING CHAR ACTE R IS TICS
Turn-On Delay Time R ise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-S ource Charge Gate-Drain Charge
tD(ON) tr tD(OFF) tf Qg Qgs Qgd
17 23 37 20 26.1 5.4 4.6
16 250 90 200 35
ns ns ns ns nC nC nC nC
13.7 16.5
S DP /B 55N03L
E LE CTR ICAL CHAR ACTE R IS TICS (TC=25 C unless otherwise noted)
Parameter
Diode Forward Voltage
S ymbol
VSD
Condition
VGS = 0V, Is =26A
Min Typ Max Unit
0.9 1.3 V
4
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS a
Notes a.Pulse Test:Pulse Width 300us, Duty Cycle 2%. b.Guaranteed by design, not subject to production testing.
50 25 -55 C
V G S =10,9,8,7,6,5,4V
ID, Drain C urrent(A)
40
ID, Drain C urrent (A)
T J =125 C
20
30
15 10 25 C 5 0
20 V G S =3V
10 0 0 0.5 1.0 1.5 2.0
2.5
3.0
1
2
3
4
5
6
V DS , Drain-to-S ource Voltage (V )
V G S , G ate-to-S ource Voltage (V )
F igure 1. Output C haracteris tics
2400 2.2
F igure 2. Trans fer C haracteris tics
V G S =10V ID=27A
R DS (ON), Normalized Drain-S ource On-R es is tance
C , C apacitance (pF )
2000 1600 1200 C is s 800 400 0 0 5 10 15 20 C os s C rs s 25 30
1.8 1.4 1.0 0.6 0.2 0
-50
-25
0
25
50
75
100 125 T j( C )
V DS , Drain-to S ource Voltage (V )
F igure 3. C apacitance
F igure 4. On-R es is tance Variation with Temperature
3
S DP /B 55N03L
1.2 1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75 100 125 V DS =V G S ID=250uA
B V DS S , Normalized Drain-S ource B reakdown V oltage
V th, Normalized G ate-S ource T hres hold V oltage
1.3
1.15 ID=250uA 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
F igure 5. G ate T hres hold V ariation with T emperature
50
F igure 6. B reakdown V oltage V ariation with T emperature
50
gFS , T rans conductance (S )
Is , S ource-drain current (A)
40 30 20 10 V DS =10V 0 0 10 20 30 40
10
1
0.1 0.4 0.6 0.8 1.0 1.2 1.4
IDS , Drain-S ource C urrent (A)
V S D, B ody Diode F orward V oltage (V )
F igure 7. T rans conductance V ariation with Drain C urrent
10
V G S , G ate to S ource V oltage (V )
F igure 8. B ody Diode F orward V oltage V ariation with S ource C urrent
300 200
8 6 4 2 0 0
ID, Drain C urrent (A)
VDS =15V ID=27.5A
100
R ( DS ) ON
L im
it
10 ms 10 0m DC s
10
1m
0
gs
s
10
1 0.5 0.1
V G S =10V S ingle P ulse T c=25 C 1 10 30 60
4
8
12
16
20
24
28 32
Qg, T otal G ate C harge (nC )
V DS , Drain-S ource V oltage (V )
F igure 9. G ate C harge 4
F igure 10. Maximum S afe O perating Area
S DP /B 55N03L
V DD ton V IN D VG S R GE N G
90%
toff tr
90%
RL V OUT
td(on) V OUT
td(off)
90% 10%
tf
10%
INVE R TE D
S
V IN
50% 10%
50%
P ULS E WIDTH
F igure 11. S witching T es t C ircuit
F igure 12. S witching Waveforms
2
r(t),Normalized E ffective T ransient T hermal Impedance
1 D=0.5
0.2 0.1 0.1 0.05 0.02 0.01 S ingle P uls e 0.01 0.01 1. 2. 3. 4. 1 10 100 P DM t1 t2
R cJ C (t)=r (t) * R cJ C R cJ C =S ee Datas heet T J M-T C = P * R cJ C (t) Duty C ycle, D=t1/t2 1000 10000
0.1
S quare Wave P uls e Duration (ms ec)
F igure 13. Normalized T hermal T rans ient Impedance C urve
5


▲Up To Search▲   

 
Price & Availability of SDB55N03L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X