Part Number Hot Search : 
41727 1905X002 PE97632 SC900A EVKIT SY89473 20H32 MN14821
Product Description
Full Text Search
 

To Download SCTABCDH101K10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT TANTALUM
SCT (Surface Mount) SERIES
SURFACE MOUNT TANTALUM
The SCT series is a molded solid tantalum chip capacitor designed to meet specifications worldwide. The SCT series includes EIA standard case sizes and ratings. These capacitors incorporate state-of-the-art construction allowing the use of modern high temperature soldering techniques.
CAPACITANCE RANGE:
(Letter denotes case size)
Rated Voltage (WV) Surge Voltage (V) Cap (f) 0.10 0.47 1.0 1.5 2.2 3.3 4.7 6.8 10.0 15.0 22.0 33.0 47.0 68.0 100.0 150.0 C C D D D H H D B B, C C C A A, B A A A A B B C B, C C D D D H H D C D D D H H C D D D B B C D A B C 6.3 8 10 13 16 20 20 26 25 32 35 46 A 50 65
FEATURES:
D Precision molded case with flat surface for vacuum pick-up D Laser marking and bold videcon - readable polarity stripe D Glue pad on underside for bonding to circuit board prior to soldering D Encapsulate material satisfies the UL 94 VO flammability classification
RATINGS
Capacitance Range: 0.1f to 150f Tolerance: 10% Voltage Range: 6.3V to 50V
PERFORMANCE SPECIFICATIONS
Operating Temperature Range: -55C to +85C (-67F to +185F) Capacitance Tolerance (K): 10%
MECHANICAL SPECIFICATIONS
Lead Solderability: Meets the requirements of MIL-STD 202, Method 208 Marking: Consists of capacitance, DC voltage, and polarity. Resistance to Board Cleaning: The use of high acidity fluxes must be avoided. The encapsulation and termination materials are resistant to immersion in boiling solvents such as: Freon TMS and TMC, Trichloroethane, Methylene Chloride, Isopropyl alcohol (IPA), etc., up to +50C. If ultrasonic cleaning is to be applied in the final wash stages the application time should be less than 5 minutes with a maximum power density of 9mW/cc to avoid damage to terminations.
SCT Series Dimensions: in (mm)
Case Size A B C D H L 0.2 (0.008) .126 (3.2) .138 (3.5) .236 (6.0) .287 (7.3) .287 (7.3) W1 0.2 (0.008) .063 (1.6) .110 (2.8) .126 (3.2) .169 (4.3) .169 (4.3) W2 0.1 (0.004) .047 (1.2) .087 (2.2) .087 (2.2) .094 (2.4) .094 (2.4) H 0.2 (0.008) .063 (1.6) .075 (1.9) .102 (2.6) .114 (2.9) .162 (4.1) tw 0.3 (0.012) .031 (0.8) .031 (0.8) .051 (1.3) .051 (1.3) .051 (1.3)
H tw tw L W1
ORDERING INFORMATION
SCT Series Case Capacitance Multiplier Tolerance Voltage A 10 4 K 35
W2
W2
NTE Electronics, Inc. D Voice (800) 631-1250 (973) 748-5089 D FAX (973) 748-6224 D http://www.nteinc.com
17


▲Up To Search▲   

 
Price & Availability of SCTABCDH101K10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X