Part Number Hot Search : 
MPC83 STF20120 GP2S01 GS138K PNA4611 623U1 M1Z10 P2103NV
Product Description
Full Text Search
 

To Download S116S01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S112S01 Series/S116S01 Series
S112S01 Series S116S01 Series
s Features
1. Compact, high radiation resin mold package 2. RMS ON-state current S112S01 Series: 12Arms at TC <= 70C ( With heat sink ) S116S01 Series: 16Arms at TC <= 60C ( With heat sink ) 3. Built-in zero-cross circuit ( S112S02 / S212S02 / S116S02 / S216S02 ) 4. High repetitive peak OFF-state voltage S112S01 / S112S02 / S116S01 / S116S02 VDRM : 400V S212S01 / S212S02 / S216S01 / S216S02 VDRM : 600V 5. Isolation voltage between input and output (Viso : 4 000Vrms ) 6. Recognized by UL, file No. E94758 S112S01 / S112S02 S116S01 / S116S02 7. Approved by CSA, No. 63705 S112S01 / S112S02 S116S01 / S116S02
SIP Type SSR for Medium Power Control
s Outline Dimensions
( Unit : mm )
* The metal parts marked* are common to terminal 1 . g Do not allow external connection. ( ) : Typical dimensions 18.5 0.2
A (Model No.) S112S01 S112S02 S116S01 S116S02 S212S01 S212S02 S216S01 S216S02 B 12A125VAC 16A125VAC 12A250VAC 16A250VAC
16.4 0.3 3.2 0.2 * 3.2 0.2 5.5 0.2 5.0 0.3 A B +11.2MIN. 0.6 0.1 4.2MAX. 1 2 3 4 19.6 0.2 (36.0)
4 - 1.1 0.2 4 - 1.25 0.3 4 - 0.8 0.2
g 0.2 MAX.
(5.08) (7.62) Internal connection diagram S112S01/S116S01 S212S01/S216S01
(2.54)
(1.4)
S112S02/S116S02 S212S02/S216S02
Zero-cross circuit 1 1 2 3 4 2 34 1 2 3 4 12 34
s Applications
1. Copiers, laser beam printers 2. Automatic vending machines 3. FA equipment
Output ( Triac T2 ) Output ( Triac T1 ) Input ( + ) Input ( - )
Output ( Triac T2 ) Output ( Triac T1 ) Input ( + ) Input ( - )
s Model line-ups
For 100V lines S112S01 S116S01 S112S02 S116S02 For 200V lines S212S01 S216S01 S212S02 S216S02
For phase control No built-in zero-cross circuit Built-in zero-cross circuit
" In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device."
S112S01 Series/S116S01 Series s Absolute Maximum Ratings
Input Parameter Forward current Reverse voltage RMS ON-state current
*1
( Ta = 25C )
Symbol IF VR Rating 50 6 *4 12 *5 16 120 160 400 600 400 600 50 45 to 65 4 000 - 25 to + 100 - 30 to + 125 260 Unit mA V A rms A rms A A V V V V A/ s Hz V rms C C C
Peak one cycle surge current Repetitive peak OFF-state voltage Non-repetitive peak OFF-state voltage
S112S01 Series S116S01 Series S112S01 Series S116S01 Series
S112S01 S116S01 S212S01 S216S01 S112S01 S116S01 S212S01 S216S01 / S112S02 / S116S02 / S212S02 / S216S02 / S112S02 / S116S02 / S212S02 / S216S02
IT I surge VDRM VDSM dI/dt f Viso Topr Tstg Tsol
Output
Critical rate of rise of ON-state current Operating frequency *2 Isolation voltage Operating temperature Storage temperature *3 Soldering temperature
*1 AC 60Hz sine wave, Tj = 25C start *2 AC 60Hz for 1 minute, 40 to 60 % RH. Apply voltages between input and output by the dielectric withstand voltage tester with zero-cross circuit. ( Input and output shall be shorted respectively ) . ( Note ) When the isolation voltage is necessary at using external heat sink, please use the insulation sheet. *3 For 10 seconds *4 TC<=70C *5 TC<=60C
s Electrical Characteristics
Input Parameter Forward voltage Reverse current Repetitive peak OFF-state current S112S01 Series ON-state voltage S116S01 Series Holding current Critical rate of rise of OFF-state voltage Critical rate of rise of commutating OFF-state voltage S112S02 / S212S02 Zero-cross voltage S116S02 / S216S02 S112S01 / S212S01 Minimum trigger S116S01 / S216S01 S112S02 / S212S02 current S116S02 / S216S02 Isolation resistance Turn-on time
S112S01 S116S01 S112S02 S116S02 / S212S01 / S216S01 / S212S02 / S216S02
( Ta = 25C )
Symbol VF IR I DRM VT IH dV/dt ( dV/dt ) C V OX I FT R ISO t on t off R th(j - c) R th(j - a) Conditions IF = 20mA VR = 3V VD = VDRM
Resistance load I F = 20mA, IT = 12Arms Resistance load I F = 20mA, IT = 16Arms
Output
VD = 2/3 * V
DRM
MIN. 30 5 1010 -
TYP. 1.2 3.8 3.3 40
MAX. 1.4 10- 4 10- 4 1.5 1.5 50 35 8 8 1 10 10 -
Unit V A A V rms V rms mA V/ s V/ s V mA mA ms ms ms C/W C/W C/W
T j = 125C, VD = 400V, *6 IF = 8mA VD = 12V, R L= 30 VD = 6V, R L= 30 DC500V, RH = 40 to 60 % AC 50Hz AC 50Hz -
Transfer characteristics
Turn-off time Thermal resistance ( Between junction and case )
S112S01 series S116S01 series Thermal resistance ( Between junction and ambience )
*6 S112S01 Series: dI T /dt = - 6A/ms S116S01 Series: dI T /dt = - 8A/ms
S112S01 Series/S116S01 Series
Fig. 1 RMS ON-state Current vs. Ambient ( S112S01Series) Temperature
12 10 8 6 4 (5) 2 0 - 25 (4) (3) (2) (1)
Fig. 2 RMS ON-state Current vs. Ambient ( S116S01Series) Temperature
18 RMS On-state current I T ( Arms ) 16 14 12 10 8 6 4 2 (5) (4) (3) (2) (1)
RMS ON-state current I T ( Arms )
0
25 50 75 100 Ambient temperature T a ( C )
125
0 - 25
0
25 50 75 100 Ambient temperature T a ( C )
125
( 1) ( 2) ( 3) ( 4) ( 5)
With infinite heat sink With heat sink ( 280 x 280 x 2 mm Al plate ) With heat sink ( 200 x 200 x 2 mm Al plate ) With heat sink ( 100 x 100 x 2 mm Al plate ) Without heat sink
( 1) ( 2) ( 3) ( 4) ( 5)
With infinite heat sink With heat sink ( 280 x 280 x 2 mm Al plate ) With heat sink ( 200 x 200 x 2 mm Al plate ) With heat sink ( 100 x 100 x 2 mm Al plate ) Without heat sink
( Note ) With the Al heat sink set up vertically,tighten the device at the center of the Al heat sink with a torque of 0.4N * m and apply thermal conductive silicone grease on the heat sink mounting plate. Forcible cooling shall not be carried out.
Fig. 3 RMS ON-state Current vs. Case Temperature
16 S116S01Series 14 RMS On-state current IT ( Arms )
Fig. 4 Forward Current vs. Ambient Temperature
60
50 S112S01Series Forward current I F ( mA )
12 10 8 6 4 2 0 - 25
40
30
20
10
0
25 50 75 100 Case temperature T c ( C )
125
0 - 25
0
25 50 75 100 Ambient temperature T a ( C )
125
S112S01 Series/S116S01 Series
Fig. 5 Forward Current vs. Forward Voltage Fig. 6 Surge Current vs. Power-on Cycle
200 100 50 Forward current IF ( mA ) T a = 100C Surge current I surge ( A) 75C 20 10 - 25C 5 50C 25C 0C 180 160 140 120 100 80 60 40 2 1 20 0 1.0 Forward voltage V F ( V ) 2.0 0 1 2 5 20 10 Power-on cycle ( Times ) 50 100 S112S01Series S116S01Series f= 60H z T j = 25C Start
Fig. 7 Maximum ON-state Power Dissipation vs. RMS ON-state Current (S112S01Series )
20 18 16 14 12 10 8 6 4 2 0 0 2 4 6 8 10 12 14 RMS ON-state current I T ( Arms ) 16 T a = 25C Maximum ON-state power dissipation ( W )
Fig. 8 Maximum ON-state Power Dissipation vs. RMS ON-state Current ( S116S01Series )
20 18 16 14 12 10 8 6 4 2 0 0 2 4 6 8 10 12 14 RMS ON-state current I T ( Arms ) 16 T a = 25C Maximum ON-state power dissipation( W )
Fig. 9 Minimum Trigger Current vs. Ambient Temperature
10 VD = 12V S112S01, S212S01 S116S01,S216S01 Minimum trigger current I FT ( mA ) 8 VD
Fig.10 Repetitive Peak OFF-state Current vs. Ambient Temperature ( S112S01/ S112S02/S116S01/ S116S02)
10 - 4 V D = 400V 10 - 5 Repetitive peak OFF-state current I DRM ( A)
( ) = 6V S112S02,S212S02 (S116S02,S216S02 )
RL = 30 6 S112S01/S212S01 4 S116S01/S216S01
10 - 6
S112S02 S116S02 S112S01 S116S01
S112S02/S212S02 S116S02/S216S02
10 - 7
2
10 - 8
0 - 25
0 25 50 75 Ambient temperature T a ( C )
100
10 - 9 - 25
0 25 50 75 Ambient temperature T a ( C )
100
S112S01 Sreies/S116S01 Series
Fig.11 Repetitive Peak OFF-state Current vs. Ambient Temperature ( S212S01/ S212S02/ S216S01/S216S02 )
10
-4
V D = 600V 10 Repetitive peak OFF-state current I DRM ( A)
-5
10
-6
S212S02 S216S02 S212S01 S216S01
10
-7
10
-8
10
-9
- 25
0 25 50 75 Ambient temperature T a ( C )
100
q Please refer to the chapter " Precautions for Use."


▲Up To Search▲   

 
Price & Availability of S116S01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X