Part Number Hot Search : 
CAT3612 2SC3824A 11N80 EM800 MCP4110 LTC2206 MC130 30CSPT
Product Description
Full Text Search
 

To Download RXE005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tyco/Electronics
Raychem Circuit Protection
308 Constitution Drive Menlo Park, CA 94025-1164 800-227-4856 FAX 800-227-4866
PRODUCT: RXE005
PolySwitch(R) PTC Devices
Overcurrent Protection Device
DOCUMENT: SCD 24363 PCN: 718115 REV LETTER: F REV DATE: OCTOBER 23, 2001 PAGE NO.: 1 OF 1
Specification Status: Released
Electrical Rating
Voltage: 60V MAX Current: 40A MAX Insulating Material: Cured, Flame Retarded Epoxy Polymer meets UL94 V-0 Requirements Lead Material: 26 AWG Tin Lead Plated Nickel-Copper Alloy Marking:
TABLE I. DIMENSIONS:
A B MIN MAX MIN MAX -8.0 -8.3 -(0.315) -(0.325) *Rounded off approximation C MIN 4.3 (0.17) MAX 5.8 (0.23) MIN 7.6 (0.30) D MAX --MIN --E MAX 2.8 (0.110)
mm: in*:
TABLE II. PERFORMANCE RATINGS:
IH RATED CURRENT AMPERES 20C HOLD 0.05 TIME TO TRIP INITIAL RESISTANCE VALUES ONE-HOUR NOMINAL POST-TRIP TRIPPED-STATE RESISTANCE POWER STANDARD TRIP DISSIPATION OHMS OHMS WATTS AT AT 20C AT 20C 20C MIN MAX MAX NOMINAL 7.3 11.1 20.0 0.22
CURRENT RATINGS
AMPERES AMPERES AMPERES SECONDS AT 0C AT 20C AT 60C AT 20C, 0.5A HOLD TRIP HOLD TRIP HOLD TRIP MAX 0.06 0.12 0.05 0.10 0.03 0.07 5.0
Recognitions: Reference Documents: Precedence: Effectivity: CAUTION:
UL, CSA, TUV recognized. PS300 This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.


▲Up To Search▲   

 
Price & Availability of RXE005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X