Part Number Hot Search : 
UPD75 ZX84C5 VRE104MA BC846 DECIMATE 4G303ZU MCJ16CA C3855
Product Description
Full Text Search
 

To Download RF2492 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary 8
Typical Applications * TDMA-GSM Cellular/PCS Handsets * TDMA Cellular/PCS Handsets * GAIT Handsets
RF2492
DUAL-BAND LOW NOISE AMPLIFIER/MIXER
* CDMA Cellular/PCS Handsets * GSM DCS/PCS Handsets
Product Description
The RF2492 is a fully featured dual-band LNA/Mixer and is usable in a variety of mobile handset applications. The unique dual IF outputs provide interface to two independent IF SAW filters supporting applications such as TDMA-EDGE where 30kHz and 200kHz bandwidth SAW filters are used. With independent power management control pins for the LNAs and mixers, either IF output can be accessed from either high- or low-band LNAs, providing maximum flexibility with minimum power usage. Multiple gain control options are provided to achieve a very large dynamic range for the receiver. A frequency doubler is included in the LO circuit to generate both high- and low-band LO signals with a single VCO. The RF2492 is packaged in a 32 pin, 5mmx5mm, leadless plastic package. Optimum Technology Matching(R) Applied
Si BJT Si Bi-CMOS GaAs HBT GaAs MESFET Si CMOS
1.00 0.85 0.80 0.65 0.60 0.24 typ
5.00 sq.
0.45 0.20
4 PLCS
3
0.30 0.18
3.25 2.95 sq.
12 MAX 0.05 0.01
0.55 0.30 0.50 NOTES: 1 Shaded Pin is Lead 1.
0.23 0.13
4 PLCS
8
FRONT-ENDS
2 Pin 1 identifier must exist on top surface of package by identification mark or feature on the package body. Exact shape and size is optional. 3 Dimension applies to plated terminal: to be measured between 0.02 mm and 0.25 mm from terminal end. 4 Package Warpage: 0.05 mm max. 5 Die Thickness Allowable: 0.305 mm max.
Package Style: LCC, 32-Pin, 5x5
PCS LNA OUT
uSiGe HBT
PCS MIX IN 25 23
Features * Complete Dual-Band Receiver Front End * Low Noise Figure
4 5 PCS LNA IN 30 7 LNA GAIN SEL 12 MIX GAIN SEL 14 8
IF1+ IF1IF2IF2+
* Stepped LNA/Mixer Gain Control * Adjustable LNA Bias Current/IIP3 * Integrated LO Frequency Doubler * Differential LO Buffer Outputs
CELL LNA IN 11
IF SEL 9 LNA IP SEL 10 LNA ISET 17 BAND SEL 31 X2 ENABLE 32 15 18 1 LOGIC CONTROL X2
19 PCS LO OUT+ 20 PCS LO OUT 21 CELL LO OUT+ 22 CELL LO OUT-
Ordering Information
RF2492 RF2492 PCBA Dual-Band Low Noise Amplifier/Mixer Fully Assembled Evaluation Board
CELL LNA OUT CELL MIX IN LO IN
Functional Block Diagram
RF Micro Devices, Inc. 7625 Thorndike Road Greensboro, NC 27409, USA
Tel (336) 664 1233 Fax (336) 664 0454 http://www.rfmd.com
Rev A4 010828
8-33
RF2492
Absolute Maximum Ratings Parameter
Supply Voltage Input LO and RF Levels Operating Ambient Temperature Storage Temperature
Preliminary
Rating
-0.5 to +5.0 +6 -40 to +85 -40 to +150
Unit
VDC dBm C C
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate at the time of this printing. However, RF Micro Devices reserves the right to make changes to its products without notice. RF Micro Devices does not assume responsibility for the use of the described product(s).
Parameter
Overall
RF Frequency Range
Specification Min. Typ. Max.
881 1960 800 1700 950 2100 110 50 -13.0 -14.0 250 -12.7 -12.7
Unit
MHz MHz MHz MHz MHz MHz dBm dBm
Condition
T = 25C, VCC =2.75V Specifications Specifications Usable range Usable range Specifications Usable range T1 insertion loss not considered. T2 insertion loss not considered. Freq=869MHz to 894MHz RF=880MHz and 881MHz LNA set for max IIP3 LNA set for Nominal IIP3 LNA set for max IIP3 LNA set for Nominal IIP3 LNA set for max IIP3 LNA set for Nominal IIP3
IF Frequency Range Cell LO Buffer Output PCS LO Buffer Output
Cellular Band LNA (On)
Gain
8
FRONT-ENDS
13.5 13.5
Noise Figure Input IP3 +7.0 +1.5 -8.5 5.5 +20.0
14.5 14 2.0 1.8 +7.5 +3.0 -7.5 5.8 +21.0
15.5 15 2.2 2.0 +7.0 -6.5 6.0
dB dB dB dB dBm dBm dB dB dBm
LNA (Off)
Gain Noise Figure Input IP3
Mixer
Gain 12 3.5 6.5 13.5 +2.0 +11.5 -10 13 4.4 7.0 14.0 +4.5 +13.8 -5 14 5.0 7.5 14.5 dB dB dB dB dBm dBm dBm dBm
Noise Figure Input IP3 LO Input Level
+3
Mixer
Gain 12 3.0 6.8 13.7 +2.0 +11.5 -10 13 4.4 7.2 14.0 +4.5 +14.0 -5 14 dB dB dB dB dBm dBm dBm dBm
Noise Figure Input IP3 LO Input Level
7.4 14.2
+3
IF Select=1, (IF1) RF=880MHz, LO=990MHz@-5dBm Mixer RF amp ON; ZLOAD =1k single-ended Mixer RF amp OFF Mixer RF amp ON Mixer RF amp OFF Mixer RF amp ON Mixer RF amp OFF Specifications Usable range IF Select=0, (IF2) RF=880MHz, LO=990MHz@-5dBm Mixer RF amp ON; ZLOAD =1k single-ended Mixer RF amp OFF Mixer RF amp ON Mixer RF amp OFF Mixer RF amp ON Mixer RF amp OFF Specifications Usable range
8-34
Rev A4 010828
Preliminary
Parameter
Mixer Isolation
LO to RF LO to RF RF to LO RF to LO LO to IF1 LO to IF2 IF1 to RF RF to IF1 IF2 to RF RF to IF2 40 33.5 56.5 54.5 24 28 50 43.5 49.5 43 42 35 63 60.5 36.5 42 51 44.5 50.5 45 24.5 24 15.9 15.4 2.8 2.7 5.3 5.4 -6.5 -6.4 +1.1 0 2.5 -6.0 17.4 24.5 +14.5 +19.0 dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dBm dBm dBm dBm dB dB dB dB dBm dBm
RF2492
Specification Min. Typ. Max. Unit Condition
Mixer RF amp ON Mixer RF amp OFF Mixer RF amp ON Mixer RF amp OFF Mixer RF amp ON Mixer RF amp ON Mixer RF amp ON Mixer RF amp ON Mixer RF amp ON Mixer RF amp ON IF Select=1, 3dB RF Filter Insertion Loss LNA set for max IIP3; Mixer RF amp ON LNA set for Nominal IIP3; Mixer RF amp ON LNA set for max IIP3; Mixer RF amp OFF LNA set for Nominal IIP3; Mixer RF ampOFF LNA set for max IIP3; Mixer RF amp ON LNA set for Nominal IIP3; Mixer RF amp ON LNA set for max IIP3; Mixer RF amp OFF LNA set for Nominal IIP3; Mixer RF ampOFF LNA set for max IIP3; Mixer RF amp ON LNA set for Nominal IIP3; Mixer RF amp ON LNA set for max IIP3; Mixer RF amp OFF LNA set for Nominal IIP3; Mixer RF ampOFF IF Select=1, 3dB RF Filter Insertion Loss Mixer RF amp ON Mixer RF amp OFF Mixer RF amp ON Mixer RF amp OFF Mixer RF amp ON Mixer RF amp OFF Freq=1930MHz to 1990MHz RF=1960MHz and 1961MHz LNA set for max IIP3 LNA set for Nominal IIP3 LNA set for max IIP3 LNA set for Nominal IIP3 LNA set for max IIP3 LNA set for Nominal IIP3
Cascade (LNA On)
Gain
Noise Figure
Input IP3
8
FRONT-ENDS
Cascade (LNA Off)
Gain Noise Figure Input IP3
PCS Band
LNA (On)
Gain Noise Figure Input IP3 1.7 +7.0 +0.5 -7.0 6.0 +20.0 13.0 13.0 14.8 14.0 1.5 1.8 +9.0 +3.5 -5.5 6.2 +25.0 dB dB dB dB dBm dBm dB dB dBm
1.9 1.9
LNA (Off)
Gain Noise Figure Input IP3 6.5
Mixer
Gain 11.5 2.0 8.0 15.0 +4.0 +14.0 -10 12.5 3.5 8.5 15.5 +6.0 +16.0 -5 dB dB dB dB dBm dBm dBm dBm
Noise Figure Input IP3 LO Input Level
9.0 16.0
+3
RF=1960MHz, LO=1035MHz@ -5dBm, IF Select=1 (IF1) Mixer RF amp ON; ZLOAD =1k single-ended Mixer RF amp OFF Mixer RF amp ON Mixer RF amp OFF Mixer RF amp ON Mixer RF amp OFF Specifications Usable range
Rev A4 010828
8-35
RF2492
Parameter
Mixer
Gain 11.0 2.0 8.0 15.0 +3.5 +14.0 -10 12.6 3.5 8.4 15.5 +6.0 +16.0 -5 dB dB dB dB dBm dBm dBm dBm dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dBm dBm dBm dBm dB dB dB dB dBm dBm V V mA mA mA mA mA mA mA mA
Preliminary
Specification Min. Typ. Max. Unit Condition
RF=1960MHz, LO =1035MHz@-5dBm, IF Select=0 (IF2) Mixer RF amp ON; ZLOAD =1k single-ended Mixer RF amp OFF Mixer RF amp ON Mixer RF amp OFF Mixer RF amp ON Mixer RF amp OFF Specifications Usable range Mixer RF amp ON Mixer RF amp OFF Mixer RF amp ON Mixer RF amp OFF Mixer RF amp ON Mixer RF amp ON Mixer RF amp ON Mixer RF amp ON Mixer RF amp ON Mixer RF amp ON 3dB RF Filter Insertion Loss LNA set for max IIP3; Mixer RF amp ON LNA set for Nominal IIP3; Mixer RF amp ON LNA set for max IIP3; Mixer RF amp OFF LNA set for Nominal IIP3; Mixer RF ampOFF LNA set for max IIP3; Mixer RF amp ON LNA set for Nominal IIP3; Mixer RF amp ON LNA set for max IIP3; Mixer RF amp OFF LNA set for Nominal IIP3; Mixer RF ampOFF LNA set for max IIP3; Mixer RF amp ON LNA set for Nominal IIP3; Mixer RF amp ON LNA set for max IIP3; Mixer RF amp OFF LNA set for Nominal IIP3; Mixer RF ampOFF 3dB RF Filter Insertion Loss Mixer RF amp ON Mixer RF amp OFF Mixer RF amp ON Mixer RF amp OFF Mixer RF amp ON Mixer RF amp OFF IF Select=1 Specifications Operating range Cellular; LNA On, Max IIP3,MixerRFampON Cellular;LNAOn,NomIIP3,Mixer RFamp ON Cellular; LNA Off, Mixer RF amp ON Cellular; LNA Off, Mixer RF amp OFF PCS; LNA On, Max IIP3, Mixer RF amp ON PCS; LNA On, Nom IIP3, Mixer RF amp ON PCS; LNA Off, Mixer RF amp ON PCS; LNA Off, Mixer RF amp OFF
Noise Figure Input IP3 LO Input Level
9.0 16.5
+3 57.5 63 52.5 55.5 55.5 59 51 34.5 50.5 42.5 24.3 23.5 15.3 14.5 2.6 3.1 5.7 6.3 -6 -5.6 +3.0 +1.5 4 -5 17 24 +14.0 +21.7 2.75
Mixer Isolation
LO to RF LO to RF RF to LO RF to LO LO to IF1 LO to IF2 IF1 to RF RF to IF1 IF2 to RF RF to IF2 55 54 49.8 52 54.5 58.5 49.5 33 49 41
8
FRONT-ENDS
Cascade (LNA On)
Gain
Noise Figure
Input IP3
Cascade (LNA Off)
Gain Noise Figure Input IP3
Power Supply
Supply Voltage 2.7 Supply Current 38 36 32 26 40.0 38.5 34.5 28.0 3.6 40 38 34 28 42.5 40.5 36.0 29.5
LNA Current
8-36
Rev A4 010828
Preliminary
State Table (Typical Values for VCC =2.75V and 3dB RF Filter Insertion Loss)
RF2492
Cellular PCS
Parameter
LNA On LNA Off LNA On LNA Off LNA at Max IIP3 LNA at Nom IIP3 LNA at Max IIP3 LNA at Nom IIP3 Mixer Mixer Mixer Mixer Mixer Mixer Mixer Mixer Mixer Mixer Mixer Mixer Amp On Amp Off Amp On Amp Off Amp On Amp Off Amp On Amp Off Amp On Amp Off Amp On Amp Off 24.5 2.8 -6.5 38 14.5 2.0 +7.5 15.9 5.3 +1.1 24 2.7 -6.4 36 14 1.8 +3 15.4 5.4 0 2 18.2 +14.9 32 -7.5 5.8 +21 -6.8 25.2 +19.5 26 -7.5 5.8 +21 24.3 2.6 -6 40 14.8 1.5 +9 15.3 5.7 +3 23.5 3.1 -5.6 38.5 14 1.8 +3.5 14.5 6.3 +1.5 4 17 +14 34.5 -5.5 6.2 25 -5 24 +21.7 28 -5.5 6.2 25
Cascade
Gain (dB) Noise Figure (dB) Input IP3 (dBm) Total Current
LNA
Gain (dB) Noise Figure (dB) Input IP3 (dBm) Isolation (dB) LNA Current (mA) 14.5 2.0 +7.5 14 1.8 +3 14.8 1.5 +9 14 1.8 +3.5
Mixer
Gain (dB) Noise Figure (dB) Input IP3 (dBm) LO Input Level (dBm) LO to RF Isolation(dB) Mixer Current (mA) 13 7 +5.1 -5 4.4 14 +13.8 -5 13 7 +5.1 -5 4.4 14 +13.8 -5 13 7 +5.1 -5 4.4 14 +13.8 -5 12.5 8.5 +6 -5 3.5 15.5 +16 -5 12.5 8.5 +6 -5 3.5 15.5 +16 -5 12.5 8.5 +6 -5 3.5 15.5 +16 -5
8
BAND SEL IF SEL
0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 X 1
Control Logic Table
LNA GAIN
1 1 1 0 0 1 1 1 0 0 1 1 1 0 0 X X
MIX GAIN
1 1 0 1 0 1 1 0 1 0 1 1 0 1 0 X X
LNA IP SEL
1 0 0 0 0 1 0 0 0 0 1 0 0 0 0 X X
ENABLE
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 1
PCS IF2 High Gain/High Linearity PCS IF2 High Gain/Nominal Linearity PCS IF2 Mid1 Gain PCS IF2 Mid2 Gain PCS IF2 Low Gain Cell IF2 High Gain/ High Linearity Cell IF2 High Gain/Nominal Linearity Cell IF2 Mid1 Gain Cell IF2 Mid2 Gain Cell IF2 Low Gain Cell IF1 High Gain/ High Linearity Cell IF1 High Gain/ Nominal Linearity Cell IF1 Mid1 Gain Cell IF1 Mid2 Gain Cell IF1 Low Gain Shutdown Not Defined
1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 X 1
Rev A4 010828
8-37
FRONT-ENDS
RF2492
Pin 1 2 3 4 5 6 7 8 9 10 11 12 Function LO IN VCC2 GND IF1+ IF1BYPASS IF2IF2+ IF SEL LNA IP SEL CELL LNA IN LNA GAIN SEL VCC1 MIX GAIN SEL CELL LNA OUT GND LNA ISET CELL MIX IN PCS LO OUT+ PCS LO OUTCELL LO OUT+ CELL LO OUTPCS MIX IN GND Description
LO input for both bands. Impedance is approximately (120-j25).
Preliminary
Interface Schematic
1k shunt resistor (static bleed). AC coupled to transistor base (internal DC block).
Power supply connection for internal LO amplifiers. External low-inductance bypass capacitor between 1nF and 47nF recommended. Ground connection. High-band IF output. Open collector. "Current combiner" IF interface to 1000 SAW filter recommended High-band IF output. Open collector. "Current combiner" IF interface to 1000 SAW filter recommended Pin requires external bypass capacitor between 1nF and 47nF. Low-band IF output. Open collector. "Current combiner" IF interface to 1000 SAW filter recommended Low-band IF output. Open collector. "Current combiner" IF interface to 1000 SAW filter recommended Logic input. High selects IF1 mixer; low selects IF2 mixer. Logic input. High selects external LNA current reference (pin 17); low selects internal LNA current reference. Low-band LNA input (base). Simple external matching required for best performance. Logic input. High selects maximum LNA gain; low selects minimum LNA gain. Power supply for internal references, logic, and mixer preamplifiers. Internal RF bypass capacitor. External bypass capacitor between 1nF and 47nF required. Logic input. High selects maximum mixer gain (mixer RF amp on); low selects minimum mixer gain (mixer RF amp off). Low-band LNA output (collector). Simple external L-C matching required. Ground connection. See evaluation board layout. External current reference for LNA. Resistor to ground sets LNA current when Pin 10 is high. 20k results in approximately 10mA LNA current. Higher resistance results in lower current. Low band mixer RF preamplifier input (base). External L-C network required for best performance. High-band buffered LO output. High-band buffered LO output. Low-band buffered LO output. Low-band buffered LO output. High-band mixer RF preamplifier input (base). External L-C network required for best performance. Ground connection. Keep traces physically short and connect immediately to ground plane (low-inductance ground required for best performance). Internal DC blocking capacitor. 1k shunt resistor (static bleed). Internal DC blocking capacitor. 1k shunt resistor (static bleed). Internal DC blocking capacitor. 1k shunt resistor (static bleed). Internal DC blocking capacitor. 1k shunt resistor (static bleed). Diode to VCC and Ground. CMOS logic interface. 2pF internal shunt capacitance. 2pF internal shunt capacitance.
2pF internal shunt capacitance. 2pF internal shunt capacitance. Diode to VCC and Ground. CMOS logic interface. Diode to VCC and Ground. CMOS logic interface.
8
FRONT-ENDS
13 14 15 16 17 18 19 20 21 22 23 24
Diode to VCC and Ground. CMOS logic interface.
8-38
Rev A4 010828
Preliminary
Pin 25 26 27 28 29 30 31 32 Die Flag Function PCS LNA OUT VCC2 GND2 GND2 GND2 PCS LNA IN BAND SEL X2 ENABLE GND Description
High-band LNA output (collector). Small external inductance required for best impedance match to 50. High-band LNA power supply connection. Small series inductance required. High-band LNA emitter. Low-inductance ground required. Same as pin 27. Same as pin 27. High-band LNA input (base). Simple external matching required for best performance. Logic input. High selects high-band operation; low selects low-band operation. Logic input. High enables LO doubler; low disables LO doubler. Low inductance ground connection critical to proper operation.
RF2492
Interface Schematic
Diode to VCC and Ground. CMOS logic interface. Diode to VCC and Ground. CMOS logic interface.
8
FRONT-ENDS
Rev A4 010828
8-39
RF2492
Pin Out
PCS LNA OUT PCS LNA IN X2 ENABLE BAND SEL
Preliminary
GND2
GND2
GND2
32 LO IN 1
31
30
29
28
27
26
VCC2
25 24 GND
VCC2 2
23 PCS MIX IN
GND 3
22 CELL LO OUT-
IF1+ 4
21 CELL LO OUT+
IF1- 5
20 PCS OUT-
BYPASS 6
19 PCS LO OUT+
IF2- 7
18 CELL MIX IN
8
FRONT-ENDS
IF2+ 8 9 IF SEL 10 LNA IP SEL 11 CELL LNA IN 12 LNA GAIN SEL 13 VCC1 14 MIX GAIN SEL 15 CELL LNA OUT 16 GND
17 LNA ISET
8-40
Rev A4 010828
Preliminary
Application Schematic
BAND SEL
RF2492
LNA H IN 120 LO IN X2 ENABLE 33 nF C2 47 nH 33 nF 36 nH 2.2 nH C1 F1 5
OUT
VCC
3
GND GND
2
IN
1
VCC
33 pF
1
24
47 nH
4
32
31
30
29
28
27
26
25
33 nF
GND GND
6
C1
VCC 18 pF
2
23
3 270 nH IF1 OUT 8 pF 180 nH 5 20 pF 4
22
VCO L OUT N
21
VCO L OUT P
20
VCO H OUT N
33 nF
6
19
VCO H OUT P
VCC
7
18
270 nH IF2 OUT 8 pF
180 nH
20 pF
8 9 10 11 12 13 14 15 16
17 47 nH C1
18 pF 27 k 33 nF 3
GND GND
6
GND GND
33 nF 4 pF
2
IN
5
OUT
7.5 nH
C2
33 nF VCC
5.6 nH VCC
4 pF
1
4
F2
8
FRONT-ENDS
IF SEL IP SET
LNA L IN LNA GAIN
MIX GAIN
LNA L OUT
NOTES: 1. C1's are not needed if filter DC impedance is open circuit (as is normally the case). 2. C2's are not needed if duplexer DC impedance is open circuit (as is normally the case). 3. IF interface shown is 50 @ 110 MHz.
Rev A4 010828
8-41
RF2492
Evaluation Board Schematic IF=110MHz
(Download Bill of Materials from www.rfmd.com.)
C28 33 nF R1 120 X2 ENABLE C27 33 nF C26 33 nF L13 47 nH L12 C25 33 nF 36 nH L11 2.2 nH C24 DNI C23 33 nF 3 BAND SEL
Preliminary
J1 LO IN
636.6 pS Delay 0.20 dB Line Loss
633.0 pS Delay 0.45 dB Line Loss
J11 LNA H IN VCC J10 LNA H OUT
637.6 pS Delay 0.45 dB Line Loss F1 5
OUT
GND GND
2 32 1 31 30 29 28 27 26 25 24 C22 33 nF L8 47 nH
IN
1
GND GND
4 C21 DNI
6
C20 33 nF
VCC VCC 460.0 pS Delay 0.02 dB Line Loss R3 DNI C2 8 pF L2 270 nH R2 0 L1 180 nH C3 20 pF C1 18 pF
2
23 6 5 4
IN GND
T1
GND
3 2
OUT
605.0 pS Delay 0.40 dB Line Loss
J9 MIX H IN
3
22
J2 IF1 OUT
4
21
IN
GND
1 421.3 pS Delay 0.11 dB Line Loss
J8 LO L OUT
5
20 4 5
IN GND
C4 33 nF
T2
IN
6
19
3 2 1 442.2 pS Delay 0.28 dB Line Loss C19 33 nF C18 DNI 644.7 pS Delay 0.17 dB Line Loss J7 LO H OUT J6 MIX L IN
GND
7 VCC L4 270 nH L3 180 nH
18 6
GND
IN
8
FRONT-ENDS
J3 IF2 OUT
522.7 pS Delay 0.03 dB Line Loss R5 DNI C6 8 pF
R4 0
C5 20 pF
8 9 10 11 12 13 14 15 16
17 L7 47 nH R6 27 k C17 33 nF
X2 ENABLE
C7 18 pF MIX GAIN C8 33 nF C9 33 nF L5 7.5 nH C10 33 nF C11 33 nF C12 33 nF J4 LNA L IN IF SEL IP SET 629.8 pS Delay 0.17 dB Line Loss LNA GAIN VCC MIX GAIN C13 33 nF C14 33 nF L6 5.6 nH
BAND SEL
LNA GAIN
3
GND GND
6
GND GND
IP SET
IF SEL
GND
GND
VCC
NC
2
IN
5
OUT
P1 P1-1 P1-2 P1-3 P1-4 P1-5 P1-6 P1-7
10
CON10
C15 4 pF
1
2
3
4
5
6
7
8
9
C16 DNI J5 LNA L OUT
1
4
F2
P1-8 + C29 1 uF
VCC
592.7 pS Delay 0.15 dB Line Loss
NOTE: T1 and T2 approximate insertion loss is ~2 dB.
8-42
Rev A4 010828
Preliminary
Evaluation Board Layout Board Size 3.0" x 3.0"
Board Thickness 0.0616", Board Material FR-4, Multi-Layer Assembly
RF2492
8
FRONT-ENDS
Rev A4 010828
8-43
RF2492
Top
Preliminary
8
FRONT-ENDS
Typical Inner Layer
8-44
Rev A4 010828
Preliminary
Back
RF2492
8
FRONT-ENDS
Rev A4 010828
8-45
RF2492
20.0
Preliminary
Resistor (R6) versus ICC (mA) LNA Low Band Only (LNA High Gain)
3.0 100.0 90.0
LNA Low Band Gain, Noise Figure and IIP3 versus ICC LNA Only (LNA High Gain)
15.0
2.5 80.0
Gain (dB) and IIP3 (dBm)
70.0
Noise Figure (dB)
10.0
2.0
60.0
5.0
1.5
R6 (k)
50.0 40.0 30.0 20.0
0.0
1.0
-5.0
Gain (dB) IIP3 (dBm) NF (dB)
0.5 10.0 0.0 12.0 0.0 2.00
-10.0 2.0 4.0 6.0 8.0 10.0
4.00
6.00
8.00
10.00
12.00
ICC (mA)
ICC (mA)
20.00
LNA High Band Gain, Noise Figure and IIP3 versus ICC LNA Only (LNA High Gain)
1.65
100.0 90.0
Resistor (R6) versus ICC (mA) LNA High Band Only (LNA High Gain)
15.00
1.60 80.0
Gain (dB) and IIP3 (dBm)
8
FRONT-ENDS
1.55
70.0
Noise Figure (dB)
10.00 1.50 5.00 1.45 0.00 1.40 Gain (dB) IIP3 (dBm) NF (dB) -10.00 2.00 4.00 6.00 8.00 10.00 1.30 12.00 1.35
60.0
R6 (k)
50.0 40.0 30.0 20.0 10.0 0.0 2.0 4.0 6.0 8.0 10.0 12.0
-5.00
ICC (mA)
ICC (mA)
8-46
Rev A4 010828
Preliminary
LNA Cellular Band
(Low Gain Mode)
-7.4 -7.5 21.0 -7.6 20.0 -7.7 22.0
RF2492
LNA Cellular Band
(Low Gain Mode)
IIP3 (dBm)
Gain (dB)
-7.8 -7.9 -8.0
19.0
18.0
17.0 -8.1 -8.2 -8.3 2.7 2.8 2.9 3.0 3.1 3.2 3.3 Gain, -30 Gain, 25 Gain, 85 16.0 IIP3, -30 IIP3, 25 IIP3, 85 2.7 2.8 2.9 3.0 3.1 3.2 3.3
15.0
VCC (V)
VCC (V)
LNA Cellular Band
(High Gain/Nominal IP Mode)
14.4 14.3 14.2 5.0 14.1 6.0
LNA Cellular Band
(High Gain/Nominal IP Mode)
5.5
8
FRONT-ENDS
IIP3, -30 IIP3, 25 IIP3, 85 2.7 2.8 2.9 3.0 3.1 3.2 3.3
IIP3 (dBm)
Gain, -30 Gain, 25 Gain, 85 2.7 2.8 2.9 3.0 3.1 3.2 3.3
Gain (dB)
14.0 13.9 13.8 13.7
4.5
4.0
3.5
3.0 13.6 13.5 13.4 2.5
2.0
VCC (V)
VCC (V)
LNA Cellular Band
(High Gain/Nominal IP Mode)
2.4 14.9 14.8 2.2 14.7 2.0 14.6 1.8
LNA Cellular Band
(High Gain/Max IP Mode)
Noise Figure (dB)
Gain (dB)
14.5 14.4 Gain, -30 14.3 Gain, 25 Gain, 85
1.6
1.4 14.2 1.2 NF, -30 NF, 25 NF, 85 2.7 2.8 2.9 3.0 3.1 3.2 3.3 14.1 14.0 2.7 2.8 2.9 3.0 3.1
1.0
3.2
3.3
VCC (V)
VCC (V)
Rev A4 010828
8-47
RF2492
LNA Cellular Band
(High Gain/Max IP Mode)
8.5 2.6
Preliminary
LNA Cellular Band
(High Gain/Max IP Mode)
2.4 8.0 2.2
Noise Figure (dB)
IIP3 (dBm)
7.5
2.0
1.8
7.0
1.6
1.4 6.5 IIP3, -30 IIP3, 25 IIP3, 85 6.0 2.7 2.8 2.9 3.0 3.1 3.2 3.3 1.0 2.7 2.8 2.9 3.0 3.1 3.2 3.3 NF, -30 1.2 NF, 25 NF, 85
VCC (V)
VCC (V)
LNA Cellular Band
(High Gain/Nominal IP Mode)
4.50 4.45 6.40 6.35 6.30 6.25
LNA Cellular Band
(High Gain /Max IP Mode)
8
FRONT-ENDS
ICC (mA)
4.40 4.35 4.30
ICC (mA)
6.20 6.15 6.10
4.25 4.20 4.15 4.10 4.05 4.00 2.70 Icc, -30 Icc, 25 Icc, 85 2.80 2.90 3.00 3.10 3.20 3.30
6.05 6.00 5.95 2.70 Icc, -30 Icc, 25 Icc, 85
2.80
2.90
3.00
3.10
3.20
3.30
VCC (V)
VCC (V)
8-48
Rev A4 010828
Preliminary
Cellular Band, Mixer IF1, Low Gain Mode,
LO @ -5 dBm
5.80 5.60 16.00 5.40 15.50 5.20 16.50
RF2492
Cellular Band, Mixer IF1, Low Gain Mode,
LO @ -5 dBm
IIP3 (dBm)
Gain, -30 Gain, 25 Gain, 85
Gain (dB)
5.00 4.80 4.60 4.40 4.20 4.00 2.75
15.00
14.50
14.00 IIP3, -30 IIP3, 25 IIP3, 85
13.50
2.85
2.95
3.05
3.15
3.25
3.35
13.00 2.75
2.85
2.95
3.05
3.15
3.25
3.35
VCC (V)
VCC (V)
Cellular Band, Mixer IF1, Low Gain Mode,
LO @ -5 dBm
14.00 15.00
Cellular Band, Mixer IF1, High Gain Mode,
LO @ -5 dBm
13.50 14.50 13.00
8
FRONT-ENDS
3.35 3.35
Noise Figure (dB)
12.50
12.00
Gain (dB)
14.00
11.50
13.50 Gain, -30 Gain, 25 Gain, 85 NF, -30 NF, 25 NF, 85 13.00
11.00
10.50
10.00 2.75
2.80
2.85
2.90
2.95
3.00
12.50 2.75
2.85
2.95
3.05
3.15
3.25
VCC (V)
VCC (V)
Cellular Band, Mixer IF1, High Gain Mode,
LO @ -5 dBm
9.00 8.00
Cellular Band, Mixer IF1, High Gain Mode,
LO @ -5 dBm
NF, -30 NF, 25 NF, 85
8.50
8.00
7.50
7.50
7.00
Noise Figure (dB)
IIP3, -30 IIP3, 25 IIP3, 85 2.85 2.95 3.05 3.15 3.25 3.35
IIP3 (dBm)
7.00
6.50
6.00
6.50
5.50
5.00 2.75
6.00 2.75
2.85
2.95
3.05
3.15
3.25
VCC (V)
VCC (V)
Rev A4 010828
8-49
RF2492
Cellular Band, Mixer IF1, High Gain Mode,
LO @ -5 dBm
63.00 15.0
Preliminary
Cellular Band, Mixer IF1, High Gain Mode,
VCC @ 2.75 V
62.00 14.5 61.00
LO to IF Isolation (dB)
14.0 60.00
59.00
Gain (dBm)
13.5
58.00 13.0 57.00 Isolation, -30 56.00 Isolation, 25 Isolation, 85 55.00 2.75 12.0 -10.0 12.5
Gain, -30 Gain, 25 Gain, 85
2.85
2.95
3.05
3.15
3.25
3.35
-8.0
-6.0
-4.0
-2.0
0.0
VCC (V)
LO (dBm)
Cellular Band, Mixer IF1, High Gain Mode,
5.7 IIP3, -30 IIP3, 25 IIP3, 85
Cellular Band, Mixer IF1, High Gain Mode,
LO @ -5 dBm
35.0
VCC = 2.75 V
5.6
34.5
8
FRONT-ENDS
IIP3 (dBm)
34.0 5.5 33.5
ICC (mA)
5.4
33.0
5.3
32.5 5.2 32.0 Icc, -30 5.1 31.5 Icc, 25 Icc, 85 5.0 -10.0 31.0 -8.0 -6.0 -4.0 -2.0 0.0 2.7 2.8 2.9 3.0 3.1 3.2 3.3
LO (dBm)
VCC (V)
Cellular LO Buffer Output, LOIN @ -5 dBm
-10.00
(T1 Insertion Loss Not Taken Into Consideration)
-10.50
Cellular LO Buffer Output (dBm)
-11.00
-11.50
-12.00
-12.50 Isolation, -30 Isolation, 25 Isolation, 85 -13.50 2.75
-13.00
2.85
2.95
3.05
3.15
3.25
3.35
VCC (V)
8-50
Rev A4 010828
Preliminary
LNA PCS Band
(Low Gain Mode)
-4.0 27.0
RF2492
LNA PCS Band
(Low Gain Mode)
-5.0
26.0
-6.0
IIP3 (dBm)
25.0 Gain, -30 Gain, 25 Gain, 85 -7.0 2.7 2.8 2.9 3.0 3.1 3.2 3.3 24.0 2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4
Gain (dB)
IIP3, -30 IIP3, 25 IIP3, 85
VCC (V)
VCC (V)
LNA PCS Band
(High Gain/Nominal IP Mode)
16.0 3.6 3.4 15.5 3.2 3.0
LNA PCS Band
(High Gain/Nominal IP Mode)
8
FRONT-ENDS
IIP3, -30 IIP3, 25 IIP3, 85 2.7 2.8 2.9 3.0 3.1 3.2 3.3
IIP3 (dBm)
Gain, -30 Gain, 25 Gain, 85 2.7 2.8 2.9 3.0 3.1 3.2 3.3
Gain (dB)
15.0
2.8 2.6 2.4 2.2 2.0
14.5
14.0
13.5
1.8
VCC (V)
VCC (V)
Rev A4 010828
8-51
RF2492
LNA PCS Band
(High Gain/Max IP Mode)
10.5 1.9 1.8 1.7 10.0 1.6
Preliminary
LNA PCS Band
(High Gain/Max IP Mode)
Noise Figure (dB)
1.5 1.4 1.3 1.2 1.1 1.0 NF, -30 NF, 25
IIP3 (dBm)
9.5
9.0 IIP3, -30 IIP3, 25 IIP3, 85 8.5 2.7 2.8 2.9 3.0 3.1 3.2 3.3
NF, 85
0.9 0.8 0.7 2.7 2.8 2.9 3.0 3.1 3.2 3.3
VCC (V)
VCC (V)
LNA PCS Band
(High Gain/Nominal IP)
4.45 4.40 6.35
LNA PCS Band
(High Gain Mode/Max IP Mode)
6.30
8
FRONT-ENDS
ICC (mA)
4.35 4.30
6.25
6.20 4.25 4.20 4.15 4.10 Icc, -30 4.05 4.00 2.70 Icc, 25 Icc, 85 2.80 2.90 3.00 3.10 3.20 3.30 5.95 2.70 2.80 2.90 3.00 3.10 3.20 3.30 6.00 6.05
ICC (mA)
6.15
Icc, -30 Icc, 25
6.10
Icc, 85
VCC (V)
VCC (V)
LNA PCS Band
(High Gain/Nominal IP Mode)
2.0 16.5
LNA PCS Band
(High Gain/Max IP Mode)
1.8 16.0 1.6
Noise Figure (dB)
1.4
1.2 NF, -30 1.0 NF, 25 NF, 85
Gain (dB)
15.5
15.0
14.5 0.8 Gain, -30 Gain, 25 Gain, 85 14.0 2.7 2.8 2.9 3.0 3.1 3.2 3.3 2.7 2.8 2.9 3.0 3.1 3.2 3.3
0.6
VCC (V)
VCC (V)
8-52
Rev A4 010828
Preliminary
RF2492
PCS Band, Mixer IF1, Low Gain Mode,
LO @ -5 dBm
18.50 15.00
PCS Band, Mixer IF1, High Gain Mode,
LO @ -5 dBm
18.00
14.50
17.50
8
14.00
Noise Figure (dB)
Gain (dB)
17.00
13.50
16.50 NF, -30 16.00 NF, 25 NF, 85 15.50
13.00
12.50
Gain, -30 Gain, 25 Gain, 85
15.00 2.75
2.85
2.95
3.05
3.15
3.25
3.35
12.00 2.75
2.85
2.95
3.05
3.15
3.25
3.35
VCC (V)
VCC (V)
Rev A4 010828
8-53
FRONT-ENDS
RF2492
PCS Band, Mixer IF1, High Gain Mode PCS Band, Mixer IF1, Low Mode,
LO @ -5 dBm
5.00 57.16 57.14 57.12 4.50 57.10 14.5 21.00 22.00 15.0
Preliminary
PCS Band, Mixer IF1, High Gain Mode, PCS Low Gain Mode,
LO @ -5 dBm VCC @ 2.75 V
LO to IF Isolation (dB) Gain (dB)
Isolation, 25 Isolation, 85
57.06 57.04 3.50 57.02 57.00 3.00 56.98 56.96 2.50 56.94 2.75 2.75
Gain (dBm) IIP3 (dBm)
57.08 4.00
Isolation, -30
14.0 20.00 13.5 19.00 13.0 Gain, -30 Gain, 25 Gain, 85 18.00 12.5
Gain, -30 Gain, 25 Gain, 85
IIP3, -30 IIP3, 25 IIP3, 85 2.85 -8.0 2.95 -6.0 3.05 -4.0 3.15 3.25 -2.0 3.35 0.0
2.85 2.85
2.95 2.95
3.05 3.05
3.15 3.15
3.25
3.35
17.00 12.0 2.75 -10.0
VCC (V) VCC (V)
LO CC (V) V (dBm)
PCS Band, Mixer IF1, High Gain Mode,
7.9 7.8
PCS Band, Mixer IF1, High Gain Mode,
LO @ -5 dBm
37.0 36.5 36.0 35.5
VCC = 2.75 V
8
FRONT-ENDS
IIP3 (dBm)
7.7 7.6 7.5
ICC (mA)
35.0 34.5 34.0
7.4 7.3 7.2 7.1 7.0 6.9 -10.0 IIP3, -30 IIP3, 25 IIP3, 85 -8.0 -6.0 -4.0 -2.0 0.0
33.5 Icc, -30 33.0 32.5 2.7 2.8 2.9 3.0 3.1 3.2 3.3 Icc, 25 Icc, 85
LO (dBm)
VCC (V)
PCS Band, Mixer IF1, HighIN @ -5 dBm PCS LO Buffer Output, LO Gain Mode,
11.00 -10.00
PCS Band, Mixer IF1, High Gain Mode,
LO @ -5 dBm
10.00
(T2 Insertion LossLO @ -5 dBm Consideration) Not Taken Into
-10.50
Cellular LO Buffer Output (dBm) IIP3 (dBm)
10.00 -11.00
-11.50 9.00 -12.00 8.00 -12.50
Noise Figure (dB)
9.00
8.00
-13.00 7.00 -13.50
Isolation, -30 IIP3, -30 Isolation, 25 IIP3, 25 Isolation, 85 IIP3, 85 2.85 2.85 2.95 2.95 3.05 3.05 3.15 3.15 3.25 3.35 7.00 2.75 2.80 2.85 2.90
NF, -30 NF, 25 NF, 85
-14.00 6.00 2.75 2.75
2.95
3.00
VCC (V) VCC (V)
VCC (V)
8-54
Rev A4 010828


▲Up To Search▲   

 
Price & Availability of RF2492

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X