Part Number Hot Search : 
H1089NL 74LS34 G1200 30AR1 16LT1 230D1 TC405 PI2127
Product Description
Full Text Search
 

To Download PN2907A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
PN2907A
Through Hole Package Capable of 600mWatts of Power Dissipation
Pin Configuration Bottom View
PNP General Purpose Amplifier
TO-92
A E
C
B
E
Electrical Characteristics @ 25C Unless Otherwise Specified
Symbol Parameter Collector-Emitter Breakdown Voltage* (I C=10mAdc, IB=0) Collector-Base Breakdown Voltage (I C=10Adc, IE=0) Emitter-Base Breakdown Voltage (I E=10Adc, IC=0) Base Cutoff Current (VCE=30Vdc, VBE=0.5Vdc) Collector Cutoff Current (VCE=30Vdc, VBE=0.5Vdc) Collector Cutoff Current (VCB=50Vdc, IE=0) (VCB=50Vdc, IE=0, TA=150C) DC Current Gain* (I C=0.1mAdc, VCE=10Vdc) (I C=1.0mAdc, VCE=10Vdc) (I C=10mAdc, VCE=10Vdc) (I C=150mAdc, VCE=10Vdc) (I C=500mAdc, VCE=10Vdc) Collector-Emitter Saturation Voltage (I C=150mAdc, IB=15mAdc) (I C=500mAdc, IB=50mAdc) Base-Emitter Saturation Voltage (I C=150mAdc, IB=15mAdc) (I C=500mAdc, IB=50mAdc) Current Gain-Bandwidth Product (I C=50mAdc, VCE=20Vdc, f=100MHz) Output Capacitance (VCB=10Vdc, IE=0, f=100kHz) Input Capacitance (VEB=2.0Vdc, IC=0, f=100kHz) Delay Time (VCC=3.0Vdc, IC=150mAdc, Rise Time IB1=15mAdc) Storage Time (VCC=3.0Vdc, IC=150mAdc Fall Time IB1=IB2=15mAdc) 300s, Duty Cycle 2.0% Min 60 60 5.0 50 50 Max Units Vdc Vdc Vdc nAdc nAdc Adc
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO IBL ICEX ICBO
B
0.1 10.0
C
ON CHARACTERISTICS
hFE 75 100 100 100 50
300 D 0.4 1.6 1.3 2.6 Vdc
VCE(sat)
VBE(sat)
Vdc G
SMALL-SIGNAL CHARACTERISTICS
fT Ccbo Cibo 200 8.0 30.0 10 40 80 30 MHz pF pF ns ns ns ns
DIM A B C D E G
DIMENSIONS INCHES MIN .175 .175 .500 .016 .135 .095 MM MIN 4.45 4.45 12.70 0.41 3.43 2.42
SWITCHING CHARACTERISTICS
td tr ts tf *Pulse Width
MAX .185 .185 --.020 .145 .105
MAX 4.70 4.70 --0.63 3.68 2.67
NOTE
www.mccsemi.com
PN2907A
DC Current Gain vs Collector Current 300 VCE = 10V 250 200 hFE 150 100 50 VBE(ON) - (V) 0.6 0.4 T = 100C A 0.2 0 0.1 1.2 1.0 0.8
MCC
Base-Emitter ON Voltage vs Collector Current VCE = 5.0V TA = 25C
0.1
1 IC (mA)
10
100
1.0 IC - (mA)
10
100
Pulsed Base Saturation Volatge vs Collector Current -1.5 IC/IB = 10 -1.3 -1.1 VBE(SAT) - (V) -0.9 VCE(SAT) - (V) -.1 -.5
Pulsed Collector Saturation Voltage vs Collector Current IC/IB = 10
-0.7 -.05 -0.5 0 -1.0 -.02 -1.0
-10
-100 IC - (mA)
-1000
-10 IC - (mA)
-100
-1000
Collector Reverse Current vs Reverse Bias Voltage 100 0 TA = 25C 100 ICES - (A) 10 pF
Input and Output Capacitances vs Reverse Bias Voltage 20 TA = 25C 16 CIBO
12
8 4 1.0 0 -10 -20 -30 VCE - (V) -40 -50 -60 0 -0.1
COBO
-1.0 Volts - (V)
-10
www.mccsemi.com
PN2907A
Maximum Power Dissipation vs Ambient Temperature 800 1000
MCC
Turn On and Turn Off Times vs Collector Current TO-92 toff 100 T - (ns) ton 10
600 PD(MAX) - (mW) 400
200 SOT-23 0 0 50 100 TA - (C) Contours of Constant Gain Bandwidth Product (fT) 1000 -10 -8 100 VCE - (V) -4 -1.0 -.8 -.4 0 -0.1 1.0 -1.0 -10 IC - (mA) *25MHz increments from 50 to 200MHz -100 10 td 100 IC - (mA) 1000 T - (ns) ts tf tr IB1 = IB2 = IC/10 150 200 1.0 10 IB1 = IB2 = IC/10 VCC(OFF) = 15V 100 IC - (mA) Switching Times vs Collector Current 1000
10
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of PN2907A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X