Part Number Hot Search : 
LVA82A ES18C03 WD9914 AVXXX 2907A 7D0N65P MMAD1103 ISL28474
Product Description
Full Text Search
 

To Download PN2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PN2222 / PN2222A
PN2222 / PN2222A NPN
Version 2006-09-12 Power dissipation Verlustleistung
CBE
Si-Epi-Planar Switching Transistors Si-Epi-Planar Schalttransistoren
NPN
625 mW TO-92 (10D3) 0.18 g
16
Plastic case Kunststoffgehause
18
Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
2 x 2.54
Dimensions - Mae [mm]
Maximum ratings (TA = 25C)
9
Grenzwerte (TA = 25C) PN2222 (2N2222) PN2222A (2N2222A) 40 V 75 V 6V 625 mW 1) 600 mA -55...+150C -55...+150C
Collector-Emitter-volt. - Kollektor-Emitter-Spannung Collector-Base-voltage - Kollektor-Basis-Spannung Emitter-Base-voltage - Emitter-Basis-Spannung Power dissipation - Verlustleistung Collector current - Kollektorstrom (dc) Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
B open E open C open
VCEO VCBO VEBO Ptot IC Tj TS
30 V 60 V 5V
Characteristics (Tj = 25C) Min. DC current gain - Kollektor-Basis-Stromverhaltnis ) IC IC IC IC = = = = 0.1 mA, 1 mA, 10 mA, 150 mA, VCE VCE VCE VCE = = = = 10 10 10 10 V V V V PN2222 PN2222A PN2222A PN2222A PN2222A PN2222A PN2222A PN2222A hFE hFE hFE hFE hFE hFE hfe hfe hie hie hoe hoe 35 50 75 100 30 40 50 75
2
Kennwerte (Tj = 25C) Typ. - - - - - - - - - - - - Max. - - - 300 - - 300 375 8 k 1.25 k 35 S 200 S
IC = 500 mA,
VCE = 10 V
h-Parameters at/bei VCE = 10 V, f = 1 kHz, IC = 1 mA / 10 mA Small signal current gain Kleinsignal-Stromverstarkung Input impedance - Eingangs-Impedanz Output admittance - Ausgangs-Leitwert
2 k 0.25 k 5 S 25 S
1 2
Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschluss Tested with pulses tp = 300 s, duty cycle 2% - Gemessen mit Impulsen tp = 300 s, Schaltverhaltnis 2% http://www.diotec.com/
(c) Diotec Semiconductor AG
1
PN2222 / PN2222A Characteristics (Tj = 25C) Min. Collector-Emitter saturation voltage - Kollektor-Sattigungsspannung 2) IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA PN2222 PN2222A PN2222 PN2222A PN2222 PN2222A PN2222 PN2222A PN2222 PN2222A PN2222 PN2222A PN2222A VCEsat VCEsat VCEsat VCEsat VBEsat VBEsat VBEsat VBEsat ICBO ICBO ICBO ICBO IEB0 fT CCBO CEBO PN2222A F td tr ts tf RthA - - - - - 0.65 V - - - - - - - 250 MHz - - - - - - - - - - - - - - - - - - - -- - - - - - - - < 200 K/W 1) PN2709 / PN2709A 0.4 V 0.3 V 1.6 V 1.0 V 1.3 V 1.2 V 2.6 V 2.0 V 10 nA 10 nA 10 A 10 A 100 nA - 8 pF 30 pf 4 dB 10 ns 25 ns 225 ns 60 ns Kennwerte (Tj = 25C) Typ. Max.
Base-Emitter saturation voltage - Basis-Sattigungsspannung 2) IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA
Collector-Base cutoff current - Kollektor-Basis-Reststrom VCB = 50 V, (E open) VCB = 60 V, (E open) VCB = 50 V, Tj = 125C, (E open) VCB = 60 V, Tj = 125C, (E open) VEB = 3 V, (C open) Gain-Bandwidth Product - Transitfrequenz VCE = 20 V, IC = 20 mA, f = 100 MHz Collector-Base Capacitance - Kollektor-Basis-Kapazitat VCB = 10 V, IE = ie = 0, f = 1 MHz Emitter-Base Capacitance - Emitter-Basis-Kapazitat VEB = 0.5 V, IC = ic = 0, f = 1 MHz Noise figure - Rauschzahl VCE = 10 V, IC = 100 A, RG = 1 k, f = 1 kHz delay time rise time storage time fall time Switching times - Schaltzeiten (between 10% and 90% levels) VCC = 3 V, VBE = 0.5 V IC = 150 mA, IB1 = 15mA VCC = 3 V, IC = 150 mA, IB1 = IB2 = 15 mA
Emitter-Base cutoff current - Emitter-Basis-Reststrom
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Recommended complementary PNP transistors Empfohlene komplementare PNP-Transistoren
2 1
Tested with pulses tp = 300 s, duty cycle 2% - Gemessen mit Impulsen tp = 300 s, Schaltverhaltnis 2% Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschluss http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of PN2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X