Part Number Hot Search : 
MP5410EQ C3506 RF2617 SK451 2N1870A C3506 C3506 6LFXC
Product Description
Full Text Search
 

To Download PM4319 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
OCTAL T1/E1/J1 Short Haul Line Interface Device
FEATURES
* Monolithic device which integrates 8 T1/J1 or E1 short haul line interface circuits. * Software-selectable between T1/J1 and E1 operation on a per-device basis. * Meets or exceeds T1/J1 and E1 short haul network access specifications including ANSI T1.102, T1.403, T1.408, AT&T TR 62411, ITU-T G.703, G.704 as well as ETSI 300-011, CTR4, CTR-12 and CTR-13. * Provides encoding and decoding of B8ZS, HDB3 and AMI line codes. * Provides clock recovery and line performance monitoring. * Provides transmit and receive jitter attenuation. * Provides support for redundancy. * Provides digitally programmable pulse templates. * Provides a selectable, per channel independent de-jittered T1 or E1 recovered clock for system timing and redundancy. * Provides PRBS generators and detectors on each tributary for error testing at DS1 and E1 rates as recommended in ITU-T O.151. * Provides an 8-bit microprocessor bus interface for configuration, control, and status monitoring. * Provides line and digital loopback modes. * Supports programmable inband loopback codes. * Uses line rate system clock. * Provides an IEEE 1149.1 (JTAG) compliant test access port (TAP) and controller for boundary scan test. * Provides a microprocessor-readable general purpose input pin and a microprocessor-writable general purpose output pin.
PM4319 OCTLIU-SH
SYSTEM INTERFACE
* High-density SBI bus interface. Supports seamless interconnection of up to 11 OCTLIU-SHs to TE-32, TEMAP-84 and AAL1gator-32 using only 27 wires.
RECEIVE SECTION
* Supports T1 signal reception at 772 kHz and E1 signal reception at 1.024 MHz for distances with up to 6 dB of cable attenuation. * Performs B8ZS or AMI decoding when processing a bipolar DS-1 signal, and HDB3 decoding when processing a bipolar E1 signal. * Tolerates more than 0.3 UI peak-topeak, high frequency jitter as required by AT&T TR 62411 and Bellcore TRTSY-000170. * Detects line code violations, B8ZS/ HDB3 line code signatures, loss of signal, and successive zeroes conditions. * Supports G.772 compliant nonintrusive protected monitoring points.
POWER
* Implemented in a low power 3.3 V tolerant 1.8/3.3 V CMOS technology.
PACKAGE
* Available in a high density 288-pin Tape-SBGA (23 mm x 23 mm) package. * Provides a -40 C to +85 C industrial temperature operating range.
BLOCK DIAGRAM
TXTIP1[8:1] TXTIP2[8:1] TXRING1[8:1] TXRING2[8:1] XLPG Transmit LIU TJAT Digital Jitter Attenuator LCODE AMI / B8ZS / HDB3 Line Encoder XPDE Pulse Density Enforcer XIBC Inband Loopback Code Generator
ADATA[7:0] Tx Data Tx Clock EXSBI-8 SBI Extract ADP APL AV5
(Diagnostic Digital Loopback) PMON Performance Monitor (Line Loopback) Rx Data INSBI-8 RXTIP[8:1] RXRING[8:1] RLPS Receive LIU CDRC Clk/Data Recovery PDVD Pulse Density Viol. Detector IBCD Inband Loop back Code Detector RJAT Digital Jitter Attenuator SBI Insert Rx Clock PRBS Pattern Generator / Detector
REFCLK AC1FP DC1FP
C1FPOUT DDATA[7:0] DDP DPL DV5 DACTIVE
LIU Octant x 8 TXHIZ/LLB RSTB XCLK RSYNC CSD Clock Synthesis / Distribution TOPS Timing Options LOS Serial Output
JTAG
uP Interface
D[7:0]
A[10:0]
ALE
CSB
WRB
RDB
INTB
PI
PO
LOS LOS_L1
TCK
TMS
TDI
TDO
TRSTB
PMC-2012171 (p2)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS' INTERNAL USE
(c) Copyright PMC-Sierra, Inc. 2001
Preliminary PM4319 OCTLIU-SH
OCTAL T1/E1/J1 Short Haul Line Interface Device
TRANSMIT SECTION
* Generates DSX-1 short haul pulses with programmable pulse shape compatible with AT&T, ANSI and ITU requirements. * Generates E1 pulses compliant to G.703 recommendations. * Provides line outputs that are current limited and may be tristated for protection or redundant applications. * Provides a digital phase locked loop for generation of a low jitter transmit clock complying with all jitter attenuation, jitter transfer, and residual jitter specifications of AT&T TR 62411 and ETSI TBR 12 and TBR 13. * Provides a FIFO buffer for jitter attenuation and rate conversion in the transmit path. * Supports all ones transmission for alarm indication signal (AIS) generation.
APPLICATIONS
* Add/Drop Multiplexers. * Edge Router Linecards. * Multiservice ATM Switch Linecards. * 3G Wireless Equipment. * Digital Private Branch Exchanges (PBX). * Digital Access Cross-Connect Systems (DACS).
TYPICAL APPLICATIONS
ANY SERVICE ANY PORT
SBI PM4319 OCTLIU-SH SBI PM7385 FREEDM84A672 APPI
Any-PHY Bus
Utopia L2/ Any-PHY
Packet/Cell Internetworking Function
Utopia
PM4319 OCTLIU-SH
PM4332 TE-32 PM73122 AAL1gator-32
PM7329 S/UNI-APEX1K800
PM4319 OCTLIU-SH
PM7328 S/UNIATLAS1K800
PM4319 OCTLIU-SH
PM7341 IMA-84
SONET/SDH ADD DROP MULTIPLEXER (ADM) WITH VT CROSS-CONNECT
Telecom PM5313 SPECTRA622 Working PM8621 NSE-8G Telecom PM5313 SPECTRA622 PM5363 TUPP-622 PM8611 SBSLITE PM8611 SBSLITE
Telecom PM5366 TEMAP-84
SBI 11 x OCTLIU-SH PM4319 PM4318 OCTLIU-SH OCTLIU
PM5363 TUPP-622
PM8611 SBSLITE
Protect PM8621 NSE-8G
Telecom PM8611 SBSLITE PM5366 TEMAP-84
SBI
11 x OCTLIU-SH PM4318 PM4319 OCTLIU OCTLIU-SH
Telecom PM8611 SBSLITE PM5366 TEMAP-84 DS3 DS3 LIU DS3 LIU LIU
Head Office: PMC-Sierra, Inc. 8555 Baxter Place Burnaby, B.C. V5A 4V7 Canada Tel: +1.604.415.6000 Fax: +1.604.415.6200
To order documentation, send email to: document@pmc-sierra.com or contact the head office, Attn: Document Coordinator
All product documentation is available on our web site at: http://www.pmc-sierra.com For corporate information, send email to: info@pmc-sierra.com
PMC-2012171 (p2) (c) Copyright PMC-Sierra, Inc. 2001. All rights reserved. November 2001. S/UNI is a registered trademark of PMCSierra, Inc. Any-PHY, SBI, FREEDM-84A672, AAL1gator-32, TE-32, SPECTRA-622, SBSLITE, TEMAP-84, and PMC-Sierra are trademarks of PMC-Sierra, Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS' INTERNAL USE


▲Up To Search▲   

 
Price & Availability of PM4319

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X